Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IS31AP2111 Datasheet(PDF) 2 Page - Integrated Silicon Solution, Inc

Part # IS31AP2111
Description  2횞20W STEREO DIGITAL AUDIO AMPLIFIER
Download  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ISSI [Integrated Silicon Solution, Inc]
Direct Link  http://www.issi.com
Logo ISSI - Integrated Silicon Solution, Inc

IS31AP2111 Datasheet(HTML) 2 Page - Integrated Silicon Solution, Inc

  IS31AP2111 Datasheet HTML 1Page - Integrated Silicon Solution, Inc IS31AP2111 Datasheet HTML 2Page - Integrated Silicon Solution, Inc IS31AP2111 Datasheet HTML 3Page - Integrated Silicon Solution, Inc IS31AP2111 Datasheet HTML 4Page - Integrated Silicon Solution, Inc IS31AP2111 Datasheet HTML 5Page - Integrated Silicon Solution, Inc IS31AP2111 Datasheet HTML 6Page - Integrated Silicon Solution, Inc IS31AP2111 Datasheet HTML 7Page - Integrated Silicon Solution, Inc IS31AP2111 Datasheet HTML 8Page - Integrated Silicon Solution, Inc IS31AP2111 Datasheet HTML 9Page - Integrated Silicon Solution, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 31 page
background image
IS31AP2111
Integrated Silicon Solution, Inc. – www.issi.com
2
Rev. 0A, 09/10/2014
TYPICAL APPLICATION CIRCUIT
Figure 1 Typical Application Circuit (for BTL Stereo, Single-ended Input)
Figure 2 Typical Application Circuit (Economic Type, Moderate EMI Suppression)
Note 1: These capacitors should be placed as close to speaker jack as possible, and their values should be determined according to EMI test
results.
Note 2: When concerning about short-circuit protection, it is suggested using the choke with its IDC larger than 5A.
Note 3: The snubber circuit can be removed while the VCC
≤20V.


Similar Part No. - IS31AP2111

ManufacturerPart #DatasheetDescription
logo
Integrated Silicon Solu...
IS31AP2110 ISSI-IS31AP2110 Datasheet
397Kb / 16P
   20W STEREO CLASS-D AUDIO AMPLIFIER WITH POWER LIMIT
IS31AP2110-ZLS2-TR ISSI-IS31AP2110-ZLS2-TR Datasheet
420Kb / 19P
   20W STEREO CLASS-D AUDIO AMPLIFIER WITH POWER LIMIT AND DYNAMIC TEMPERATURE CONTROL
IS31AP2117 ISSI-IS31AP2117 Datasheet
282Kb / 9P
   8W/CH STEREO CLASS-D AUDIO POWER AMPLIFIER
IS31AP2118 ISSI-IS31AP2118 Datasheet
310Kb / 9P
   15W STEREO CLASS-D AUDIO POWER AMPLIFIER
More results

Similar Description - IS31AP2111

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TAS5701 TI-TAS5701_15 Datasheet
961Kb / 28P
[Old version datasheet]   20-W STEREO DIGITAL AUDIO POWER AMPLIFIER
logo
Elite Semiconductor Mem...
AD82551A ESMT-AD82551A Datasheet
187Kb / 3P
   Stereo Digital Audio Amplifier with Headphone Driver
logo
Texas Instruments
TAS5701 TI-TAS5701 Datasheet
628Kb / 26P
[Old version datasheet]   20-W STEREO DIGITAL AUDIO POWER AMPLIFIER
TAS5710 TI-TAS5710 Datasheet
628Kb / 26P
[Old version datasheet]   20-W STEREO DIGITAL AUDIO POWER AMPLIFIER
logo
Elite Semiconductor Mem...
AD82550A ESMT-AD82550A Datasheet
186Kb / 3P
   Stereo Digital Audio Amplifier with Headphone Driver
logo
Texas Instruments
TAS5701 TI1-TAS5701_17 Datasheet
1Mb / 28P
[Old version datasheet]   20-W STEREO DIGITAL AUDIO POWER AMPLIFIER
logo
Eutech Microelectronics...
EUA2306 EUTECH-EUA2306 Datasheet
93Kb / 1P
   20-W Stereo Digital Audio Power Amplifier
logo
Elite Semiconductor Mem...
AD82587D ESMT-AD82587D Datasheet
764Kb / 45P
   2X20W Stereo / 1X40W Mono Digital Audio Amplifier
Revision: 1.6
logo
Avic Technology
AV2025 AVICTEK-AV2025 Datasheet
160Kb / 4P
   STEREO AUDIO AMPLIFIER
logo
Unisonic Technologies
TEA2025A UTC-TEA2025A_15 Datasheet
285Kb / 7P
   STEREO AUDIO AMPLIFIER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com