Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IS29GL256H-70DLA Datasheet(PDF) 2 Page - Integrated Silicon Solution, Inc

Part # IS29GL256H-70DLA
Description  16-word/32-byte page read buffer
Download  70 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ISSI [Integrated Silicon Solution, Inc]
Direct Link  http://www.issi.com
Logo ISSI - Integrated Silicon Solution, Inc

IS29GL256H-70DLA Datasheet(HTML) 2 Page - Integrated Silicon Solution, Inc

  IS29GL256H-70DLA Datasheet HTML 1Page - Integrated Silicon Solution, Inc IS29GL256H-70DLA Datasheet HTML 2Page - Integrated Silicon Solution, Inc IS29GL256H-70DLA Datasheet HTML 3Page - Integrated Silicon Solution, Inc IS29GL256H-70DLA Datasheet HTML 4Page - Integrated Silicon Solution, Inc IS29GL256H-70DLA Datasheet HTML 5Page - Integrated Silicon Solution, Inc IS29GL256H-70DLA Datasheet HTML 6Page - Integrated Silicon Solution, Inc IS29GL256H-70DLA Datasheet HTML 7Page - Integrated Silicon Solution, Inc IS29GL256H-70DLA Datasheet HTML 8Page - Integrated Silicon Solution, Inc IS29GL256H-70DLA Datasheet HTML 9Page - Integrated Silicon Solution, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 70 page
background image
Integrated Silicon Solution, Inc. - www.issi.com
Rev. 00A
08/08/2014
2
IS29GL256H/L
FEATURES
 Single power supply operation
- Full voltage range: 2.7 to 3.6 volts read and
write operations
 High performance
- Access times as fast as 70ns
 V
IO Input/Output 1.65 to 3.6 volts
- All input levels (address, control, and DQ input
levels) and outputs are determined by voltage
on VIO input. VIO range is 1.65 to VCC
 16-word/32-byte page read buffer
 256-word/512-byte write buffer reduces overall
programming time for multiple-word updates
 Secured Silicon Sector (SSR) region
- 512-word/1024-byte sector for permanent,
secure identification
- 256-word Factory Locked SSR and 256-word
Customer Locked SSR
 Uniform 64Kword/128KByte Sector
Architecture 256 sectors
 Suspend and Resume commands for Program
and Erase operations
 Write operation status bits indicate program
and erase operation completion
 Support for CFI (Common Flash Interface)
 Persistent methods of Advanced Sector
Protection
 WP#/ACC input
- Accelerates programming time (when VHH is
applied) for greater throughput during system
production
- Protects first or last sector regardless of sector
protection settings
 Hardware reset input (RESET#) resets device
 Ready/Busy# output (RY/BY#) detects
program or erase cycle completion
 Minimum 100K program/erase endurance
cycles.
 Package Options
- 56-pin TSOP
- 64-ball 11mm x 13mm BGA
- 64-ball 9mm x 9mm BGA
- 56-ball 7mm x 9mm BGA
 Temperature Range
- Extended Grade: -40°C to +105°C
- V Grade (Hybrid): -40°C to +125°C
- Automotive Grade: up to +125°C
GENERAL DESCRIPTION
The IS29GL256 offers a fast page access time of 25ns with a corresponding random access time as
fast as 70ns. It features a Write Buffer that allows a maximum of 256 words/512 bytes to be
programmed in one operation, resulting in faster effective programming time than standard
programming algorithms. This makes the
device ideal for today’s embedded applications that require
higher density, better performance and lower power consumption.
IS29GL256
256 Megabit (32768K x 8-bit / 16384K x 16-bit) Flash Memory
Page mode Flash Memory, CMOS 3.0 Volt-only
ADVANCED INFORMATION


Similar Part No. - IS29GL256H-70DLA

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
IS290 TOSHIBA-IS290 Datasheet
157Kb / 1P
   1W epoxy seal type
IS291 TOSHIBA-IS291 Datasheet
157Kb / 1P
   1W epoxy seal type
IS292 TOSHIBA-IS292 Datasheet
157Kb / 1P
   1W epoxy seal type
IS293 TOSHIBA-IS293 Datasheet
157Kb / 1P
   1W epoxy seal type
IS294 TOSHIBA-IS294 Datasheet
157Kb / 1P
   1W epoxy seal type
More results

Similar Description - IS29GL256H-70DLA

ManufacturerPart #DatasheetDescription
logo
OKI electronic componet...
MSM511664C OKI-MSM511664C Datasheet
240Kb / 16P
   65,536-Word X 16-Bit DYNAMIC RAM : FAST PAGE MODE TYPE (BYTE WRITE)
logo
Sanyo Semicon Device
LC322260J SANYO-LC322260J Datasheet
766Kb / 33P
   2 MEG (131072 words X 16 bits) DRAM Fast Page Mode, Byte Read/Write???
logo
OKI electronic componet...
MR27V3255D OKI-MR27V3255D Datasheet
56Kb / 10P
   1,048,576-Double Word x 32-Bit or 2,097,152-Word x 16-Bit 8-Double Word x 32-Bit or 16-Word x 16-Bit Page Mode One Time PROM
logo
STMicroelectronics
M34S32 STMICROELECTRONICS-M34S32 Datasheet
156Kb / 18P
   32K Serial I2C Bus EEPROM With User-Defined Read-Only Block and 32-Byte OTP Page
logo
List of Unclassifed Man...
MR36V04G54S ETC2-MR36V04G54S Datasheet
215Kb / 9P
   128M-Word x 32-Bit Page Mode P2ROM
logo
OKI electronic componet...
MSM27V1655CZ OKI-MSM27V1655CZ Datasheet
91Kb / 12P
   524,288-Double Word x 32-Bit or 1,048,576-Word x 16-Bit 4-Double Word x 32-Bit or 8-Word x 16-Bit Page Mode One Time PROM
MSM511666C OKI-MSM511666C Datasheet
242Kb / 16P
   65,536-Word X 16-Bit DYNAMIC RAM : FAST PAGE MODE TYPE WITH EDO (BYTE WRITE)
logo
NEC
UPD23C16040BL NEC-UPD23C16040BL Datasheet
367Kb / 24P
   16M-BIT MASK-PROGRAMMABLE ROM 2M-WORD BY 8-BIT (BYTE MODE) / 1M-WORD BY 16-BIT (WORD MODE) PAGE ACCESS MODE
UPD23C64040JL NEC-UPD23C64040JL Datasheet
270Kb / 24P
   64M-BIT MASK-PROGRAMMABLE ROM 8M-WORD BY 8-BIT (BYTE MODE) / 4M-WORD BY 16-BIT (WORD MODE) PAGE ACCESS MODE
UPD23C64340 NEC-UPD23C64340 Datasheet
234Kb / 20P
   64M-BIT MASK-PROGRAMMABLE ROM 8M-WORD BY 8-BIT (BYTE MODE) / 4M-WORD BY 16-BIT (WORD MODE) PAGE ACCESS MODE
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com