Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IS25WD040-JBLA Datasheet(PDF) 1 Page - Integrated Silicon Solution, Inc

Part # IS25WD040-JBLA
Description  2 Mbit / 4 Mbit Single Operating Voltage Serial Flash Memory
Download  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ISSI [Integrated Silicon Solution, Inc]
Direct Link  http://www.issi.com
Logo ISSI - Integrated Silicon Solution, Inc

IS25WD040-JBLA Datasheet(HTML) 1 Page - Integrated Silicon Solution, Inc

  IS25WD040-JBLA Datasheet HTML 1Page - Integrated Silicon Solution, Inc IS25WD040-JBLA Datasheet HTML 2Page - Integrated Silicon Solution, Inc IS25WD040-JBLA Datasheet HTML 3Page - Integrated Silicon Solution, Inc IS25WD040-JBLA Datasheet HTML 4Page - Integrated Silicon Solution, Inc IS25WD040-JBLA Datasheet HTML 5Page - Integrated Silicon Solution, Inc IS25WD040-JBLA Datasheet HTML 6Page - Integrated Silicon Solution, Inc IS25WD040-JBLA Datasheet HTML 7Page - Integrated Silicon Solution, Inc IS25WD040-JBLA Datasheet HTML 8Page - Integrated Silicon Solution, Inc IS25WD040-JBLA Datasheet HTML 9Page - Integrated Silicon Solution, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 35 page
background image
IS25WD020/040
Integrated Silicon Solution, Inc.- www.issi.com
Rev. F
07/31/2013
1
FEATURES
• Single Power Supply Operation
- Low voltage range: 1.65 V
– 1.95 V
• Memory Organization
- IS25WD020: 256K x 8 (2 Mbit)
- IS25WD040: 512K x 8 (4 Mbit)
• Cost Effective Sector/Block Architecture
- 2Mb : Uniform 4KByte sectors / Four uniform
64KByte blocks
- 4Mb : Uniform 4KByte sectors / Eight uniform
64KByte blocks
• Serial Peripheral Interface (SPI) Compatible
- Supports single- or dual-output
- Supports SPI Modes 0 and 3
- Maximum 30 MHz clock rate for normal read
- Maximum 80 MHz clock rate for fast read
• Page Program (up to 256 Bytes) Operation
- Typical 2 ms per page program
• Sector, Block or Chip Erase Operation
- Typical 1.7 ms sector, block or chip erase
• Low Power Consumption
- Typical 2 mA active read current
- Typical 6 mA program/erase current
• Hardware Write Protection
- Protect and unprotect the device from write
operation by Write Protect (WP#) Pin
• Software Write Protection
- The Block Protect (BP2, BP1, BP0) bits allow
partial or entire memory to be configured as read-
only
• High Product Endurance
- Guaranteed 200,000 program/erase cycles per
single sector
- Minimum 20 years data retention
• Industrial Standard Pin-out and Package
- 8-pin SOIC 208mil
- 8-pin SOIC 150mil
- 8-pin VVSOP 150mil
- 8-pin WSON
- KGD (Call Factory)
- Lead-free (Pb-free) package
- Automotive Temperature Ranges Available
GENERAL DESCRIPTION
The IS25WD020/040 are 2 Mbit / 4Mbit Serial Peripheral Interface (SPI) Flash memories, providing single- or
dual-output. The devices are designed to support a 30 MHz fclock rate in normal read mode, and 80 MHz in fast
read, the fastest in the industry. The devices use a single low voltage power supply, wide operating voltage
ranging from 1.65 Volt to 1.95 Volt, to perform read, erase and program operations. The devices can be
programmed in standard EPROM programmers.
The IS25WD020/040 are accessed through a 4-wire SPI Interface consisting of Serial Data Input/Output (SlO),
Serial Data Output (SO), Serial Clock (SCK), and Chip Enable (CE#) pins. They comply with all recognized
command codes and operations. The dual-output fast read operation provides and effective serial data rate of
160MHz.
The devices support page program mode, where 1 to 256 bytes data can be programmed into the memory in
one program operation. These devices are divided into uniform 4 KByte sectors or uniform 64 KByte blocks.
The IS25WD020/040
are manufactured on pFLASH™’s advanced non-volatile technology. The devices are
offered in 8-pin SOIC 208mil, 8-pin SOIC 150mil, 8-pin VVSOP 150mil and 8-pin WSON. The devices operate at
wide temperatures between -40°C to +105°C.
2 Mbit / 4 Mbit Single Operating Voltage Serial Flash Memory
With 80 MHz Dual-Output SPI Bus Interface


Similar Part No. - IS25WD040-JBLA

ManufacturerPart #DatasheetDescription
logo
Integrated Silicon Solu...
IS25WP016 ISSI-IS25WP016 Datasheet
2Mb / 112P
   1.8V SERIAL FLASH MEMORY WITH 133MHZ MULTI I/O SPI
IS25WP016D-JBLA3 ISSI-IS25WP016D-JBLA3 Datasheet
1Mb / 114P
   SERIAL FLASH MEMORY WITH 133MHZ MULTI I/O SPI & QUAD I/O QPI DTR INTERFACE
IS25WP016D-JBLA3:P ISSI-IS25WP016D-JBLA3:P Datasheet
1Mb / 114P
   SERIAL FLASH MEMORY WITH 133MHZ MULTI I/O SPI & QUAD I/O QPI DTR INTERFACE
IS25WP016D-JBLE ISSI-IS25WP016D-JBLE Datasheet
1Mb / 114P
   SERIAL FLASH MEMORY WITH 133MHZ MULTI I/O SPI & QUAD I/O QPI DTR INTERFACE
IS25WP016D-JBLE:P ISSI-IS25WP016D-JBLE:P Datasheet
1Mb / 114P
   SERIAL FLASH MEMORY WITH 133MHZ MULTI I/O SPI & QUAD I/O QPI DTR INTERFACE
More results

Similar Description - IS25WD040-JBLA

ManufacturerPart #DatasheetDescription
logo
Integrated Silicon Solu...
IS25LD040 ISSI-IS25LD040 Datasheet
430Kb / 36P
   4 Mbit Single Operating Voltage Serial Flash Memory
logo
List of Unclassifed Man...
IS25CD010 ETC2-IS25CD010 Datasheet
912Kb / 40P
   512Kbit/1 Mbit / 2 Mbit Single Operating Voltage Serial Flash Memory
logo
Integrated Silicon Solu...
IS25LQ040 ISSI-IS25LQ040 Datasheet
746Kb / 54P
   4 Mbit Single Operating Voltage Serial Flash Memory With 104
IS25WQ080 ISSI-IS25WQ080 Datasheet
1Mb / 60P
   8 Mbit bit Single Operating Voltage Serial Flash Memory
IS25LQ080 ISSI-IS25LQ080 Datasheet
1Mb / 54P
   8 Mbit Single Operating Voltage Serial Flash Memory With 104
IS25LQ016 ISSI-IS25LQ016 Datasheet
921Kb / 52P
   16 Mbit Single Operating Voltage Serial Flash Memory With 104
logo
Silicon Storage Technol...
SST25VF040 SST-SST25VF040 Datasheet
379Kb / 23P
   2 Mbit / 4 Mbit SPI Serial Flash
SST25VF020 SST-SST25VF020_06 Datasheet
397Kb / 23P
   2 Mbit / 4 Mbit SPI Serial Flash
SST25VF020 SST-SST25VF020 Datasheet
658Kb / 24P
   2 Mbit / 4 Mbit SPI Serial Flash
SST25LF020A SST-SST25LF020A Datasheet
300Kb / 26P
   2 Mbit / 4 Mbit SPI Serial Flash
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com