Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IS25WD040-JKLA Datasheet(PDF) 10 Page - Integrated Silicon Solution, Inc

Part # IS25WD040-JKLA
Description  2 Mbit / 4 Mbit Single Operating Voltage Serial Flash Memory
Download  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ISSI [Integrated Silicon Solution, Inc]
Direct Link  http://www.issi.com
Logo ISSI - Integrated Silicon Solution, Inc

IS25WD040-JKLA Datasheet(HTML) 10 Page - Integrated Silicon Solution, Inc

Back Button IS25WD040-JKLA Datasheet HTML 6Page - Integrated Silicon Solution, Inc IS25WD040-JKLA Datasheet HTML 7Page - Integrated Silicon Solution, Inc IS25WD040-JKLA Datasheet HTML 8Page - Integrated Silicon Solution, Inc IS25WD040-JKLA Datasheet HTML 9Page - Integrated Silicon Solution, Inc IS25WD040-JKLA Datasheet HTML 10Page - Integrated Silicon Solution, Inc IS25WD040-JKLA Datasheet HTML 11Page - Integrated Silicon Solution, Inc IS25WD040-JKLA Datasheet HTML 12Page - Integrated Silicon Solution, Inc IS25WD040-JKLA Datasheet HTML 13Page - Integrated Silicon Solution, Inc IS25WD040-JKLA Datasheet HTML 14Page - Integrated Silicon Solution, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 35 page
background image
IS25WD020/040
Integrated Silicon Solution, Inc.- www.issi.com
Rev. F
07/31/2013
10
DEVICE OPERATION
The IS25WD020/040 utilize an 8-bit instruction
register. Refer to Table 10 Instruction Set for details of
the Instructions and Instruction Codes. All instructions,
addresses, and data are shifted in with the most
significant bit (MSB) first on Serial Data Input (SI). The
input data on SI is latched on the rising edge of Serial
Clock (SCK) after Chip Enable (CE#) is driven low
(VIL). Every instruction sequence starts with a one-byte
instruction code and is followed by address bytes, data
bytes, or both address bytes and data bytes,
depending on the type of instruction. CE# must be
driven high (VIH) after the last bit of the instruction
sequence has been shifted in.
The timing for each instruction is illustrated in the
following operational descriptions.
Table 10. Instruction Set
Instruction Name
Hex
Code
Operation
Command
Cycle
Maximum
Frequency
RDID
Abh
Read Manufacturer and Product ID
4 Bytes
80 MHz
JEDEC ID READ
9Fh
Read Manufacturer and Product ID by JEDEC ID
Command
1 Byte
80 MHz
RDMDID
90h
Read Manufacturer and Device ID
4 Bytes
80 MHz
WREN
06h
Write Enable
1 Byte
80 MHz
WRDI
04h
Write Disable
1 Byte
80 MHz
RDSR
05h
Read Status Register
1 Byte
80 MHz
WRSR
01h
Write Status Register
2 Bytes
80 MHz
READ
03h
Read Data Bytes from Memory at Normal Read Mode
4 Bytes
30 MHz
FAST_READ
0Bh
Read Data Bytes from Memory at Fast Read Mode
5 Bytes
80 MHz
FRDO
3Bh
Fast Read Dual Output
5 Bytes
80 MHz
PAGE_ PROG
02h
Page Program Data Bytes Into Memory
4 Bytes +
256B
80 MHz
SECTOR_ER
D7h/
20h
Sector Erase
4 Bytes
80 MHz
BLOCK_ER
D8h
Block Erase
4 Bytes
80 MHz
CHIP_ER
C7h/
60h
Chip Erase
1 Byte
80 MHz
HOLD OPERATION
HOLD# is used in conjunction with CE# to select
the IS25WD020/040. When the devices are
selected and a serial sequence is underway,
HOLD# can be used to pause the serial
communication with the master device without
resetting the serial sequence. To pause, HOLD# is
brought low while the SCK signal is low. To resume
serial communication, HOLD# is brought high while
the SCK signal is low (SCK may still toggle during
HOLD). Inputs to Sl will be ignored while SO is in
the high impedance state.


Similar Part No. - IS25WD040-JKLA

ManufacturerPart #DatasheetDescription
logo
Integrated Silicon Solu...
IS25WP016 ISSI-IS25WP016 Datasheet
2Mb / 112P
   1.8V SERIAL FLASH MEMORY WITH 133MHZ MULTI I/O SPI
IS25WP016D-JBLA3 ISSI-IS25WP016D-JBLA3 Datasheet
1Mb / 114P
   SERIAL FLASH MEMORY WITH 133MHZ MULTI I/O SPI & QUAD I/O QPI DTR INTERFACE
IS25WP016D-JBLA3:P ISSI-IS25WP016D-JBLA3:P Datasheet
1Mb / 114P
   SERIAL FLASH MEMORY WITH 133MHZ MULTI I/O SPI & QUAD I/O QPI DTR INTERFACE
IS25WP016D-JBLE ISSI-IS25WP016D-JBLE Datasheet
1Mb / 114P
   SERIAL FLASH MEMORY WITH 133MHZ MULTI I/O SPI & QUAD I/O QPI DTR INTERFACE
IS25WP016D-JBLE:P ISSI-IS25WP016D-JBLE:P Datasheet
1Mb / 114P
   SERIAL FLASH MEMORY WITH 133MHZ MULTI I/O SPI & QUAD I/O QPI DTR INTERFACE
More results

Similar Description - IS25WD040-JKLA

ManufacturerPart #DatasheetDescription
logo
Integrated Silicon Solu...
IS25LD040 ISSI-IS25LD040 Datasheet
430Kb / 36P
   4 Mbit Single Operating Voltage Serial Flash Memory
logo
List of Unclassifed Man...
IS25CD010 ETC2-IS25CD010 Datasheet
912Kb / 40P
   512Kbit/1 Mbit / 2 Mbit Single Operating Voltage Serial Flash Memory
logo
Integrated Silicon Solu...
IS25LQ040 ISSI-IS25LQ040 Datasheet
746Kb / 54P
   4 Mbit Single Operating Voltage Serial Flash Memory With 104
IS25WQ080 ISSI-IS25WQ080 Datasheet
1Mb / 60P
   8 Mbit bit Single Operating Voltage Serial Flash Memory
IS25LQ080 ISSI-IS25LQ080 Datasheet
1Mb / 54P
   8 Mbit Single Operating Voltage Serial Flash Memory With 104
IS25LQ016 ISSI-IS25LQ016 Datasheet
921Kb / 52P
   16 Mbit Single Operating Voltage Serial Flash Memory With 104
logo
Silicon Storage Technol...
SST25VF040 SST-SST25VF040 Datasheet
379Kb / 23P
   2 Mbit / 4 Mbit SPI Serial Flash
SST25VF020 SST-SST25VF020_06 Datasheet
397Kb / 23P
   2 Mbit / 4 Mbit SPI Serial Flash
SST25VF020 SST-SST25VF020 Datasheet
658Kb / 24P
   2 Mbit / 4 Mbit SPI Serial Flash
SST25LF020A SST-SST25LF020A Datasheet
300Kb / 26P
   2 Mbit / 4 Mbit SPI Serial Flash
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com