Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IS29GL256L-70WLE Datasheet(PDF) 9 Page - Integrated Silicon Solution, Inc

Part # IS29GL256L-70WLE
Description  16-word/32-byte page read buffer
Download  70 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ISSI [Integrated Silicon Solution, Inc]
Direct Link  http://www.issi.com
Logo ISSI - Integrated Silicon Solution, Inc

IS29GL256L-70WLE Datasheet(HTML) 9 Page - Integrated Silicon Solution, Inc

Back Button IS29GL256L-70WLE Datasheet HTML 5Page - Integrated Silicon Solution, Inc IS29GL256L-70WLE Datasheet HTML 6Page - Integrated Silicon Solution, Inc IS29GL256L-70WLE Datasheet HTML 7Page - Integrated Silicon Solution, Inc IS29GL256L-70WLE Datasheet HTML 8Page - Integrated Silicon Solution, Inc IS29GL256L-70WLE Datasheet HTML 9Page - Integrated Silicon Solution, Inc IS29GL256L-70WLE Datasheet HTML 10Page - Integrated Silicon Solution, Inc IS29GL256L-70WLE Datasheet HTML 11Page - Integrated Silicon Solution, Inc IS29GL256L-70WLE Datasheet HTML 12Page - Integrated Silicon Solution, Inc IS29GL256L-70WLE Datasheet HTML 13Page - Integrated Silicon Solution, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 70 page
background image
Integrated Silicon Solution, Inc. - www.issi.com
Rev. 00A
08/08/2014
9
IS29GL256H/L
Table 3. Sector / Persistent Protection Sector Group Address Tables
PPB Group
A23-A18
Sector
Sector Size
(Kbytes / Kwords)
Address Range (h)
Word mode (x16)
PPB 0
000000
SA0
128/64
000000
–00FFFF
PPB 1
SA1
128/64
010000
–01FFFF
PPB 2
SA2
128/64
020000
–02FFFF
PPB 3
SA3
128/64
030000
–03FFFF
PPB 4
000001
SA4
128/64
040000
–04FFFF
PPB 5
SA5
128/64
050000
–05FFFF
PPB 6
SA6
128/64
060000
–06FFFF
PPB 7
SA7
128/64
070000
–07FFFF
PPB 8
000010
SA8
128/64
080000
–08FFFF
PPB 9
SA9
128/64
090000
–09FFFF
PPB 10
SA10
128/64
0A0000
–0AFFFF
PPB 11
SA11
128/64
0B0000
–0BFFFF
PPB 12
000011
SA12
128/64
0C0000
–0CFFFF
PPB 13
SA13
128/64
0D0000
–0DFFFF
PPB 14
SA14
128/64
0E0000
–0EFFFF
PPB 15
SA15
128/64
0F0000
–0FFFFF
PPB 16
000100
SA16
128/64
100000
–10FFFF
PPB 17
SA17
128/64
110000
–11FFFF
PPB 18
SA18
128/64
120000
–12FFFF
PPB 19
SA19
128/64
130000
–13FFFF
PPB 20
000101
SA20
128/64
140000
–14FFFF
PPB 21
SA21
128/64
150000
–15FFFF
PPB 22
SA22
128/64
160000
–16FFFF
PPB 23
SA23
128/64
170000
–17FFFF
PPB 24
000110
SA24
128/64
180000
–18FFFF
PPB 25
SA25
128/64
190000
–19FFFF
PPB 26
SA26
128/64
1A0000
–1AFFFF
PPB 27
SA27
128/64
1B0000
–1BFFFF
PPB 28
000111
SA28
128/64
1C0000
–1CFFFF
PPB 29
SA29
128/64
1D0000
–1DFFFF
PPB 30
SA30
128/64
1E0000
–1EFFFF
PPB 31
SA31
128/64
1F0000
–1FFFFF
PPB 32
001000
SA32
128/64
200000
–20FFFF
PPB 33
SA33
128/64
210000
–21FFFF
PPB 34
SA34
128/64
220000
–22FFFF
PPB 35
SA35
128/64
230000
–23FFFF


Similar Part No. - IS29GL256L-70WLE

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
IS290 TOSHIBA-IS290 Datasheet
157Kb / 1P
   1W epoxy seal type
IS291 TOSHIBA-IS291 Datasheet
157Kb / 1P
   1W epoxy seal type
IS292 TOSHIBA-IS292 Datasheet
157Kb / 1P
   1W epoxy seal type
IS293 TOSHIBA-IS293 Datasheet
157Kb / 1P
   1W epoxy seal type
IS294 TOSHIBA-IS294 Datasheet
157Kb / 1P
   1W epoxy seal type
More results

Similar Description - IS29GL256L-70WLE

ManufacturerPart #DatasheetDescription
logo
OKI electronic componet...
MSM511664C OKI-MSM511664C Datasheet
240Kb / 16P
   65,536-Word X 16-Bit DYNAMIC RAM : FAST PAGE MODE TYPE (BYTE WRITE)
logo
Sanyo Semicon Device
LC322260J SANYO-LC322260J Datasheet
766Kb / 33P
   2 MEG (131072 words X 16 bits) DRAM Fast Page Mode, Byte Read/Write???
logo
OKI electronic componet...
MR27V3255D OKI-MR27V3255D Datasheet
56Kb / 10P
   1,048,576-Double Word x 32-Bit or 2,097,152-Word x 16-Bit 8-Double Word x 32-Bit or 16-Word x 16-Bit Page Mode One Time PROM
logo
STMicroelectronics
M34S32 STMICROELECTRONICS-M34S32 Datasheet
156Kb / 18P
   32K Serial I2C Bus EEPROM With User-Defined Read-Only Block and 32-Byte OTP Page
logo
List of Unclassifed Man...
MR36V04G54S ETC2-MR36V04G54S Datasheet
215Kb / 9P
   128M-Word x 32-Bit Page Mode P2ROM
logo
OKI electronic componet...
MSM27V1655CZ OKI-MSM27V1655CZ Datasheet
91Kb / 12P
   524,288-Double Word x 32-Bit or 1,048,576-Word x 16-Bit 4-Double Word x 32-Bit or 8-Word x 16-Bit Page Mode One Time PROM
MSM511666C OKI-MSM511666C Datasheet
242Kb / 16P
   65,536-Word X 16-Bit DYNAMIC RAM : FAST PAGE MODE TYPE WITH EDO (BYTE WRITE)
logo
NEC
UPD23C16040BL NEC-UPD23C16040BL Datasheet
367Kb / 24P
   16M-BIT MASK-PROGRAMMABLE ROM 2M-WORD BY 8-BIT (BYTE MODE) / 1M-WORD BY 16-BIT (WORD MODE) PAGE ACCESS MODE
UPD23C64040JL NEC-UPD23C64040JL Datasheet
270Kb / 24P
   64M-BIT MASK-PROGRAMMABLE ROM 8M-WORD BY 8-BIT (BYTE MODE) / 4M-WORD BY 16-BIT (WORD MODE) PAGE ACCESS MODE
UPD23C64340 NEC-UPD23C64340 Datasheet
234Kb / 20P
   64M-BIT MASK-PROGRAMMABLE ROM 8M-WORD BY 8-BIT (BYTE MODE) / 4M-WORD BY 16-BIT (WORD MODE) PAGE ACCESS MODE
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com