Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IS31SE5100 Datasheet(PDF) 1 Page - Integrated Silicon Solution, Inc

Part # IS31SE5100
Description  8-CH CAPACITIVE TOUCH SENSOR WITH AUTO CALIBRATION
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ISSI [Integrated Silicon Solution, Inc]
Direct Link  http://www.issi.com
Logo ISSI - Integrated Silicon Solution, Inc

IS31SE5100 Datasheet(HTML) 1 Page - Integrated Silicon Solution, Inc

  IS31SE5100 Datasheet HTML 1Page - Integrated Silicon Solution, Inc IS31SE5100 Datasheet HTML 2Page - Integrated Silicon Solution, Inc IS31SE5100 Datasheet HTML 3Page - Integrated Silicon Solution, Inc IS31SE5100 Datasheet HTML 4Page - Integrated Silicon Solution, Inc IS31SE5100 Datasheet HTML 5Page - Integrated Silicon Solution, Inc IS31SE5100 Datasheet HTML 6Page - Integrated Silicon Solution, Inc IS31SE5100 Datasheet HTML 7Page - Integrated Silicon Solution, Inc IS31SE5100 Datasheet HTML 8Page - Integrated Silicon Solution, Inc IS31SE5100 Datasheet HTML 9Page - Integrated Silicon Solution, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 13 page
background image
IS31SE5100
Integrated Silicon Solution, Inc. – www.issi.com
1
Rev. C, 03/18/2013
8-CH CAPACITIVE TOUCH SENSOR WITH AUTO CALIBRATION
March 2013
GENERAL DESCRIPTION
The IS31SE5100 is an ultra low power, fully integrated
8-channel solution for capacitive touch-buttons
applications. The chip allows electrodes to project
sense fields through any dielectric such as glass or
plastic. On-chip calibration logic continuously monitors
the environment and automatically adjusts on-and-off
threshold levels to prevent false sensor activation.
The IS31SE5100 supports the 400kHz I²C serial bus
data protocol and includes a field programmable slave
address. An INTB is generated when a button event
(touched or released) occurs, triggered and cleared
condition could be configured by setting the interrupt
register.
IS31SE5100 is available in QFN-24 (4mm × 4mm) and
SSOP-24 packages. It operates from 2.7V to 5.5V over
the temperature range of -40°C to +85°C.
FEATURES
Complete eight sensors capacitive touch
controller for buttons
Auto offset compensation
Sensitivity adjustable by external capacitor or
internal register
Extremely low power optimized for portable
application
Interrupt output
400kHz fast-mode I²C interface
8kV ESD HBM
Operating temperature TA = −40°C ~ +85°C
QFN-24 (4mm × 4mm) and SSOP-24 packages
APPLICATIONS
Mobile phones
GPS
PDAs
TYPICAL APPLICATION CIRCUIT
Figure 1
Typical Application Circuit
Note 1:
The IC should be placed far away from the mobile antenna in order to prevent the EMI.
Note 2:
The RS resistor should place as close as possible to reduce EMI.


Similar Part No. - IS31SE5100

ManufacturerPart #DatasheetDescription
logo
Integrated Silicon Solu...
IS31SE5104 ISSI-IS31SE5104 Datasheet
402Kb / 13P
   4-CH CAPACITIVE TOUCH SENSOR WITH AUTO CALIBRATION
More results

Similar Description - IS31SE5100

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
ANSG08 ETC2-ANSG08 Datasheet
1Mb / 40P
   8-Ch Auto Sensitivity Calibration Capacitive Touch Sensor
logo
Integrated Silicon Solu...
IS31SE5104 ISSI-IS31SE5104 Datasheet
402Kb / 13P
   4-CH CAPACITIVE TOUCH SENSOR WITH AUTO CALIBRATION
logo
Unisonic Technologies
UCS221 UTC-UCS221 Datasheet
185Kb / 5P
   1-CH DIFFERENTIAL SENSITIVITY CALIBRATION CAPACITIVE TOUCH SENSOR
logo
Microchip Technology
CAP1208 MICROCHIP-CAP1208 Datasheet
605Kb / 67P
   8-Channel Capacitive Touch Sensor
10/28/13
CAP1208 MICROCHIP-CAP1208_15 Datasheet
812Kb / 64P
   8-Channel Capacitive Touch Sensor
07/14/15
CAP1188 MICROCHIP-CAP1188 Datasheet
1Mb / 79P
   8 Channel Capacitive Touch Sensor with 8 LED Drivers
01/27/15
CAP1188-1-CP-TR MICROCHIP-CAP1188-1-CP-TR Datasheet
1Mb / 93P
   8 Channel Capacitive Touch Sensor with 8 LED Drivers
Revision 1.32 01-05-12
logo
SMSC Corporation
CAP1088 SMSC-CAP1088 Datasheet
1Mb / 72P
   8 Channel Capacitive Touch Sensor with 8 LED Drivers
logo
Microchip Technology
CAP1128 MICROCHIP-CAP1128 Datasheet
746Kb / 75P
   8 Channel Capacitive Touch Sensor with 2 LED Drivers
01/27/15
logo
SMSC Corporation
CAP1028 SMSC-CAP1028 Datasheet
1Mb / 71P
   8 Channel Capacitive Touch Sensor with 2 LED Drivers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com