Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IS32LT3120 Datasheet(PDF) 6 Page - Integrated Silicon Solution, Inc

Part # IS32LT3120
Description  DUAL CHANNEL, LINEAR LED DRIVER WITH FADE IN/FADE OUT
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ISSI [Integrated Silicon Solution, Inc]
Direct Link  http://www.issi.com
Logo ISSI - Integrated Silicon Solution, Inc

IS32LT3120 Datasheet(HTML) 6 Page - Integrated Silicon Solution, Inc

Back Button IS32LT3120 Datasheet HTML 2Page - Integrated Silicon Solution, Inc IS32LT3120 Datasheet HTML 3Page - Integrated Silicon Solution, Inc IS32LT3120 Datasheet HTML 4Page - Integrated Silicon Solution, Inc IS32LT3120 Datasheet HTML 5Page - Integrated Silicon Solution, Inc IS32LT3120 Datasheet HTML 6Page - Integrated Silicon Solution, Inc IS32LT3120 Datasheet HTML 7Page - Integrated Silicon Solution, Inc IS32LT3120 Datasheet HTML 8Page - Integrated Silicon Solution, Inc IS32LT3120 Datasheet HTML 9Page - Integrated Silicon Solution, Inc IS32LT3120 Datasheet HTML 10Page - Integrated Silicon Solution, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 14 page
background image
IS32LT3120
Integrated Silicon Solution, Inc. – www.issi.com
Rev.0A, 08/15/2014
6
TYPICAL PERFORMANCE CHARACTERISTICS
Supply Voltage (V)
5
10
15202530
3540
45
0
0.5
1
1.5
2
2.5
3
3.5
4
4.5
5
RTSET = 100kΩ
RISET = 20kΩ
No Load
Shutdown Mode
Operating Mode
Figure 2
Supply Current vs. Supply Voltage
RISET (k)
0
25
50
75
100
125
150
175
200
225
250
0
20406080
100
120
140
160
180 200
VCC = 12V
RTSET = 100kΩ
VHD = 1V
TJ = 25°C
Figure 4
Output Current vs. RISET
Supply Voltage (V)
5
10
15202530
3540
45
0
500
1000
1500
2000
2500
3000
3500
RISET = 20kΩ
RTSET = 100kΩ
RTSET = 510kΩ
RTSET = 1MΩ
Figure 6
Fade Time vs. Supply Voltage
Supply Voltage (V)
0
50
100
150
200
250
5
101520
25
303540
45
RTSET = 100kΩ
VHD = 1V
RISET = 10kΩ
RISET = 20kΩ
RISET = 40kΩ
RISET = 200kΩ
Figure 3
Output Current vs. Supply Voltage
Headroom Voltage (mV)
0
25
50
75
100
125
150
175
200
225
250
0
1000 2000 3000 4000 5000 6000 7000 8000 9000 10000
RTSET = 100kΩ
TJ = 25°C
RISET = 200kΩ
RISET = 40kΩ
RISET = 20kΩ
RISET = 10kΩ
Figure 5
Output Current vs. Headroom Voltage
Temperature (°C)
-40 -25
-10
5
20
35
50
65
80
95
110 125
0
500
1000
1500
2000
2500
3000
3500
VCC = 12V
RISET = 20kΩ
RTSET = 100kΩ
RTSET = 510kΩ
RTSET = 1MΩ
Figure 7
Fade Time vs. Temperature


Similar Part No. - IS32LT3120

ManufacturerPart #DatasheetDescription
logo
Integrated Silicon Solu...
IS32LT3170 ISSI-IS32LT3170 Datasheet
437Kb / 19P
   10-TO-150MA CONSTANT-CURRENT LED DRIVER FOR AUTOMOTIVE
IS32LT3170-STLA3-TR ISSI-IS32LT3170-STLA3-TR Datasheet
442Kb / 19P
   10-TO-150MA CONSTANT-CURRENT LED DRIVER FOR AUTOMOTIVE
IS32LT3171 ISSI-IS32LT3171 Datasheet
437Kb / 19P
   10-TO-150MA CONSTANT-CURRENT LED DRIVER FOR AUTOMOTIVE
IS32LT3172 ISSI-IS32LT3172 Datasheet
459Kb / 19P
   10-TO-200MA CONSTANT-CURRENT LED DRIVER FOR AUTOMOTIVE
IS32LT3173 ISSI-IS32LT3173 Datasheet
459Kb / 19P
   10-TO-200MA CONSTANT-CURRENT LED DRIVER FOR AUTOMOTIVE
More results

Similar Description - IS32LT3120

ManufacturerPart #DatasheetDescription
logo
Integrated Silicon Solu...
IS32LT3174 ISSI-IS32LT3174 Datasheet
449Kb / 16P
   SINGLE CHANNEL, LINEAR LED DRIVER WITH FADE IN/FADE OUT
IS32LT3175N ISSI-IS32LT3175N Datasheet
609Kb / 19P
   SINGLE CHANNEL LINEAR LED DRIVER WITH FADE IN/OUT AND PWM DIMMING
logo
National Semiconductor ...
LM4897 NSC-LM4897 Datasheet
612Kb / 14P
   1.1 Watt Audio Power Amplifier with Fade-In and Fade-Out
logo
Texas Instruments
DAC43901-Q1 TI1-DAC43901-Q1 Datasheet
2Mb / 59P
[Old version datasheet]   DAC4390x-Q1 Automotive Smart DACs for Logarithmic Fade-In Fade-Out and Sequential Turn Animation With I2C, SPI, GPIO, and PWM Interfaces
SEPTEMBER 2023
logo
Productwell Precision E...
S711VB1 PRODUCTWELL-S711VB1_14 Datasheet
129Kb / 1P
   Fade conrtol for popular type audio mixers, musical keyboards
S61101 PRODUCTWELL-S61101_14 Datasheet
121Kb / 1P
   Fade conrtol for popular type audio mixers, musical keyboards
S312HC PRODUCTWELL-S312HC_14 Datasheet
140Kb / 1P
   Fade conrtol for popular type audio mixers, musical keyboards
S511HC PRODUCTWELL-S511HC_14 Datasheet
129Kb / 1P
   Fade conrtol for popular type audio mixers, musical keyboards
S712FD1 PRODUCTWELL-S712FD1_14 Datasheet
135Kb / 1P
   Fade conrtol for popular type audio mixers, musical keyboards
S712HA1 PRODUCTWELL-S712HA1_14 Datasheet
131Kb / 1P
   Fade conrtol for popular type audio mixers, musical keyboards
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com