Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IS25LQ020B Datasheet(PDF) 10 Page - Integrated Silicon Solution, Inc

Part # IS25LQ020B
Description  3V QUAD SERIAL FLASH MEMORY WITH MULTI-I/O SPI
Download  66 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ISSI [Integrated Silicon Solution, Inc]
Direct Link  http://www.issi.com
Logo ISSI - Integrated Silicon Solution, Inc

IS25LQ020B Datasheet(HTML) 10 Page - Integrated Silicon Solution, Inc

Back Button IS25LQ020B Datasheet HTML 6Page - Integrated Silicon Solution, Inc IS25LQ020B Datasheet HTML 7Page - Integrated Silicon Solution, Inc IS25LQ020B Datasheet HTML 8Page - Integrated Silicon Solution, Inc IS25LQ020B Datasheet HTML 9Page - Integrated Silicon Solution, Inc IS25LQ020B Datasheet HTML 10Page - Integrated Silicon Solution, Inc IS25LQ020B Datasheet HTML 11Page - Integrated Silicon Solution, Inc IS25LQ020B Datasheet HTML 12Page - Integrated Silicon Solution, Inc IS25LQ020B Datasheet HTML 13Page - Integrated Silicon Solution, Inc IS25LQ020B Datasheet HTML 14Page - Integrated Silicon Solution, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 66 page
background image
IS25LQ025/512/010/020/040B
Integrated Silicon Solution, Inc.- www.issi.com
Rev.A
12/12/2014
10
5. SYSTEM CONFIGURATION
The IS25LQ025/512/010/020/040B is designed to interface directly with the synchronous Serial Peripheral
Interface (SPI) microcontrollers or any SPI interface-equipped system controllers.
The memory array of IS25LQ025/512/010/020/040B is divided into uniform 4Kbyte sectors or uniform 32/64Kbyte
blocks (a block consists of eight/sixteen adjacent sectors respectively).
Table 5.1 and Table 5.2 illustrate the memory map of the device. The Status Register controls how the memory is
protected.
5.1 BLOCK/SECTOR ADDRESSES
Table 5.1 Block/Sector Addresses of IS25LQ025/512/010B
Memory Density
Block No.
(64Kbyte)
Block No.
(32Kbyte)
Sector No.
Sector
Size
(Kbyte)
Address Range
Block 0
Block 0
Sector 0
4
000000h - 000FFFh
Sector 1
4
001000h - 001FFFh
:
:
:
Sector 7
4
007000h - 007FFFh
Block 1
Sector 8
4
008000h - 008FFFh
Sector 9
4
009000h - 009FFFh
:
:
:
Sector 15
4
00F000h - 00FFFFh
Block 1
Block 2
Sector 16
4
010000h - 010FFFh
Sector 17
4
011000h - 011FFFh
:
:
:
Sector 23
4
017000h - 017FFFh
Block 3
Sector 24
4
018000h - 018FFFh
Sector 25
4
019000h - 019FFFh
:
:
:
Sector 31
4
01F000h
– 01FFFFh


Similar Part No. - IS25LQ020B

ManufacturerPart #DatasheetDescription
logo
Integrated Silicon Solu...
IS25LQ016 ISSI-IS25LQ016 Datasheet
921Kb / 52P
   16 Mbit Single Operating Voltage Serial Flash Memory With 104
IS25LQ016B-JBLA3 ISSI-IS25LQ016B-JBLA3 Datasheet
1Mb / 74P
   3V QUAD SERIAL FLASH MEMORY WITH MULTI-I/O SPI
IS25LQ016B-JBLE ISSI-IS25LQ016B-JBLE Datasheet
1Mb / 74P
   3V QUAD SERIAL FLASH MEMORY WITH MULTI-I/O SPI
IS25LQ016B-JFLA3 ISSI-IS25LQ016B-JFLA3 Datasheet
1Mb / 74P
   3V QUAD SERIAL FLASH MEMORY WITH MULTI-I/O SPI
IS25LQ016B-JFLE ISSI-IS25LQ016B-JFLE Datasheet
1Mb / 74P
   3V QUAD SERIAL FLASH MEMORY WITH MULTI-I/O SPI
More results

Similar Description - IS25LQ020B

ManufacturerPart #DatasheetDescription
logo
Integrated Silicon Solu...
IS25LQ032B ISSI-IS25LQ032B Datasheet
1Mb / 74P
   3V QUAD SERIAL FLASH MEMORY WITH MULTI-I/O SPI
IS25CQ032 ISSI-IS25CQ032 Datasheet
1Mb / 53P
   3V- QUAD SERIAL FLASH MEMORY MULTI- I/O SPI
IS25LP256 ISSI-IS25LP256 Datasheet
984Kb / 15P
   3V SERIAL FLASH MEMORY WITH 166MHZ MULTI I/O SPI
IS25LP128 ISSI-IS25LP128 Datasheet
2Mb / 90P
   3V SERIAL FLASH MEMORY WITH 133MHZ MULTI I/O SPI
IS25WQ020 ISSI-IS25WQ020 Datasheet
805Kb / 65P
   1.8V QUAD SERIAL FLASH MEMORY WITH MULTI-I/O SPI
IS25LP064A ISSI-IS25LP064A Datasheet
1Mb / 99P
   3V SERIAL FLASH MEMORY WITH 133MHZ MULTI I/O SPI & QUAD I/O QPI DTR INTERFACE
IS25LP016D ISSI-IS25LP016D Datasheet
1Mb / 114P
   SERIAL FLASH MEMORY WITH 133MHZ MULTI I/O SPI & QUAD I/O QPI DTR INTERFACE
IS25LP032D ISSI-IS25LP032D Datasheet
2Mb / 118P
   SERIAL FLASH MEMORY WITH 133MHZ MULTI I/O SPI & QUAD I/O QPI DTR INTERFACE
IS25LP080D ISSI-IS25LP080D Datasheet
1Mb / 108P
   SERIAL FLASH MEMORY WITH 133MHZ MULTI I/O SPI & QUAD I/O QPI DTR INTERFACE
IS25WP016 ISSI-IS25WP016 Datasheet
2Mb / 112P
   1.8V SERIAL FLASH MEMORY WITH 133MHZ MULTI I/O SPI
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com