Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IS41LV44052B Datasheet(PDF) 1 Page - Integrated Silicon Solution, Inc

Part # IS41LV44052B
Description  Fast Page Mode Access Cycle
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ISSI [Integrated Silicon Solution, Inc]
Direct Link  http://www.issi.com
Logo ISSI - Integrated Silicon Solution, Inc

IS41LV44052B Datasheet(HTML) 1 Page - Integrated Silicon Solution, Inc

  IS41LV44052B Datasheet HTML 1Page - Integrated Silicon Solution, Inc IS41LV44052B Datasheet HTML 2Page - Integrated Silicon Solution, Inc IS41LV44052B Datasheet HTML 3Page - Integrated Silicon Solution, Inc IS41LV44052B Datasheet HTML 4Page - Integrated Silicon Solution, Inc IS41LV44052B Datasheet HTML 5Page - Integrated Silicon Solution, Inc IS41LV44052B Datasheet HTML 6Page - Integrated Silicon Solution, Inc IS41LV44052B Datasheet HTML 7Page - Integrated Silicon Solution, Inc IS41LV44052B Datasheet HTML 8Page - Integrated Silicon Solution, Inc IS41LV44052B Datasheet HTML 9Page - Integrated Silicon Solution, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 17 page
background image
Integrated Silicon Solution, Inc. — 1-800-379-4774
1
Rev. C
12/21/09
IS41LV44052B
Copyright © 2005 Integrated Silicon Solution, Inc. All rights reserved. ISSI reserves the right to make changes to this specification and its products at any time without
notice. ISSI assumes no liability arising out of the application or use of any information, products or services described herein. Customers are advised to obtain the lat-
est version of this device specification before relying on any published information and before placing orders for products.
FEATURES
• FastPageModeAccessCycle
• TTLcompatibleinputsandoutputs
• RefreshInterval:
-- 2,048 cycles/32 ms
• RefreshMode:RAS-Only,
CAS
-before-RAS(CBR),andHidden
• Singlepowersupply:
3.3V ± 10%
• ByteWriteandByteReadoperationviatwoCAS
• Industrialtemperaturerange-40°Cto85°C
DESCRIPTION
The
ISSIIS41LV44052Bisa4,194,304x4-bithigh-performance
CMOSDynamicRandomAccessMemory.TheFastPage
Mode allows 2,048 or 4096 random accesses within a
single row with access cycle time as short as 20 ns per
4-bit word.
These features make the IS41LV44052B ideally suited
for high-bandwidth graphics, digital signal processing,
high-performance computing systems, and peripheral
applications.
TheIS41LV44052Bispackagedina24-pinTSOP-IIwith
JEDECstandardpinouts.
4M x 4 (16-MBIT) DYNAMIC RAM
WITH FAST PAGE MODE
JANUARY 2010
KEY TIMING PARAMETERS
Parameter
-50
-60
Unit
RAS
AccessTime(trac)
50
60
ns
CAS
AccessTime(tcac)
13
15
ns
ColumnAddressAccessTime(taa)
25
30
ns
FastPageModeCycleTime(tpc)
20
25
ns
Read/WriteCycleTime(trc)
84
104
ns
PRODUCT SERIES OVERVIEW
Part No.
Refresh
Voltage
IS41LV44052B
2K
3.3V±10%
1
2
3
4
5
6
7
8
9
10
11
12
24
23
22
21
20
19
18
17
16
15
14
13
VCC
I/O0
I/O1
WE
RAS
*A11(NC)
A10
A0
A1
A2
A3
VCC
GND
I/O3
I/O2
CAS
OE
A9
A8
A7
A6
A5
A4
GND
*A11isNCfor2KRefreshdevices.
PIN DESCRIPTIONS
A0-A10
AddressInputs(2KRefresh)
I/O0-3
DataInputs/Outputs
WE
WriteEnable
OE
Output Enable
RAS
RowAddressStrobe
CAS
Column Address Strobe
Vcc
Power
GND
Ground
NC
No Connection
PIN CONFIGURATION
24 (26) Pin TSOP-II


Similar Part No. - IS41LV44052B

ManufacturerPart #DatasheetDescription
logo
Integrated Silicon Solu...
IS41LV44052 ISSI-IS41LV44052 Datasheet
138Kb / 17P
   4M x 4 (16-MBIT) DYNAMIC RAM WITH FAST PAGE MODE
IS41LV44052-50J ISSI-IS41LV44052-50J Datasheet
138Kb / 17P
   4M x 4 (16-MBIT) DYNAMIC RAM WITH FAST PAGE MODE
IS41LV44052-50JI ISSI-IS41LV44052-50JI Datasheet
138Kb / 17P
   4M x 4 (16-MBIT) DYNAMIC RAM WITH FAST PAGE MODE
IS41LV44052-60J ISSI-IS41LV44052-60J Datasheet
138Kb / 17P
   4M x 4 (16-MBIT) DYNAMIC RAM WITH FAST PAGE MODE
IS41LV44052-60JI ISSI-IS41LV44052-60JI Datasheet
138Kb / 17P
   4M x 4 (16-MBIT) DYNAMIC RAM WITH FAST PAGE MODE
More results

Similar Description - IS41LV44052B

ManufacturerPart #DatasheetDescription
logo
Micross Components
MT4C4001J MICROSS-MT4C4001J Datasheet
814Kb / 21P
   FAST PAGE MODE access cycle
logo
Austin Semiconductor
AS4C1024 AUSTIN-AS4C1024 Datasheet
5Mb / 11P
   FAST PAGE MODE
REV. 10
AS4C4067 AUSTIN-AS4C4067 Datasheet
3Mb / 10P
   FAST PAGE MODE
REV. 10
AS4C1259 AUSTIN-AS4C1259 Datasheet
1Mb / 10P
   FAST PAGE MODE
REV. 10
logo
List of Unclassifed Man...
HY514400B ETC1-HY514400B Datasheet
100Kb / 8P
   1Mx4, Fast Page mode
logo
Samsung semiconductor
K1S2816BCM SAMSUNG-K1S2816BCM Datasheet
138Kb / 10P
   8Mx16 bit Page Mode Uni-Transistor Random Access Memory
K1S6416BCC SAMSUNG-K1S6416BCC Datasheet
138Kb / 10P
   4Mx16 bit Page Mode Uni-Transistor Random Access Memory
K1S1616BCA SAMSUNG-K1S1616BCA Datasheet
186Kb / 10P
   1Mx16 bit Page Mode Uni-Transistor Random Access Memory
K1S16161CA SAMSUNG-K1S16161CA Datasheet
186Kb / 10P
   1Mx16 bit Page Mode Uni-Transistor Random Access Memory
K1S3216BCD SAMSUNG-K1S3216BCD Datasheet
168Kb / 10P
   2Mx16 bit Page Mode Uni-Transistor Random Access Memory
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com