Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IS42S32800G-6B Datasheet(PDF) 1 Page - Integrated Silicon Solution, Inc

Part # IS42S32800G-6B
Description  256Mb SYNCHRONOUS DRAM
Download  58 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ISSI [Integrated Silicon Solution, Inc]
Direct Link  http://www.issi.com
Logo ISSI - Integrated Silicon Solution, Inc

IS42S32800G-6B Datasheet(HTML) 1 Page - Integrated Silicon Solution, Inc

  IS42S32800G-6B Datasheet HTML 1Page - Integrated Silicon Solution, Inc IS42S32800G-6B Datasheet HTML 2Page - Integrated Silicon Solution, Inc IS42S32800G-6B Datasheet HTML 3Page - Integrated Silicon Solution, Inc IS42S32800G-6B Datasheet HTML 4Page - Integrated Silicon Solution, Inc IS42S32800G-6B Datasheet HTML 5Page - Integrated Silicon Solution, Inc IS42S32800G-6B Datasheet HTML 6Page - Integrated Silicon Solution, Inc IS42S32800G-6B Datasheet HTML 7Page - Integrated Silicon Solution, Inc IS42S32800G-6B Datasheet HTML 8Page - Integrated Silicon Solution, Inc IS42S32800G-6B Datasheet HTML 9Page - Integrated Silicon Solution, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 58 page
background image
Integrated Silicon Solution, Inc. - www.issi.com
1
Rev. A
07/18/2012
Copyright © 2012 Integrated Silicon Solution, Inc. All rights reserved. ISSI reserves the right to make changes to this specification and its products at any time without
notice. ISSI assumes no liability arising out of the application or use of any information, products or services described herein. Customers are advised to obtain the lat-
est version of this device specification before relying on any published information and before placing orders for products.
Integrated Silicon Solution, Inc. does not recommend the use of any of its products in life support applications where the failure or malfunction of the product can reason-
ably be expected to cause failure of the life support system or to significantly affect its safety or effectiveness. Products are not authorized for use in such applications
unless Integrated Silicon Solution, Inc. receives written assurance to its satisfaction, that:
a.) the risk of injury or damage has been minimized;
b.) the user assume all such risks; and
c.) potential liability of Integrated Silicon Solution, Inc is adequately protected under the circumstances
IS42S32800G
IS45S32800G
FEATURES
• Clockfrequency:200,166,143MHz
• Fullysynchronous;allsignalsreferencedtoa
positive clock edge
• Internalbankforhidingrowaccess/precharge
• SinglePowersupply:3.3V+0.3V
• LVTTLinterface
• Programmableburstlength
–(1,2,4,8,fullpage)
• Programmableburstsequence:
Sequential/Interleave
• AutoRefresh(CBR)
• SelfRefresh
• 4096refreshcyclesevery16ms(A2grade)or
64ms(Commercial,Industrial,A1grade)
• Randomcolumnaddresseveryclockcycle
• ProgrammableCASlatency(2,3clocks)
• Burstread/writeandburstread/singlewrite
operations capability
• Burstterminationbyburststopandprecharge
command
OPTIONS
• Package:
90-ballTF-BGA
• OperatingTemperatureRange:
Commercial (0oC to +70oC)
Industrial(-40oC to +85oC)
AutomotiveGrade,A1(-40oC to +85oC)
AutomotiveGrade,A2(-40oC to +105oC)
OVERVIEW
ISSI's256MbSynchronousDRAMachieveshigh-speed
data transfer using pipeline architecture. All inputs and
outputs signals refer to the rising edge of the clock input.
The 256Mb SDRAM is organized in 2Meg x 32 bit x 4
Banks.
8M x 32
256Mb SYNCHRONOUS DRAM
AUGUST 2012
KEY TIMING PARAMETERS
Parameter
-5
-6
-7
Unit
ClkCycleTime
CAS
Latency=3
5
6
7
ns
CAS
Latency=2
10
10
7.5
ns
ClkFrequency
CAS
Latency=3
200
166
143
Mhz
CAS
Latency=2
100
100
133
Mhz
AccessTimefromClock
CAS
Latency=3
4.8
5.4
5.4
ns
CAS
Latency=2
6.5
6.5
5.5
ns
ADDRESS TABLE
Parameter
8M x 32
Configuration
2Mx32x4banks
RefreshCount
Com./Ind.
A1
A2
4K/64ms
4K/64ms
4K/16ms
RowAddresses
A0 – A11
Column
Addresses
A0 – A8
BankAddress
Pins
BA0,BA1
Autoprecharge
Pins
A10/AP


Similar Part No. - IS42S32800G-6B

ManufacturerPart #DatasheetDescription
logo
Integrated Silicon Solu...
IS42S32800 ISSI-IS42S32800 Datasheet
1Mb / 62P
   Concurrent auto precharge
IS42S32800-6BL ISSI-IS42S32800-6BL Datasheet
1Mb / 62P
   Concurrent auto precharge
IS42S32800-6BLI ISSI-IS42S32800-6BLI Datasheet
1Mb / 62P
   Concurrent auto precharge
IS42S32800-6TL ISSI-IS42S32800-6TL Datasheet
1Mb / 62P
   Concurrent auto precharge
IS42S32800-6TLI ISSI-IS42S32800-6TLI Datasheet
1Mb / 62P
   Concurrent auto precharge
More results

Similar Description - IS42S32800G-6B

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
NT5SV64M4AT ETC1-NT5SV64M4AT Datasheet
817Kb / 65P
   256Mb Synchronous DRAM
logo
Integrated Silicon Solu...
IS42S83200J ISSI-IS42S83200J Datasheet
1Mb / 63P
   256Mb SYNCHRONOUS DRAM
logo
Eorex Corporation
EM488M3244VTB EOREX-EM488M3244VTB Datasheet
685Kb / 17P
   256Mb (2M횞4Bank횞32) Synchronous DRAM
EM488M3244VBA EOREX-EM488M3244VBA Datasheet
203Kb / 17P
   256Mb (2M쨈4Bank쨈32) Synchronous DRAM
EM48AM1684VBB EOREX-EM48AM1684VBB Datasheet
669Kb / 17P
   256Mb (4M횞4Bank횞16) Synchronous DRAM
EM48AM1684LBA EOREX-EM48AM1684LBA Datasheet
650Kb / 17P
   256Mb (4M횞4Bank횞16) Synchronous DRAM
EM48AM1684VTE EOREX-EM48AM1684VTE Datasheet
222Kb / 19P
   256Mb (4M횞4Bank횞16) Synchronous DRAM
EM48AM1684VTF EOREX-EM48AM1684VTF Datasheet
222Kb / 19P
   256Mb (4M횞4Bank횞16) Synchronous DRAM
logo
List of Unclassifed Man...
EM48AM1684VTB ETC2-EM48AM1684VTB Datasheet
704Kb / 17P
   256Mb (4M횞4Bank횞16) Synchronous DRAM
logo
Eorex Corporation
EM48AM1684VBE EOREX-EM48AM1684VBE Datasheet
192Kb / 17P
   256Mb (4M횞4Bank횞16) Synchronous DRAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com