Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IS42SMVM32200K Datasheet(PDF) 8 Page - Integrated Silicon Solution, Inc

Part # IS42SMVM32200K
Description  Auto refresh and self refresh
Download  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ISSI [Integrated Silicon Solution, Inc]
Direct Link  http://www.issi.com
Logo ISSI - Integrated Silicon Solution, Inc

IS42SMVM32200K Datasheet(HTML) 8 Page - Integrated Silicon Solution, Inc

Back Button IS42SMVM32200K Datasheet HTML 4Page - Integrated Silicon Solution, Inc IS42SMVM32200K Datasheet HTML 5Page - Integrated Silicon Solution, Inc IS42SMVM32200K Datasheet HTML 6Page - Integrated Silicon Solution, Inc IS42SMVM32200K Datasheet HTML 7Page - Integrated Silicon Solution, Inc IS42SMVM32200K Datasheet HTML 8Page - Integrated Silicon Solution, Inc IS42SMVM32200K Datasheet HTML 9Page - Integrated Silicon Solution, Inc IS42SMVM32200K Datasheet HTML 10Page - Integrated Silicon Solution, Inc IS42SMVM32200K Datasheet HTML 11Page - Integrated Silicon Solution, Inc IS42SMVM32200K Datasheet HTML 12Page - Integrated Silicon Solution, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 33 page
background image
8
IS42SM/RM/VM32200K
Rev. A | August 2012
www.issi.com - DRAM@issi.com
In general, this 64Mb SDRAM (512K x 32Bits x 4banks) is a multi-bank DRAM that operates at 3.3V, 2.5V or 1.8V and includes a
synchronous interface (all signals are registered on the positive edge of the clock signal, CLK). Each of the 16,777,216-bit banks is
organized as 2,048 rows by 256 columns by 32-bits
Read and write accesses to the SDRAM are burst oriented; accesses start at a selected location and continue for a programmed
number of locations in a programmed sequence. Accesses begin with the registration of an ACTIVE command, which is then followed
by a READ or WRITE command. The address bits registered coincident with the ACTIVE command are used to select the bank and
row to be accessed (BA0-BA1 select the bank, A0-A10 select the row). The address bits (BA0-BA1 select the bank, A0-A7 select the
column) registered coincident with the READ or WRITE command are used to select the starting column location for the burst access.
Prior to normal operation, the SDRAM must be initialized. The following sections provide detailed information covering device
initialization, register definition, command descriptions and device operation.
Power up and Initialization
SDRAMs must be powered up and initialized in a predefined manner. Operational procedures other than those specified may result in
undefined operation. Once power is applied to VDD and VDDQ(simultaneously) and the clock is stable(stable clock is defined as a
signal cycling within timing constraints specified for the clock pin), the SDRAM requires a 100µs delay prior to issuing any command
other than a COMMAND INHIBIT or NOP. CKE must be held high during the entire initialization period until the PRECHARGE command
has been issued. Starting at some point during this 100µs period and continuing at least through the end of this period, COMMAND
INHIBIT or NOP commands should be applied.
Once the 100µs delay has been satisfied with at least one COMMAND INHIBIT or NOP command having been applied, a PRECHARGE
command should be applied. All banks must then be precharged, thereby placing the device in the all banks idle state.
Once in the idle state, two AUTO REFRESH cycles must be performed. After the AUTO REFRESH cycles are complete, the SDRAM is
ready for mode register programming. Because the mode register will power up in an unknown state, it should be loaded prior to
applying any operational command. And a extended mode register set command will be issued to program specific mode of self
refresh operation(PASR). The following these cycles, the Mobile SDRAM is ready for normal operation.
Register Definition
Mode Register
The mode register is used to define the specific mode of operation of the SDRAM. This definition includes the selection of a burst
length, a burst type, a CAS latency, an operating mode and a write burst mode. The mode register is programmed via the LOAD
MODE REGISTER command and will retain the stored information until it is programmed again or the device loses power.
Mode register bits M0-M2 specify the burst length, M3 specifies the type of burst (sequential or interleaved), M4-M6 specify the CAS
latency, M9 specifies the write burst mode, and M7, M8 and M10 should be set to “0”. M11 and M12 should be set to “0” to prevent
extended mode register.
The mode register must be loaded when all banks are idle, and the controller must wait the specified time before initiating the
subsequent operation. Violating either of these requirements will result in unspecified operation.
Functional Description
Extended Mode Register
The Extended Mode Register controls the functions beyond those controlled by the Mode Register. These additional functions are
special features of the BATRAM device. They include Partial Array Self Refresh (PASR) and Driver Strength (DS).
The Extended Mode Register is programmed via the Mode Register Set command and retains the stored information until it is
programmed again or the device loses power.
The Extended Mode Register must be programmed with E7 through E10 set to “0”. Also, E11 (BA0) must be set to “0”, and E12 (BA1)
must be set to “1”. The Extended Mode Register must be loaded when all banks are idle and no bursts are in progress, and the
controller must wait the specified time before initiating any subsequent operation. Violating either of these requirements results in
unspecified operation.


Similar Part No. - IS42SMVM32200K

ManufacturerPart #DatasheetDescription
logo
Integrated Silicon Solu...
IS42SMVM32200M ISSI-IS42SMVM32200M Datasheet
852Kb / 33P
   Auto refresh and self refresh
More results

Similar Description - IS42SMVM32200K

ManufacturerPart #DatasheetDescription
logo
Integrated Silicon Solu...
IS42RM16800F ISSI-IS42RM16800F Datasheet
465Kb / 27P
   Auto refresh and self refresh
IS42SM16200D ISSI-IS42SM16200D Datasheet
477Kb / 33P
   Auto refresh and self refresh
IS42VM16160K ISSI-IS42VM16160K Datasheet
865Kb / 34P
   Auto refresh and self refresh
IS42SM32100D ISSI-IS42SM32100D Datasheet
839Kb / 33P
   Auto refresh and self refresh
IS42SMVM32200M ISSI-IS42SMVM32200M Datasheet
852Kb / 33P
   Auto refresh and self refresh
logo
Alliance Semiconductor ...
16MX16-DDR1-AS4C16M16D1A ALSC-16MX16-DDR1-AS4C16M16D1A Datasheet
2Mb / 64P
   Auto Refresh and Self Refresh
AS4C128M16D2 ALSC-AS4C128M16D2 Datasheet
2Mb / 75P
   Auto Refresh and Self Refresh
logo
Integrated Silicon Solu...
IS43R16160 ISSI-IS43R16160 Datasheet
1Mb / 37P
   Auto refresh and Self refresh
IS42VM16800G ISSI-IS42VM16800G Datasheet
470Kb / 33P
   Auto refresh and self refresh
IS42SM16800F ISSI-IS42SM16800F Datasheet
253Kb / 27P
   Auto refresh and self refresh
IS42VM32160E ISSI-IS42VM32160E Datasheet
881Kb / 33P
   Auto refresh and self refresh
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com