Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IS42VM16160E Datasheet(PDF) 9 Page - Integrated Silicon Solution, Inc

Part # IS42VM16160E
Description  4M x 16Bits x 4Banks Mobile Synchronous DRAM
Download  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ISSI [Integrated Silicon Solution, Inc]
Direct Link  http://www.issi.com
Logo ISSI - Integrated Silicon Solution, Inc

IS42VM16160E Datasheet(HTML) 9 Page - Integrated Silicon Solution, Inc

Back Button IS42VM16160E Datasheet HTML 5Page - Integrated Silicon Solution, Inc IS42VM16160E Datasheet HTML 6Page - Integrated Silicon Solution, Inc IS42VM16160E Datasheet HTML 7Page - Integrated Silicon Solution, Inc IS42VM16160E Datasheet HTML 8Page - Integrated Silicon Solution, Inc IS42VM16160E Datasheet HTML 9Page - Integrated Silicon Solution, Inc IS42VM16160E Datasheet HTML 10Page - Integrated Silicon Solution, Inc IS42VM16160E Datasheet HTML 11Page - Integrated Silicon Solution, Inc IS42VM16160E Datasheet HTML 12Page - Integrated Silicon Solution, Inc IS42VM16160E Datasheet HTML 13Page - Integrated Silicon Solution, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 33 page
background image
9
www.issi.com - DRAM@issi.com
Rev. 0C | May 2013
IS42/45SM/RM/VM16160E
Burst Length
Read and write accesses to the SDRAM are burst oriented, with the burst length being programmable, as shown in Figure 1. The burst
length determines the maximum number of column locations that can be accessed for a given READ or WRITE command. Burst
lengths of 1, 2, 4 or 8 locations are available for both the sequential and the interleaved burst types, and a full-page burst is available
for the sequential type. The full-page burst is used in conjunction with the BURST TERMINATE command to generate arbitrary burst
lengths.
Reserved states should not be used, as unknown operation or incompatibility with future versions may result. When a READ or WRITE
command is issued, a block of columns equal to the burst length is effectively selected. All accesses for that burst take place within
this block, meaning that the burst will wrap within the block if a boundary is reached. The block is uniquely selected by A1-A8 when
the burst length is set to two; by A2-A8 when the burst length is set to four; and by A3-A8 when the burst length is set to eight. The
remaining (least significant) address bit(s) is (are) used to select the starting location within the block. Full-page bursts wrap within
the page if the boundary is reached.
Bank(Row) Active
The Bank Active command is used to activate a row in a specified bank of the device. This command is initiated by activating CS, RAS and
deasserting CAS, WE at the positive edge of the clock. The value on the BA0-BA1 selects the bank, and the value on the A0-A12 selects
the row.
This row remains active for column access until a precharge command is issued to that bank. Read and write operations can only be
initiated on this activated bank after the minimum tRCD time is passed from the activate command.
Read
The READ command is used to initiate the burst read of data. This command is initiated by activating CS, CAS, and deasserting WE, RAS at
the positive edge of the clock. BA0-BA1 input select the bank, A0-A8 address inputs select the starting column location. The value on input
A10 determines whether or not Auto Precharge is used. If Auto Precharge is selected the row being accessed will be precharged at the
end of the READ burst; if Auto Precharge is not selected, the row will remain active for subsequent accesses. The length of burst and the
CAS latency will be determined by the values programmed during the MRS command.
Write
The WRITE command is used to initiate the burst write of data. This command is initiated by activating CS, CAS, WE and deasserting RAS
at the positive edge of the clock. BA0-BA1 input select the bank, A0-A8 address inputs select the starting column location. The value on
input A10 determines whether or not Auto Precharge is used. If Auto Precharge is selected the row being accessed will be precharged at
the end of the WRITE burst; if Auto Precharge is not selected, the row will remain active for subsequent accesses.


Similar Part No. - IS42VM16160E

ManufacturerPart #DatasheetDescription
logo
Integrated Silicon Solu...
IS42VM16160D ISSI-IS42VM16160D Datasheet
490Kb / 23P
   Sequential and Interleave
IS42VM16160K ISSI-IS42VM16160K Datasheet
865Kb / 34P
   Auto refresh and self refresh
More results

Similar Description - IS42VM16160E

ManufacturerPart #DatasheetDescription
logo
Integrated Silicon Solu...
IS42VM16800F ISSI-IS42VM16800F Datasheet
465Kb / 27P
   2M x 16Bits x 4Banks Mobile Synchronous DRAM
IS42VM16800H ISSI-IS42VM16800H Datasheet
847Kb / 33P
   2M x 16Bits x 4Banks Mobile Synchronous DRAM
IS42SM16800G-6BLI ISSI-IS42SM16800G-6BLI Datasheet
470Kb / 33P
   2M x 16Bits x 4Banks Mobile Synchronous DRAM
IS42SM16800H-6BLI ISSI-IS42SM16800H-6BLI Datasheet
854Kb / 34P
   2M x 16Bits x 4Banks Mobile Synchronous DRAM
IS42VM16320D ISSI-IS42VM16320D Datasheet
550Kb / 27P
   8M x 16Bits x 4Banks Mobile Synchronous DRAM
IS42VM16320E ISSI-IS42VM16320E Datasheet
832Kb / 33P
   8M x 16Bits x 4Banks Mobile Synchronous DRAM
IS42SM ISSI-IS42SM Datasheet
1Mb / 33P
   1M x 16Bits x 4Banks Mobile Synchronous DRAM
IS42VM32160D ISSI-IS42VM32160D Datasheet
468Kb / 27P
   4M x 32Bits x 4Banks Mobile Synchronous DRAM
IS42SM32160E-6BLI ISSI-IS42SM32160E-6BLI Datasheet
885Kb / 33P
   4M x 32Bits x 4Banks Mobile Synchronous DRAM
logo
Hynix Semiconductor
HY5Y2B6DLF-HE HYNIX-HY5Y2B6DLF-HE Datasheet
1Mb / 26P
   4Banks x 2M x 16bits Synchronous DRAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com