Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HNC2-2.5S-4 Datasheet(PDF) 1 Page - Hirose Electric

Part # HNC2-2.5S-4
Description  2.5mm Pitch Connector for Discrete Wire Connection
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HIROSE [Hirose Electric]
Direct Link  http://www.hirose-connectors.com
Logo HIROSE - Hirose Electric

HNC2-2.5S-4 Datasheet(HTML) 1 Page - Hirose Electric

  HNC2-2.5S-4 Datasheet HTML 1Page - Hirose Electric HNC2-2.5S-4 Datasheet HTML 2Page - Hirose Electric HNC2-2.5S-4 Datasheet HTML 3Page - Hirose Electric HNC2-2.5S-4 Datasheet HTML 4Page - Hirose Electric HNC2-2.5S-4 Datasheet HTML 5Page - Hirose Electric HNC2-2.5S-4 Datasheet HTML 6Page - Hirose Electric HNC2-2.5S-4 Datasheet HTML 7Page - Hirose Electric  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
B139
2.5mm Pitch Connector for Discrete Wire Connection
HNC Series
sFeatures
1. Full Lock Mechanism
The connector is equipped with the full lock mechanism so as not be removed, unless locks are reset on both sides. This mechanism is
activated effectively to prevent cable hooking or mis-insertion.
2. Thin Type Connector
Mounting height when the connector is used at the right angle :
4.5mm
3. Mechanism to Prevent Mis-insertion
This thin type connector is equipped with the mechanism to prevent mis-
insertion.
4. Tin Plating and Gold Plating Variation
Two kinds of tin plating and gold plating types are available, and can be
chosen according to application. The tin plating is also set to a light operating
touch.
sApplications
Various business equipment, financial terminals
Thickness
4.5mm
Mechanism
to prevent
false-insertion
Full lock
mechanism


Similar Part No. - HNC2-2.5S-4

ManufacturerPart #DatasheetDescription
logo
LEM
HNC-050P LEM-HNC-050P Datasheet
57Kb / 2P
   Current Transducer HNC- 050~100P
HNC-050P LEM-HNC-050P Datasheet
748Kb / 2P
   Current Transducer
HNC-050P LEM-HNC-050P_06 Datasheet
748Kb / 2P
   Current Transducer
HNC-100P LEM-HNC-100P Datasheet
57Kb / 2P
   Current Transducer HNC- 050~100P
HNC-200P LEM-HNC-200P Datasheet
90Kb / 2P
   Current Transducer HNC- 200~300P
More results

Similar Description - HNC2-2.5S-4

ManufacturerPart #DatasheetDescription
logo
Hirose Electric
DF1 HIROSE-DF1 Datasheet
197Kb / 7P
   2.5mm Pitch Connector for Discrete Wire Connection
DF1-5A1.33 HIROSE-DF1-5A1.33 Datasheet
211Kb / 8P
   2.5mm Pitch Connector for Discrete Wire Connection
DF1-2S-2.5R24 HIROSE-DF1-2S-2.5R24 Datasheet
238Kb / 7P
   2.5mm Pitch Connector for Discrete Wire Connection
DF1E-02P-2.5DS HIROSE-DF1E-02P-2.5DS Datasheet
398Kb / 16P
   2.5mm Pitch Connector for Full Lock and Discrete Wire Connection
DF1E-02P-2.5DS HIROSE-DF1E-02P-2.5DS_1 Datasheet
308Kb / 16P
   2.5mm Pitch Connector for Full Lock and Discrete Wire Connection
DF1EC-4P-2.5DSA HIROSE-DF1EC-4P-2.5DSA Datasheet
309Kb / 16P
   2.5mm Pitch Connector for Full Lock and Discrete Wire Connection
DF1E HIROSE-DF1E Datasheet
369Kb / 14P
   2.5mm Pitch Connectors for Full Lock and Discrete Wire Connection
DF1B HIROSE-DF1B Datasheet
386Kb / 19P
   2.5mm Pitch Connector for Discrete Wire Connection (Product Compliant with UL/CSA Standard)
DF1B-2S-2.5R HIROSE-DF1B-2S-2.5R Datasheet
544Kb / 17P
   2.5mm Pitch Connector for Discrete Wire Connection (Product Compliant with UL/CSA Standard)
DF1B-3P-2.5DS HIROSE-DF1B-3P-2.5DS Datasheet
364Kb / 19P
   2.5mm Pitch Connector for Discrete Wire Connection (Product Compliant with UL/CSA Standard)
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com