Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HNC2-2.5S-4 Datasheet(PDF) 2 Page - Hirose Electric

Part # HNC2-2.5S-4
Description  2.5mm Pitch Connector for Discrete Wire Connection
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HIROSE [Hirose Electric]
Direct Link  http://www.hirose-connectors.com
Logo HIROSE - Hirose Electric

HNC2-2.5S-4 Datasheet(HTML) 2 Page - Hirose Electric

  HNC2-2.5S-4 Datasheet HTML 1Page - Hirose Electric HNC2-2.5S-4 Datasheet HTML 2Page - Hirose Electric HNC2-2.5S-4 Datasheet HTML 3Page - Hirose Electric HNC2-2.5S-4 Datasheet HTML 4Page - Hirose Electric HNC2-2.5S-4 Datasheet HTML 5Page - Hirose Electric HNC2-2.5S-4 Datasheet HTML 6Page - Hirose Electric HNC2-2.5S-4 Datasheet HTML 7Page - Hirose Electric  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
B140
sProduct Specifications
Current rating
(Note1)
Voltage rating
AWG 22 : 3A
AWG 24 : 3A
AWG 26 : 2A
AWG 28 : 1A
AWG 30 : 0.5A
250V AC
Storage Temperature Range
Storage Moisture Range
Operating Temperature Range
Operating Moisture Range
-10 to +60ç (Note3)
-40 to 70% (Note3)
-25 to +85ç (Note2)
-40 to 80%
Item
Specification
Condition
1. Insulation Resistance
1000M ohms min.
500V DC
2. Withstanding voltage
No flashover or insulation breakdown.
1000V AC/1 minute
3. Contact Resistance
30m ohms Max
1A
4. Insertor/Extraction Force 0.4N (40gf) min.,4.4N (450gf) max.
Measure at the square steel pin of 0.635±0.002mm
5. Vibration
No electrical discontinuity of 1µs or more
Frequency: 10 to 55 Hz, single amplitude of 0.75 mm, 2 hours in each of the 3 directions.
6. Humidity (Steady state) Contact resistance: 10m ohms max.Insulation resistance: 1000M ohms min. 96 hours at temperature of 40ç and humidity of 90% to 95%
7. Temperature Cycle
Contact resistance: 10m ohms max:Insulation resistance: 1000M ohms min.
(-25ç: 30 minutes ➝ 5 to 35ç: 10 minutes
(-85ç: 30 minutes ➝ 5 to 35ç: 10 minutes) 5 cycles
8. Durability (Mating/un-mating) Contact resistance: 20m ohms max.
Tin plating
: 30 cycles
Gold plating
: 50 cycles
9. Resistance to Soldering heat
No deformation of components affecting performance.
Flow: 250ç for 5 seconds
Manual soldering: 300ç for 2 seconds
Rating
sMaterial
Product
Part
Material
Finish
Remarks
Crimping Socket
Insulator
Polyamide
Black
UL94V-0
Contact
Contact
Phosphor Copper
Tin plated or gold plated
–––––
Insulator
Polyamide
Black
UL94V-0
Pin Header
Contact
Brass
Tin plated or gold plated
–––––
Note 1: The rated current will be changed according to cable sizes for use. The header rating only t is 3A.
Note 2: Includes temperature rise caused by current flow.
Note 3: The term "storage" refers to products stored for long period of time prior to mounting and use. Operating Temperature Range
and Humidity range covers non conducting condition of installed connectors in storage, shipment or during transportation.
sOrdering Information
qCrimping Plug
qContact
HNC 2 - 2.5 P - * DSL
q
e
e
r
wy
t
HNC2 - 2.5S - C - A
qw
q Series Name
: HNC
w Series No.
: 2, 1
e Contact Pitch
: 2.5mm
r Connector Type
S : Socket
P : Pin Header
t Number of Contacts : 2 to 16, 18, 20
y Contact Type
None : Crimping socket
DS
: Straight
DSL
: Right angle
q Type: 2.5mm pitch socket
w Packaging Type
C
: Reel
PC : Bag
e Applicable cable size
A
: AWG22 to 26
B
: AWG26 to 30


Similar Part No. - HNC2-2.5S-4

ManufacturerPart #DatasheetDescription
logo
LEM
HNC-050P LEM-HNC-050P Datasheet
57Kb / 2P
   Current Transducer HNC- 050~100P
HNC-050P LEM-HNC-050P Datasheet
748Kb / 2P
   Current Transducer
HNC-050P LEM-HNC-050P_06 Datasheet
748Kb / 2P
   Current Transducer
HNC-100P LEM-HNC-100P Datasheet
57Kb / 2P
   Current Transducer HNC- 050~100P
HNC-200P LEM-HNC-200P Datasheet
90Kb / 2P
   Current Transducer HNC- 200~300P
More results

Similar Description - HNC2-2.5S-4

ManufacturerPart #DatasheetDescription
logo
Hirose Electric
DF1 HIROSE-DF1 Datasheet
197Kb / 7P
   2.5mm Pitch Connector for Discrete Wire Connection
DF1-5A1.33 HIROSE-DF1-5A1.33 Datasheet
211Kb / 8P
   2.5mm Pitch Connector for Discrete Wire Connection
DF1-2S-2.5R24 HIROSE-DF1-2S-2.5R24 Datasheet
238Kb / 7P
   2.5mm Pitch Connector for Discrete Wire Connection
DF1E-02P-2.5DS HIROSE-DF1E-02P-2.5DS Datasheet
398Kb / 16P
   2.5mm Pitch Connector for Full Lock and Discrete Wire Connection
DF1E-02P-2.5DS HIROSE-DF1E-02P-2.5DS_1 Datasheet
308Kb / 16P
   2.5mm Pitch Connector for Full Lock and Discrete Wire Connection
DF1EC-4P-2.5DSA HIROSE-DF1EC-4P-2.5DSA Datasheet
309Kb / 16P
   2.5mm Pitch Connector for Full Lock and Discrete Wire Connection
DF1E HIROSE-DF1E Datasheet
369Kb / 14P
   2.5mm Pitch Connectors for Full Lock and Discrete Wire Connection
DF1B HIROSE-DF1B Datasheet
386Kb / 19P
   2.5mm Pitch Connector for Discrete Wire Connection (Product Compliant with UL/CSA Standard)
DF1B-2S-2.5R HIROSE-DF1B-2S-2.5R Datasheet
544Kb / 17P
   2.5mm Pitch Connector for Discrete Wire Connection (Product Compliant with UL/CSA Standard)
DF1B-3P-2.5DS HIROSE-DF1B-3P-2.5DS Datasheet
364Kb / 19P
   2.5mm Pitch Connector for Discrete Wire Connection (Product Compliant with UL/CSA Standard)
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com