Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IS42VM32400F Datasheet(PDF) 7 Page - Integrated Silicon Solution, Inc

Part # IS42VM32400F
Description  1M x 32Bits x 4Banks Mobile Synchronous DRAM
Download  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ISSI [Integrated Silicon Solution, Inc]
Direct Link  http://www.issi.com
Logo ISSI - Integrated Silicon Solution, Inc

IS42VM32400F Datasheet(HTML) 7 Page - Integrated Silicon Solution, Inc

Back Button IS42VM32400F Datasheet HTML 3Page - Integrated Silicon Solution, Inc IS42VM32400F Datasheet HTML 4Page - Integrated Silicon Solution, Inc IS42VM32400F Datasheet HTML 5Page - Integrated Silicon Solution, Inc IS42VM32400F Datasheet HTML 6Page - Integrated Silicon Solution, Inc IS42VM32400F Datasheet HTML 7Page - Integrated Silicon Solution, Inc IS42VM32400F Datasheet HTML 8Page - Integrated Silicon Solution, Inc IS42VM32400F Datasheet HTML 9Page - Integrated Silicon Solution, Inc IS42VM32400F Datasheet HTML 10Page - Integrated Silicon Solution, Inc IS42VM32400F Datasheet HTML 11Page - Integrated Silicon Solution, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 27 page
background image
IS42VM32400F
Figure5: Extended Mode Register
A0
A1
A2
A3
A4
A5
A6
A7
A8
A9
A10
A11
BA0
BA1
0
PASR
Address Bus
Extended Mode Register (Ex)
0
1
2
3
4
5
6
10
987
11
0
00
0
DS
0
12
13
1
0
0
E2
E1
E0
Self Refresh Coverage
0
0
0
All Banks
00
1
Two Banks (BA1=0)
0
1
0
One Bank (BA1=BA0=0)
0
1
1
Reserved
1
0
0
Reserved
E6
E5
Driver Strength
00
Full Strength
0
1
1/2 Strength
1
0
1/4 Strength
11
Reserved
1
0
1
Half of One Bank (BA1=BA0=0, Row Address MSB=0)
1
1
0
Quarter of One Bank (BA1=BA0=0, Row Address 2 MSB=0)
1
1
1
Reserved
Note: E13/E12(BA1/BA0) must be set to “1/0” to select Extend Mode Register (vs. the base Mode Register)
7
Rev. A | July 2010
www.issi.com - DRAM@issi.com


Similar Part No. - IS42VM32400F

ManufacturerPart #DatasheetDescription
logo
Integrated Silicon Solu...
IS42VM32400E ISSI-IS42VM32400E Datasheet
488Kb / 24P
   128Mb Mobile Synchronous DRAM
IS42VM32400G ISSI-IS42VM32400G Datasheet
545Kb / 33P
   All pins are compatible with LVCMOS interface
IS42VM32400G-6BLI ISSI-IS42VM32400G-6BLI Datasheet
545Kb / 33P
   1M x 32Bits x 4Banks Mobile Synchronous DRAM
IS42VM32400G-75BI ISSI-IS42VM32400G-75BI Datasheet
545Kb / 33P
   1M x 32Bits x 4Banks Mobile Synchronous DRAM
IS42VM32400G-75BLI ISSI-IS42VM32400G-75BLI Datasheet
545Kb / 33P
   1M x 32Bits x 4Banks Mobile Synchronous DRAM
More results

Similar Description - IS42VM32400F

ManufacturerPart #DatasheetDescription
logo
Integrated Silicon Solu...
IS42SM32400H-6BLI ISSI-IS42SM32400H-6BLI Datasheet
909Kb / 34P
   1M x 32Bits x 4Banks Mobile Synchronous DRAM
IS42SM32400G-6BLI ISSI-IS42SM32400G-6BLI Datasheet
545Kb / 33P
   1M x 32Bits x 4Banks Mobile Synchronous DRAM
IS42VM32400H ISSI-IS42VM32400H Datasheet
893Kb / 33P
   1M x 32Bits x 4Banks Mobile Synchronous DRAM
IS42VM32800E ISSI-IS42VM32800E Datasheet
877Kb / 33P
   2M x 32Bits x 4Banks Mobile Synchronous DRAM
IS42VM32160D ISSI-IS42VM32160D Datasheet
468Kb / 27P
   4M x 32Bits x 4Banks Mobile Synchronous DRAM
IS42VM32800K ISSI-IS42VM32800K Datasheet
919Kb / 35P
   2M x 32Bits x 4Banks Mobile Synchronous DRAM
IS42SM32200K-6BLI ISSI-IS42SM32200K-6BLI Datasheet
540Kb / 33P
   512K x 32Bits x 4Banks Mobile Synchronous DRAM
IS42SM32160E-6BLI ISSI-IS42SM32160E-6BLI Datasheet
885Kb / 33P
   4M x 32Bits x 4Banks Mobile Synchronous DRAM
IS42SM ISSI-IS42SM Datasheet
1Mb / 33P
   1M x 16Bits x 4Banks Mobile Synchronous DRAM
logo
Hynix Semiconductor
HY5V52F HYNIX-HY5V52F Datasheet
336Kb / 13P
   4Banks x 2M x 32bits Synchronous DRAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com