Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IS42VS16100E-75BL Datasheet(PDF) 5 Page - Integrated Silicon Solution, Inc

Part # IS42VS16100E-75BL
Description  2048 refresh cycles every 32 ms
Download  81 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ISSI [Integrated Silicon Solution, Inc]
Direct Link  http://www.issi.com
Logo ISSI - Integrated Silicon Solution, Inc

IS42VS16100E-75BL Datasheet(HTML) 5 Page - Integrated Silicon Solution, Inc

  IS42VS16100E-75BL Datasheet HTML 1Page - Integrated Silicon Solution, Inc IS42VS16100E-75BL Datasheet HTML 2Page - Integrated Silicon Solution, Inc IS42VS16100E-75BL Datasheet HTML 3Page - Integrated Silicon Solution, Inc IS42VS16100E-75BL Datasheet HTML 4Page - Integrated Silicon Solution, Inc IS42VS16100E-75BL Datasheet HTML 5Page - Integrated Silicon Solution, Inc IS42VS16100E-75BL Datasheet HTML 6Page - Integrated Silicon Solution, Inc IS42VS16100E-75BL Datasheet HTML 7Page - Integrated Silicon Solution, Inc IS42VS16100E-75BL Datasheet HTML 8Page - Integrated Silicon Solution, Inc IS42VS16100E-75BL Datasheet HTML 9Page - Integrated Silicon Solution, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 81 page
background image
IS42VS16100E
Integrated Silicon Solution, Inc. — www.issi.com — 1-800-379-4774
5
Rev. 00E
01/21/2011
ABSOLUTEMAXIMUMRATINGS(1)
Symbol
Parameters
Rating
Unit
VDD max
MaximumSupplyVoltage
–0.5to+2.6
V
VDDqmax
MaximumSupplyVoltageforOutputBuffer
–0.5to+2.6
V
Vin
InputVoltage
–0.5to+2.6
V
PD max
AllowablePowerDissipation
1
W
Ics
OutputShortedCurrent
50
mA
TOpr
OperatingTemperature
Com
0to+70
°C
Ind.
-40to+85
°C
Tstg
StorageTemperature
–55to+150
°C
DCRECOMMENDEDOPERATINGCONDITIONS(2)
Commercial
(Ta=0°Cto+70°C),Industrial(Ta=-40°Cto+85°C)
Symbol
Parameter
Min.
Typ.
Max.
Unit
VDD, VDDq
SupplyVoltage
1.7
1.8
1.9
V
Vih
InputHighVoltage(3)
0.8xVDDq
VDDq +0.3
V
Vil
InputLowVoltage(4)
-0.3
+0.3
V
CAPACITANCECHARACTERISTICS(1,2)(VDD=1.8V,Ta=+25°C,f=1MHz)
Symbol
Parameter
Min.
Max.
Unit
Cin1
InputCapacitance:CLK
2.5
4.0
pF
Cin2
InputCapacitance:(A0-A11,CKE, CS, RAS,CAS,WE,LDQM,UDQM) 2.5
5.0
pF
CI/O
DataInput/OutputCapacitance:DQ0-DQ15
4.0
6.5
pF
Notes:
1.StressgreaterthanthoselistedunderABSOLUTEMAXIMUMRATINGSmaycausepermanentdamagetothedevice.Thisisa
stressratingonlyandfunctionaloperationofthedeviceattheseoranyotherconditionsabovethoseindicatedintheoperational
sectionsofthisspecificationisnotimplied.Exposuretoabsolutemaximumratingconditionsforextendedperiodsmayaffectreli-
ability.
2.AllvoltagesarereferencedtoVss.
3.Vih(max)=2.2Vwithapulsewidth≤3ns.
4.Vil(min)=-1.0Vwithapulsewidth≤3ns.


Similar Part No. - IS42VS16100E-75BL

ManufacturerPart #DatasheetDescription
logo
Integrated Silicon Solu...
IS42VS16100C1 ISSI-IS42VS16100C1 Datasheet
747Kb / 80P
   512K Words x 16 Bits x 2 Banks (16-MBIT) SYNCHRONOUS DYNAMIC RAM
IS42VS16100C1-10T ISSI-IS42VS16100C1-10T Datasheet
747Kb / 80P
   512K Words x 16 Bits x 2 Banks (16-MBIT) SYNCHRONOUS DYNAMIC RAM
IS42VS16100C1-10TI ISSI-IS42VS16100C1-10TI Datasheet
747Kb / 80P
   512K Words x 16 Bits x 2 Banks (16-MBIT) SYNCHRONOUS DYNAMIC RAM
IS42VS16100C1-10TL ISSI-IS42VS16100C1-10TL Datasheet
747Kb / 80P
   512K Words x 16 Bits x 2 Banks (16-MBIT) SYNCHRONOUS DYNAMIC RAM
IS42VS16100C1-10TLI ISSI-IS42VS16100C1-10TLI Datasheet
747Kb / 80P
   512K Words x 16 Bits x 2 Banks (16-MBIT) SYNCHRONOUS DYNAMIC RAM
More results

Similar Description - IS42VS16100E-75BL

ManufacturerPart #DatasheetDescription
logo
Integrated Silicon Solu...
IS42R86400F ISSI-IS42R86400F Datasheet
1Mb / 68P
   8K refresh cycles every 64 ms
logo
Agere Systems
TTSI2K32T AGERE-TTSI2K32T Datasheet
1Mb / 66P
   2048-Channel, 32-Highway Time-Slot Interchanger
logo
List of Unclassifed Man...
9605R1.7KL2.0 ETC2-9605R1.7KL2.0 Datasheet
203Kb / 1P
   1,000,000 Full Cycles; 5,000,000 Dither Cycles
751-008 ETC2-751-008 Datasheet
10Mb / 64P
   Every edding a specialist
logo
Arduino
ABX00028 ARDUINO-ABX00028 Datasheet
477Kb / 12P
   Arduino® Nano Every
03/08/2022
logo
Alliance Semiconductor ...
AS4C128M16D2 ALSC-AS4C128M16D2 Datasheet
2Mb / 75P
   Auto Refresh and Self Refresh
logo
Integrated Silicon Solu...
IS43R16160 ISSI-IS43R16160 Datasheet
1Mb / 37P
   Auto refresh and Self refresh
IS42VM16800G ISSI-IS42VM16800G Datasheet
470Kb / 33P
   Auto refresh and self refresh
IS42SM16800F ISSI-IS42SM16800F Datasheet
253Kb / 27P
   Auto refresh and self refresh
IS42RM16800F ISSI-IS42RM16800F Datasheet
465Kb / 27P
   Auto refresh and self refresh
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com