Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

S2BF Datasheet(PDF) 1 Page - DONGGUAN YOU FENG WEI ELECTRONICS CO., LTD

Part # S2BF
Description  Surface MountGeneral Purpose Silicon Rectifiers
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  YFWDIODE [DONGGUAN YOU FENG WEI ELECTRONICS CO., LTD]
Direct Link  http://www.yfwdiode.com/
Logo YFWDIODE - DONGGUAN YOU FENG WEI ELECTRONICS CO., LTD

S2BF Datasheet(HTML) 1 Page - DONGGUAN YOU FENG WEI ELECTRONICS CO., LTD

  S2BF Datasheet HTML 1Page - DONGGUAN YOU FENG WEI ELECTRONICS CO., LTD S2BF Datasheet HTML 2Page - DONGGUAN YOU FENG WEI ELECTRONICS CO., LTD S2BF Datasheet HTML 3Page - DONGGUAN YOU FENG WEI ELECTRONICS CO., LTD  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image


Similar Part No. - S2BF

ManufacturerPart #DatasheetDescription
logo
Guangdong Kexin Industr...
S2BF KEXIN-S2BF Datasheet
1Mb / 3P
   Rectifier Diodes
logo
First Silicon Co., Ltd
S2BF FS-S2BF Datasheet
552Kb / 2P
   Reverse Voltage - 50 to 1000 V , Forward Current - 2A
logo
Microdiode Electronics ...
S2BF CHENDA-S2BF Datasheet
626Kb / 2P
   SURFACE MOUNT GENERAL RECTIFIER
logo
Guangdong Juxing Electr...
S2BF JUXING-S2BF Datasheet
843Kb / 3P
   Surface Mount Standard Rectifiers
logo
DONGGUAN YOU FENG WEI E...
S2BF YFWDIODE-S2BF Datasheet
417Kb / 3P
   Surface Mount General Purpose Silicon Rectifiers
More results

Similar Description - S2BF

ManufacturerPart #DatasheetDescription
logo
DONGGUAN YOU FENG WEI E...
S15AW YFWDIODE-S15AW Datasheet
77Kb / 3P
   Surface MountGeneral Purpose Silicon Rectifiers
S3AF YFWDIODE-S3AF Datasheet
125Kb / 3P
   Surface MountGeneral Purpose Silicon Rectifiers
S1ABF YFWDIODE-S1ABF Datasheet
86Kb / 3P
   Surface MountGeneral Purpose Silicon Rectifiers
S2ABF YFWDIODE-S2ABF Datasheet
86Kb / 3P
   Surface MountGeneral Purpose Silicon Rectifiers
S2AW YFWDIODE-S2AW Datasheet
77Kb / 3P
   Surface MountGeneral Purpose Silicon Rectifiers
1N4001W YFWDIODE-1N4001W Datasheet
73Kb / 3P
   Surface MountGeneral Purpose Silicon Rectifiers
S3ABF YFWDIODE-S3ABF Datasheet
86Kb / 3P
   Surface MountGeneral Purpose Silicon Rectifiers
S1AF YFWDIODE-S1AF Datasheet
119Kb / 3P
   Surface MountGeneral Purpose Silicon Rectifiers
S12AW YFWDIODE-S12AW Datasheet
78Kb / 3P
   Surface MountGeneral Purpose Silicon Rectifiers
logo
Central Semiconductor C...
CMMR1-02 CENTRAL-CMMR1-02_15 Datasheet
281Kb / 2P
   SURFACE MOUNT SILICON GENERAL PURPOSE RECTIFIERS
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com