Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HR31-5.08R-5SC Datasheet(PDF) 6 Page - Hirose Electric

Part # HR31-5.08R-5SC
Description  Interface Connectors for Factory Automation Network
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HIROSE [Hirose Electric]
Direct Link  http://www.hirose-connectors.com
Logo HIROSE - Hirose Electric

HR31-5.08R-5SC Datasheet(HTML) 6 Page - Hirose Electric

  HR31-5.08R-5SC Datasheet HTML 1Page - Hirose Electric HR31-5.08R-5SC Datasheet HTML 2Page - Hirose Electric HR31-5.08R-5SC Datasheet HTML 3Page - Hirose Electric HR31-5.08R-5SC Datasheet HTML 4Page - Hirose Electric HR31-5.08R-5SC Datasheet HTML 5Page - Hirose Electric HR31-5.08R-5SC Datasheet HTML 6Page - Hirose Electric HR31-5.08R-5SC Datasheet HTML 7Page - Hirose Electric HR31-5.08R-5SC Datasheet HTML 8Page - Hirose Electric  
Zoom Inzoom in Zoom Outzoom out
 6 / 8 page
background image
6
q Tools application procedures
Type
CL No.
Manual crimp tool
Contact removal pin
150-0217-7
150-0215-1
s Tools
Part No.
HR31-TC-01
HR31-SC-TP
Crimp position indicator
2
1.25
Applicable crimp contact
HR31-SC-113 or HR31-SC-111
HR31-SC-123 or HR31-SC-121
Manual crimp tool
Contact removal pin
1. Manual contact crimp tool
The tool will terminate all specified crimp contacts. Placement of correct contact in corresponding crimp position on
the tool is critical. The positions are clearly indicated on the tool as (2) and (1.25). The exposed conductor strip
length is 5mm.
2. Contact removal pin
Contact removal pin provides easy method of contact removal from plug assembly.
1) Fully insert the long end of the contact removal pin into the opening in the insulator.
2) Move the pin forward, in the direction of the mating face.
This will cause the terminated contact to move in opposite direction.
3) Pull out the wire with the attached crimped contact.
Crimp position indicator
Molded-in lance
Molded-in lance
Contact removal pin
Contact removal pin
Insertion direction
Wire
Wire
Pull-out


Similar Part No. - HR31-5.08R-5SC

ManufacturerPart #DatasheetDescription
logo
Hirose Electric
HR31-5.08R-5SC HIROSE-HR31-5.08R-5SC Datasheet
265Kb / 7P
   Interface Connectors for Factory Automation Network
More results

Similar Description - HR31-5.08R-5SC

ManufacturerPart #DatasheetDescription
logo
Hirose Electric
HR31 HIROSE-HR31 Datasheet
242Kb / 6P
   Interface Connectors for Factory Automation Network
HR31-5.08PA-5SC HIROSE-HR31-5.08PA-5SC_1 Datasheet
265Kb / 7P
   Interface Connectors for Factory Automation Network
logo
Toshiba Semiconductor
TLP716F TOSHIBA-TLP716F Datasheet
142Kb / 2P
   Plasma display panel High Speed Interface Factory Automation
TLP716 TOSHIBA-TLP716_07 Datasheet
215Kb / 6P
   Plasma display panel High Speed Interface Factory Automation
logo
Silicon Laboratories
EFM32PG1 SILABS-EFM32PG1 Datasheet
964Kb / 94P
   Industrial and factory automation
logo
Toshiba Semiconductor
TLP117 TOSHIBA-TLP117_14 Datasheet
265Kb / 7P
   PDP (Plasma Display Panel),FA (Factory Automation),High-Speed Interface
logo
Texas Instruments
DP83848C TI1-DP83848C_15 Datasheet
2Mb / 86P
[Old version datasheet]   Industrial Controls and Factory Automation
logo
Holt Integrated Circuit...
HI-4853 HOLTIC-HI-4853 Datasheet
1Mb / 14P
   Process Control and Factory Automation
logo
Amphenol Corporation
P29045 AMPHENOL-P29045 Datasheet
14Mb / 28P
   FACTORY AUTOMATION POWER AND CONTROL MEDIA
logo
Lumberg
ASBSM4-LED3 LUMBERG-ASBSM4-LED3 Datasheet
8Mb / 178P
   Connectors & Components for Automation Technology
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com