Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADC10664CIWM Datasheet(PDF) 11 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # ADC10664CIWM
Description  10-Bit 360 ns A/D Converter with Input Multiplexer and Sample/Hold
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

ADC10664CIWM Datasheet(HTML) 11 Page - National Semiconductor (TI)

Back Button ADC10664CIWM Datasheet HTML 6Page - National Semiconductor (TI) ADC10664CIWM Datasheet HTML 7Page - National Semiconductor (TI) ADC10664CIWM Datasheet HTML 8Page - National Semiconductor (TI) ADC10664CIWM Datasheet HTML 9Page - National Semiconductor (TI) ADC10664CIWM Datasheet HTML 10Page - National Semiconductor (TI) ADC10664CIWM Datasheet HTML 11Page - National Semiconductor (TI) ADC10664CIWM Datasheet HTML 12Page - National Semiconductor (TI) ADC10664CIWM Datasheet HTML 13Page - National Semiconductor (TI) ADC10664CIWM Datasheet HTML 14Page - National Semiconductor (TI)  
Zoom Inzoom in Zoom Outzoom out
 11 / 14 page
background image
Applications Information (Continued)
4.0 INHERENT SAMPLE-AND-HOLD
Because the ADC10662 and ADC10664 sample the input
signal once during each conversion, they are capable of
measuring relatively fast input signals without the help of an
external
sample-hold.
In
a
non-sampling
successive-approximation A/D converter, regardless of
speed, the input signal must be stable to better than ±1/2
LSB during each conversion cycle or significant errors will
result. Consequently, even for many relatively slow input sig-
nals, the signals must be externally sampled and held con-
stant during each conversion if a SAR with no internal
sample-and-hold is used.
Because they incorporate a direct sample/hold control input,
the ADC10662 and ADC10664 are suitable for use in
DSP-based systems. The S /H input allows synchronization
of the A/D converter to the DSP system’s sampling rate and
to other ADC10662s, and ADC10664s.
The ADC10662 and ADC10664 can perform accurate con-
versions of input signals with frequency components from
DC to over 250 kHz.
5.0 POWER SUPPLY CONSIDERATIONS
The ADC10662 and ADC10664 are designed to operate
from a +5V (nominal) power supply. There are two supply
pins, AV
CC and DVCC. These pins allow separate external
bypass capacitors for the analog and digital portions of the
circuit. To guarantee accurate conversions, the two supply
pins should be connected to the same voltage source, and
each should be bypassed with a 0.1 µF ceramic capacitor in
parallel with a 10 µF tantalum capacitor. Depending on the
circuit board layout and other system considerations, more
bypassing may be necessary.
The ADC10662 and ADC10664 have separate analog and
digital ground pins for separate bypassing of the analog and
digital supplies. Their ground pins should be connected to
the same potential, and all grounds should be “clean” and
free of noise.
In systems with multiple power supplies, careful attention to
power supply sequencing may be necessary to avoid over-
driving inputs. The A/D converter’s power supply pins should
be at the proper voltage before digital or analog signals are
applied to any of the other pins.
6.0 LAYOUT AND GROUNDING
In order to ensure fast, accurate conversions from the
ADC10662 and ADC10664, it is necessary to use appropri-
ate circuit board layout techniques. The analog ground re-
turn path should be low-impedance and free of noise from
other parts of the system. Noise from digital circuitry can be
especially troublesome, so digital grounds should always be
separate from analog grounds. For best performance, sepa-
rate ground planes should be provided for the digital and
analog parts of the system.
All bypass capacitors should be located as close to the con-
verter as possible and should connect to the converter and
to ground with short traces. The analog input should be iso-
lated from noisy signal traces to avoid having spurious sig-
nals couple to the input. Any external component (e.g., a fil-
ter capacitor) connected across the converter’s input should
be connected to a very clean ground return point. Grounding
the component at the wrong point will result in reduced con-
version accuracy.
7.0 DYNAMIC PERFORMANCE
Many applications require the A/D converter to digitize AC
signals, but conventional DC integral and differential nonlin-
earity specifications don’t accurately predict the A/D convert-
er’s performance with AC input signals. The important speci-
fications for AC applications reflect the converter’s ability to
digitize AC signals without significant spectral errors and
without adding noise to the digitized signal. Dynamic charac-
teristics such as signal-to-noise ratio (SNR) and total har-
monic distortion (THD), are quantitative measures of this ca-
pability.
DS011192-13
FIGURE 4. Typical Connection. Note the multiple bypass capacitors on the reference and power supply pins. If V
REF−
is not grounded, it should also be bypassed to analog ground using multiple capacitors (see 5.0 “Power Supply
Considerations”). AGND and DGND should be at the same potential. V
IN0 is shown with an input protection network.
www.national.com
11


Similar Part No. - ADC10664CIWM

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
ADC10664CIWM TI1-ADC10664CIWM Datasheet
974Kb / 22P
[Old version datasheet]   ADC10662/ADC10664 10-Bit 360 ns A/D Converter with Input Multiplexer and Sample/Hold
ADC10664CIWM TI1-ADC10664CIWM Datasheet
1,008Kb / 23P
[Old version datasheet]   10-Bit 360 ns A/D Converter with Input Multiplexer and Sample/Hold
ADC10664CIWM TI1-ADC10664CIWM Datasheet
1,010Kb / 22P
[Old version datasheet]   10-Bit 360 ns A/D Converter with Input Multiplexer and Sample/Hold
ADC10664CIWM-NOPB TI1-ADC10664CIWM-NOPB Datasheet
974Kb / 22P
[Old version datasheet]   ADC10662/ADC10664 10-Bit 360 ns A/D Converter with Input Multiplexer and Sample/Hold
ADC10664CIWM/NOPB TI1-ADC10664CIWM/NOPB Datasheet
1,010Kb / 22P
[Old version datasheet]   10-Bit 360 ns A/D Converter with Input Multiplexer and Sample/Hold
More results

Similar Description - ADC10664CIWM

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
ADC10662 TI1-ADC10662_15 Datasheet
1,010Kb / 22P
[Old version datasheet]   10-Bit 360 ns A/D Converter with Input Multiplexer and Sample/Hold
ADC10662 TI1-ADC10662_14 Datasheet
1,008Kb / 23P
[Old version datasheet]   10-Bit 360 ns A/D Converter with Input Multiplexer and Sample/Hold
ADC10664CIWMX TI1-ADC10664CIWMX Datasheet
974Kb / 22P
[Old version datasheet]   ADC10662/ADC10664 10-Bit 360 ns A/D Converter with Input Multiplexer and Sample/Hold
logo
National Semiconductor ...
ADC10461 NSC-ADC10461 Datasheet
760Kb / 16P
   10-Bit 600 ns A/D Converter with Input Multiplexer and Sample/Hold
logo
Texas Instruments
ADC10461 TI1-ADC10461_14 Datasheet
1Mb / 24P
[Old version datasheet]   10-Bit 600 ns A/D Converter with Input Multiplexer and Sample/Hold
logo
National Semiconductor ...
ADC10061 NSC-ADC10061 Datasheet
333Kb / 14P
   10-Bit 600 ns A/D Converter with Input Multiplexer and Sample/Hold
ADC10064 NSC-ADC10064 Datasheet
342Kb / 14P
   10-Bit 600 ns A/D Converter with Input Multiplexer and Sample/Hold
ADC10461 NSC-ADC10461_06 Datasheet
757Kb / 17P
   10-Bit 600 ns A/D Converter with Input Multiplexer and Sample/Hold
logo
Texas Instruments
ADC10461 TI1-ADC10461_15 Datasheet
1Mb / 23P
[Old version datasheet]   10-Bit 600 ns A/D Converter with Input Multiplexer and Sample/Hold
ADC10061 TI1-ADC10061_14 Datasheet
1Mb / 23P
[Old version datasheet]   ADC10061/ADC10062/ADC10064 10-Bit 600 ns A/D Converter with Input Multiplexer and Sample
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com