Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HRFC-AT11K-A03 Datasheet(PDF) 3 Page - Hirose Electric

Part # HRFC-AT11K-A03
Description  FC Type Fixed Attenuators
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HIROSE [Hirose Electric]
Direct Link  http://www.hirose-connectors.com
Logo HIROSE - Hirose Electric

HRFC-AT11K-A03 Datasheet(HTML) 3 Page - Hirose Electric

  HRFC-AT11K-A03 Datasheet HTML 1Page - Hirose Electric HRFC-AT11K-A03 Datasheet HTML 2Page - Hirose Electric HRFC-AT11K-A03 Datasheet HTML 3Page - Hirose Electric  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
79
30
M8∞0.75
qHigh Power SC-Type Fixed Attenuator (Max. input power : 250mW)
Part Number
CL No.
Attenuation
Attenuation Tolerance
Return Loss
Wavelength
Split sleeve
Fiber type
HRFC-AT11K-A01
HRFC-AT11K-A02
HRFC-AT11K-A03
HRFC-AT11K-A04
HRFC-AT11K-A05
HRFC-AT11K-A06
HRFC-AT11K-A07
HRFC-AT11K-A08
HRFC-AT11K-A09
HRFC-AT11K-A10
HRFC-AT11K-A15
HRFC-AT11K-A20
HRFC-AT11K-A25
820-8001-7
820-8002-0
820-8003-2
820-8004-5
820-8005-8
820-8006-0
820-8007-3
820-8008-6
820-8009-9
820-8010-8
820-8011-0
820-8012-3
820-8013-6
01dB
02dB
03dB
04dB
05dB
06dB
07dB
08dB
09dB
10dB
15dB
20dB
25dB
±0.5dB
±0.6dB
±0.7dB
±0.8dB
±0.9dB
±1.0dB
±1.5dB
≥40dB
1310nm
1550nm
Zirconia
SM
Note : Please take utmost care when inserting a FC plug into a FC attenuator. When applying excessive force to the FC plug or inserting in an odd
angle, the zirconia sleeve within the attenuator might be damaged.


Similar Part No. - HRFC-AT11K-A03

ManufacturerPart #DatasheetDescription
logo
Hirose Electric
HRFC-A2-SF HIROSE-HRFC-A2-SF Datasheet
310Kb / 7P
   FC Type Fiber Optic Connectors
HRFC-A2-SF-D1 HIROSE-HRFC-A2-SF-D1 Datasheet
340Kb / 8P
   FC Type Fiber Optic Connectors
HRFC-A2-SF-D1 HIROSE-HRFC-A2-SF-D1 Datasheet
310Kb / 7P
   FC Type Fiber Optic Connectors
HRFC-A2-SF01 HIROSE-HRFC-A2-SF01 Datasheet
340Kb / 8P
   FC Type Fiber Optic Connectors
More results

Similar Description - HRFC-AT11K-A03

ManufacturerPart #DatasheetDescription
logo
Hirose Electric
AT-103 HIROSE-AT-103 Datasheet
64Kb / 3P
   Fixed Attenuators (SMA Type)
HSC-AT11K-A00 HIROSE-HSC-AT11K-A00 Datasheet
226Kb / 5P
   SC Type Fixed Attenuators
HSC-AT11CS-A01 HIROSE-HSC-AT11CS-A01 Datasheet
163Kb / 2P
   SC-Type Optical Fixed Attenuators
AT-2600 HIROSE-AT-2600 Datasheet
125Kb / 1P
   Waterproof Fixed Attenuators (N Type)
logo
Mini-Circuits
K2-BW2 MINI-K2-BW2 Datasheet
260Kb / 1P
   FIXED ATTENUATORS
K2-BW1 MINI-K2-BW1 Datasheet
257Kb / 1P
   FIXED ATTENUATORS
K5N-BW3 MINI-K5N-BW3 Datasheet
276Kb / 1P
   FIXED ATTENUATORS
K2-VAT-A++ MINI-K2-VAT-A+ Datasheet
316Kb / 1P
   Fixed Attenuators
REV. OR
K2-BW3 MINI-K2-BW3 Datasheet
277Kb / 1P
   FIXED ATTENUATORS
K2-UNAT MINI-K2-UNAT Datasheet
283Kb / 1P
   FIXED ATTENUATORS
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com