Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HNC2-2.5P-6DS Datasheet(PDF) 6 Page - Hirose Electric

Part # HNC2-2.5P-6DS
Description  2.5mm Pitch Connector for Discrete Wire Connection
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HIROSE [Hirose Electric]
Direct Link  http://www.hirose-connectors.com
Logo HIROSE - Hirose Electric

HNC2-2.5P-6DS Datasheet(HTML) 6 Page - Hirose Electric

  HNC2-2.5P-6DS Datasheet HTML 1Page - Hirose Electric HNC2-2.5P-6DS Datasheet HTML 2Page - Hirose Electric HNC2-2.5P-6DS Datasheet HTML 3Page - Hirose Electric HNC2-2.5P-6DS Datasheet HTML 4Page - Hirose Electric HNC2-2.5P-6DS Datasheet HTML 5Page - Hirose Electric HNC2-2.5P-6DS Datasheet HTML 6Page - Hirose Electric HNC2-2.5P-6DS Datasheet HTML 7Page - Hirose Electric  
Zoom Inzoom in Zoom Outzoom out
 6 / 7 page
background image
B144
Applicator
AP105-HNC
901-4502-0
HNC-2.5S-C-A/HNC-2.5S-C-B
Press Main Unit
CM105
901-0005-4
––––––––––––––––––––––––
TC-HNC-B
250-0005-7
HNC-2.5S-D-B
Manual Crimping Tool
TC-HNC-A
250-0006-0
HNC-2.5S-D-A
Extraction Tool
DF1-C-PO
550-0177-7
HNC-2.5S-C-A/HNC-2.5S-C-B
sCrimping Contact for Socket
Conductor Size (Contact wire construction) Jacket Diameter
AWG 22 (17pieces/0.16mm)
AWG 24 (11pieces/0.16mm)
Ø1.35 to Ø1.7mm
AWG 26 (07pieces/0.16mm)
AWG 28 (07pieces/0.127mm)
Ø1.0 to Ø1.35mm
AWG 30 (07pieces/0.1mm)
qApplicable Cable (Tin Plated Annealing Copper Wire)
qRecommended Cable
UL1061, UL1007
qStrip Length
2.8 to 3.3mm
Note: If other cables are used instead of the applicable
cable, please contact Hirose sales department.
Note: If a trouble has occurred due to tools which are not designated by Hirose, Hirose won't guarantee any product.
Unit: mm
Part Number
CL No.
HNC-2.5S-D-A(**)
HNC-2.5S-C-A(**)
HNC-2.5S-D-B(**)
HNC-2.5S-C-B(**)
218-0037-5-**
218-0021-5-**
218-0038-8-**
218-0020-2-**
AWG 22 to 26
AWG 26 to 30
1.8
1.8
1.5
1.5
Conductor
Size
A
2.6
2.6
1.7
1.7
B
Bag
Reel
Bag
Reel
Ø1.35 to 1.7mm
Ø1.0 to 1.35mm
Packaging
Type
Blank
Tin plating
Specific No.
Jacket
Diameter
100
10,000
100
10,000
Quantity
02
Gold plating
sApplicable Crimping Tool
Type
Part Number
CL No.
Applicable Contact
sApplication Pattern


Similar Part No. - HNC2-2.5P-6DS

ManufacturerPart #DatasheetDescription
logo
LEM
HNC-050P LEM-HNC-050P Datasheet
57Kb / 2P
   Current Transducer HNC- 050~100P
HNC-050P LEM-HNC-050P Datasheet
748Kb / 2P
   Current Transducer
HNC-050P LEM-HNC-050P_06 Datasheet
748Kb / 2P
   Current Transducer
HNC-100P LEM-HNC-100P Datasheet
57Kb / 2P
   Current Transducer HNC- 050~100P
HNC-200P LEM-HNC-200P Datasheet
90Kb / 2P
   Current Transducer HNC- 200~300P
More results

Similar Description - HNC2-2.5P-6DS

ManufacturerPart #DatasheetDescription
logo
Hirose Electric
DF1 HIROSE-DF1 Datasheet
197Kb / 7P
   2.5mm Pitch Connector for Discrete Wire Connection
DF1-5A1.33 HIROSE-DF1-5A1.33 Datasheet
211Kb / 8P
   2.5mm Pitch Connector for Discrete Wire Connection
DF1-2S-2.5R24 HIROSE-DF1-2S-2.5R24 Datasheet
238Kb / 7P
   2.5mm Pitch Connector for Discrete Wire Connection
DF1E-02P-2.5DS HIROSE-DF1E-02P-2.5DS Datasheet
398Kb / 16P
   2.5mm Pitch Connector for Full Lock and Discrete Wire Connection
DF1E-02P-2.5DS HIROSE-DF1E-02P-2.5DS_1 Datasheet
308Kb / 16P
   2.5mm Pitch Connector for Full Lock and Discrete Wire Connection
DF1EC-4P-2.5DSA HIROSE-DF1EC-4P-2.5DSA Datasheet
309Kb / 16P
   2.5mm Pitch Connector for Full Lock and Discrete Wire Connection
DF1E HIROSE-DF1E Datasheet
369Kb / 14P
   2.5mm Pitch Connectors for Full Lock and Discrete Wire Connection
DF1B HIROSE-DF1B Datasheet
386Kb / 19P
   2.5mm Pitch Connector for Discrete Wire Connection (Product Compliant with UL/CSA Standard)
DF1B-2S-2.5R HIROSE-DF1B-2S-2.5R Datasheet
544Kb / 17P
   2.5mm Pitch Connector for Discrete Wire Connection (Product Compliant with UL/CSA Standard)
DF1B-3P-2.5DS HIROSE-DF1B-3P-2.5DS Datasheet
364Kb / 19P
   2.5mm Pitch Connector for Discrete Wire Connection (Product Compliant with UL/CSA Standard)
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com