Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DF22BR-5DS-7.92C Datasheet(PDF) 6 Page - Hirose Electric

Part # DF22BR-5DS-7.92C
Description  7.92 mm Contact Pitch, High-Current Connectors for Internal Power Supplies (UL, C-UL and TUV Listed)
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HIROSE [Hirose Electric]
Direct Link  http://www.hirose-connectors.com
Logo HIROSE - Hirose Electric

DF22BR-5DS-7.92C Datasheet(HTML) 6 Page - Hirose Electric

Back Button DF22BR-5DS-7.92C Datasheet HTML 2Page - Hirose Electric DF22BR-5DS-7.92C Datasheet HTML 3Page - Hirose Electric DF22BR-5DS-7.92C Datasheet HTML 4Page - Hirose Electric DF22BR-5DS-7.92C Datasheet HTML 5Page - Hirose Electric DF22BR-5DS-7.92C Datasheet HTML 6Page - Hirose Electric DF22BR-5DS-7.92C Datasheet HTML 7Page - Hirose Electric DF22BR-5DS-7.92C Datasheet HTML 8Page - Hirose Electric DF22BR-5DS-7.92C Datasheet HTML 9Page - Hirose Electric DF22BR-5DS-7.92C Datasheet HTML 10Page - Hirose Electric Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 15 page
background image
6
P=7.92
C
B
A
Contact No.1
No. of contacts
indicator
Cavity No.
1.2
1.6
3.7
5
5
A
BPCB mounting pattern
(Board thickens: 1.6±0.1)
P=7.92±0.05
C±0.05
B±0.05
2-Ø1.6
+0.1
0
*-Ø1.5
+0.1
0
sRight angle header
Note: Bag packaging (100 pieces/bag). Order by number of bags.
CL No.
Part Number
Number of contacts
A
B
C
DF22-2P-7.92DS
DF22-3P-7.92DS
DF22-4P-7.92DS
DF22-5P-7.92DS
2
3
4
5
19.80
27.72
35.64
43.56
15.00
22.92
30.84
38.76
7.92
15.84
23.76
31.68
Standard Type (Guide Key: Inside, Color: Natural Beige)
680-1008-5
680-1009-8
680-1010-7
680-1011-0
CL No.
Part Number
Number of contacts
A
B
C
DF22R-2P-7.92DS
DF22R-3P-7.92DS
DF22R-4P-7.92DS
DF22R-5P-7.92DS
2
3
4
5
19.80
27.72
35.64
43.56
15.00
22.92
30.84
38.76
7.92
15.84
23.76
31.68
R Type (Guide Key: Right Side, Color: Black)
680-1018-9
680-1019-1
680-1020-0
680-1021-3
CL No.
Part Number
Number of contacts
A
B
C
DF22L-2P-7.92DS
DF22L-3P-7.92DS
DF22L-4P-7.92DS
DF22L-5P-7.92DS
2
3
4
5
19.80
27.72
35.64
43.56
15.00
22.92
30.84
38.76
7.92
15.84
23.76
31.68
L Type (Guide Key: Left Side, Color: Red)
680-1022-6
680-1023-9
680-1024-1
680-1025-4


Similar Part No. - DF22BR-5DS-7.92C

ManufacturerPart #DatasheetDescription
logo
Hirose Electric
DF22BR-5DS-7.92C HIROSE-DF22BR-5DS-7.92C Datasheet
463Kb / 16P
   7.92 mm Contact Pitch, High-Current Connectors for Internal Power Supplies (UL, C-UL and TUV Listed)
More results

Similar Description - DF22BR-5DS-7.92C

ManufacturerPart #DatasheetDescription
logo
Hirose Electric
DF22-1S-7.92C HIROSE-DF22-1S-7.92C_1 Datasheet
463Kb / 16P
   7.92 mm Contact Pitch, High-Current Connectors for Internal Power Supplies (UL, C-UL and TUV Listed)
DF22L-5S-7.92C28 HIROSE-DF22L-5S-7.92C28 Datasheet
413Kb / 16P
   7.92 mm Contact Pitch, High-Current Connectors for Internal Power Supplies (UL, C-UL and T횥V Listed)
DF7-1P-3.96DSA HIROSE-DF7-1P-3.96DSA Datasheet
666Kb / 16P
   3.96 mm Pitch Miniature Connectors for Internal Power Supplies (UL,C-UL and TUV Listed)
DF7 HIROSE-DF7 Datasheet
542Kb / 15P
   3.96 mm Pitch Miniature Connectors for Internal Power Supplies (UL,C-UL and T횥V Listed)
DF33R-2S-3.3C HIROSE-DF33R-2S-3.3C Datasheet
341Kb / 8P
   3.3 mm Contact Pitch, Connectors for Internal Power Supplies
logo
List of Unclassifed Man...
CBS1002415 ETC2-CBS1002415 Datasheet
119Kb / 3P
   UL60950, C-UL (CSA60950) recognized, TUV approved
logo
SUN HOLD ELECTRIC INC
RAS-0310AL1 SUNHOLD-RAS-0310AL1 Datasheet
1Mb / 4P
   UL,CUL & TUV safety approval.
logo
Hirose Electric
DF22 HIROSE-DF22 Datasheet
579Kb / 12P
   7.92mm Contact Pitch High-Current Connectors for Internal
KW30 HIROSE-KW30 Datasheet
395Kb / 12P
   1mm Pitch, Single Row, Center Lock, Wire-to-Board Connector (UL/C-UL Listed)
Jul. 2022
logo
Tyco Electronics
C-1986165 MACOM-C-1986165 Datasheet
81Kb / 1P
   SOLAR CABLE, UL-LISTED, 12AWG
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com