Electronic Components Datasheet Search |
|
1694A0044500 Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers |
|
1694A0044500 Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers |
1 / 5 page 1694A Coax - Low Loss Serial Digital Coax For more information please call 1-800-Belden1 See Put-ups and Colors Description: RG-6/U Type, 18 AWG solid .040" bare copper conductor, gas-injected foam HDPE insulation, Duofoil® + tinned copper braid shield (95% coverage), PVC jacket. PHYSICAL CHARACTERISTICS: CONDUCTOR: Number of Coax 1 Total Number of Conductors 1 RG Type 6/U AWG 18 Stranding Solid Conductor Diameter .040 in. Conductor Material BC - Bare Copper INSULATION: Insulation Material Gas-injected FHDPE - Foam High Density Polyethylene Insulation Diameter .180 in. OUTER SHIELD: Outer Shield Material Trade Name Duofoil® Outer Shield Type Tape/Braid Outer Shield Material : Layer Number Trade Name Type Material % Coverage (%) 1 Duofoil® Tape Aluminum Foil-Polyester Tape-Aluminum Foil 100 2 Braid TC - Tinned Copper 95 Outer Shield %Coverage 100 % OUTER JACKET: Outer Jacket Material PVC - Polyvinyl Chloride OVERALL NOMINAL DIAMETER: Overall Nominal Diameter .274 in. MECHANICAL CHARACTERISTICS: Page 1 of 5 |
Similar Part No. - 1694A0044500 |
|
Similar Description - 1694A0044500 |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.NET |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |