Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

92480101000 Datasheet(PDF) 3 Page - List of Unclassifed Manufacturers

Part # 92480101000
Description  18 AWG solid .040 bare copper conductor, gas-injected foam HDPE insulation
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

92480101000 Datasheet(HTML) 3 Page - List of Unclassifed Manufacturers

  92480101000 Datasheet HTML 1Page - List of Unclassifed Manufacturers 92480101000 Datasheet HTML 2Page - List of Unclassifed Manufacturers 92480101000 Datasheet HTML 3Page - List of Unclassifed Manufacturers 92480101000 Datasheet HTML 4Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
9248 Coax - 75 Ohm Coax
Description
Frequency (MHz)
Start Frequency (MHz)
Stop Frequency (MHz)
Nom. Attenuation
(dB/100 ft.)
1
.30
5
.54
10
.70
50
1.5
100
2.0
200
2.8
400
4.0
700
5.3
900
6.1
1000
6.5
1500
8.3
Max. Operating Voltage - UL
30 V RMS (UL AWM Style 1354); 300 V RMS (CM)
PUT-UPS AND COLORS:
Item
Description
Put-Up (ft.)
Ship Weight (lbs.)
Jacket Color
Notes
9248 0101000
#18 PE/GIFHDPE
SH FRPVC
1000
35
BLACK
C
9248 0101640
#18 PE/GIFHDPE
SH CORE
1640
39.36
BLACK
C
9248 0103280
#18 PE/GIFHDPE
SH FRPVC
3280
42.64
BLACK
C
9248 010500
#18 PE/GIFHDPE
SH FRPVC
500
33.5
BLACK
C
9248 010U1000
#18 PE/GIFHDPE
SH FRPVC
U1000
35
BLACK
9248 010U500
#18 PE/GIFHDPE
SH FRPVC
U500
17.5
BLACK
C = CRATE REEL PUT-UP.
Revision Number: 2
Revision Date: 02-10-2006
Page 3 of 4


Similar Part No. - 92480101000

ManufacturerPart #DatasheetDescription
logo
Belden Inc.
9248 BELDEN-9248 Datasheet
157Kb / 3P
   Analog Video, RG6, #18 Solid BC, Foil 60% TC Braid, PVC Jacket, CM
12-19-2022
9248-0101000 BELDEN-9248-0101000 Datasheet
157Kb / 3P
   Analog Video, RG6, #18 Solid BC, Foil 60% TC Braid, PVC Jacket, CM
12-19-2022
9248-0101640 BELDEN-9248-0101640 Datasheet
157Kb / 3P
   Analog Video, RG6, #18 Solid BC, Foil 60% TC Braid, PVC Jacket, CM
12-19-2022
9248-0103280 BELDEN-9248-0103280 Datasheet
157Kb / 3P
   Analog Video, RG6, #18 Solid BC, Foil 60% TC Braid, PVC Jacket, CM
12-19-2022
9248-010500 BELDEN-9248-010500 Datasheet
157Kb / 3P
   Analog Video, RG6, #18 Solid BC, Foil 60% TC Braid, PVC Jacket, CM
12-19-2022
More results

Similar Description - 92480101000

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
1694SB ETC2-1694SB Datasheet
105Kb / 3P
   18 AWG solid .040 bare copper conductor, gas-injected foam HDPE insulation
1348490 ETC2-1348490 Datasheet
103Kb / 4P
   18 AWG solid .040 bare copper conductor, gas-injected foam polyethylene insulation
1694A ETC2-1694A Datasheet
107Kb / 4P
   RG-6/U Type, 18 AWG solid .040 bare copper conductor, gas-injected foam HDPE insulation
1347210 ETC2-1347210 Datasheet
104Kb / 4P
   23 AWG solid .023 bare copper conductor, gas-injected foam HDPE insulation
1344422 ETC2-1344422 Datasheet
105Kb / 4P
   RG-6/U Type, 18 AWG solid .040 bare copper conductor, gas-injected foam HDPE insulation
28552 ETC2-28552 Datasheet
37Kb / 5P
   RG-6/U Type, 18 AWG solid .040 bare copper conductor, gas-injected foam HDPE insulation
1345383 ETC2-1345383 Datasheet
105Kb / 4P
   20 AWG solid .032 bare copper conductor, gas-injected foam HDPE insulation
1349791 ETC2-1349791 Datasheet
102Kb / 4P
   10 AWG solid .103 bare copper conductor, gas-injected foam HDPE insulation
1733139 ETC2-1733139 Datasheet
103Kb / 3P
   18 AWG solid .040 bare copper-covered steel conductor, gas-injected foam polyethylene insulation
1348491 ETC2-1348491 Datasheet
103Kb / 4P
   Series 6, 18 AWG solid .040 bare copper conductor, gas-injected foam polyethylene insulation
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com