Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IS42S16800F Datasheet(PDF) 2 Page - Integrated Silicon Solution, Inc

Part # IS42S16800F
Description  128Mb SYNCHRONOUS DRAM
Download  62 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ISSI [Integrated Silicon Solution, Inc]
Direct Link  http://www.issi.com
Logo ISSI - Integrated Silicon Solution, Inc

IS42S16800F Datasheet(HTML) 2 Page - Integrated Silicon Solution, Inc

  IS42S16800F Datasheet HTML 1Page - Integrated Silicon Solution, Inc IS42S16800F Datasheet HTML 2Page - Integrated Silicon Solution, Inc IS42S16800F Datasheet HTML 3Page - Integrated Silicon Solution, Inc IS42S16800F Datasheet HTML 4Page - Integrated Silicon Solution, Inc IS42S16800F Datasheet HTML 5Page - Integrated Silicon Solution, Inc IS42S16800F Datasheet HTML 6Page - Integrated Silicon Solution, Inc IS42S16800F Datasheet HTML 7Page - Integrated Silicon Solution, Inc IS42S16800F Datasheet HTML 8Page - Integrated Silicon Solution, Inc IS42S16800F Datasheet HTML 9Page - Integrated Silicon Solution, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 62 page
background image
2
Integrated Silicon Solution, Inc. — www.issi.com
Rev. B
05/08/2012
IS42/45S81600F, IS42/45S16800F
DEVICE OVERVIEW
The 128Mb SDRAM is a high speed CMOS, dynamic
random-accessmemorydesignedtooperatein3.3VVdd
and3.3VVddq memorysystemscontaining134,217,728
bits.Internallyconfiguredasaquad-bankDRAMwitha
synchronousinterface.Each33,554,432-bitbankisorga-
nizedas4,096rowsby512columnsby16bitsor4,096
rowsby1,024columnsby8bits.
The128MbSDRAMincludesanAUTOREFRESHMODE,
andapower-saving,power-downmode.Allsignalsare
registeredonthepositiveedgeoftheclocksignal,CLK.
AllinputsandoutputsareLVTTLcompatible.
The128MbSDRAMhastheabilitytosynchronouslyburst
dataatahighdataratewithautomaticcolumn-address
generation,theabilitytointerleavebetweeninternalbanks
to hide precharge time and the capability to randomly
change column addresses on each clock cycle during
burstaccess.
Aself-timedrowprechargeinitiatedattheendoftheburst
sequenceisavailablewiththeAUTOPRECHARGEfunction
enabled. Prechargeonebankwhileaccessingoneofthe
otherthreebankswillhidetheprechargecyclesandprovide
seamless,high-speed,random-accessoperation.
SDRAMreadandwriteaccessesareburstorientedstarting
ataselectedlocationandcontinuingforaprogrammed
number of locations in a programmed sequence.The
registration of an ACTIVE command begins accesses,
followedbyaREADorWRITEcommand.TheACTIVE
commandinconjunctionwithaddressbitsregisteredare
usedtoselectthebankandrowtobeaccessed(BA0,
BA1selectthebank;A0-A11selecttherow).TheREAD
or WRITE commands in conjunction with address bits
registeredareusedtoselectthestartingcolumnlocation
fortheburstaccess.
ProgrammableREADorWRITEburstlengthsconsistof
1,2,4and8locationsorfullpage,withaburstterminate
option.
CLK
CKE
CS
RAS
CAS
WE
A9
A8
A7
A6
A5
A4
A3
A2
A1
A0
BA0
BA1
A10
COMMAND
DECODER
&
CLOCK
GENERATOR
MODE
REGISTER
REFRESH
CONTROLLER
REFRESH
COUNTER
SELF
REFRESH
CONTROLLER
ROW
ADDRESS
LATCH
COLUMN
ADDRESS LATCH
BURST COUNTER
COLUMN
ADDRESS BUFFER
COLUMN DECODER
DATA IN
BUFFER
DATA OUT
BUFFER
DQML
DQMH
DQ 0-15
VDD/VDDQ
Vss/VssQ
12
12
9
12
12
9
16
16
16
16
512
(x 16)
4096
4096
4096
4096
MEMORY CELL
ARRAY
BANK 0
SENSE AMP I/O GATE
BANK CONTROL LOGIC
ROW
ADDRESS
BUFFER
A11
2
FUNCTIONAL BLOCK DIAGRAM (FOR 2MX16X4 BANKS ONlY)


Similar Part No. - IS42S16800F

ManufacturerPart #DatasheetDescription
logo
Integrated Silicon Solu...
IS42S16800A ISSI-IS42S16800A Datasheet
540Kb / 61P
   16Meg x 8, 8Meg x16 & 4Meg x 32 128-MBIT SYNCHRONOUS DRAM
logo
Integrated Circuit Solu...
IS42S16800A ICSI-IS42S16800A Datasheet
556Kb / 66P
   16Meg x 8, 8Meg x16 & 4Meg x 32 128-MBIT SYNCHRONOUS DRAM
IS42S16800A-10B ICSI-IS42S16800A-10B Datasheet
556Kb / 66P
   16Meg x 8, 8Meg x16 & 4Meg x 32 128-MBIT SYNCHRONOUS DRAM
IS42S16800A-10BI ICSI-IS42S16800A-10BI Datasheet
556Kb / 66P
   16Meg x 8, 8Meg x16 & 4Meg x 32 128-MBIT SYNCHRONOUS DRAM
logo
Integrated Silicon Solu...
IS42S16800A-10T ISSI-IS42S16800A-10T Datasheet
540Kb / 61P
   16Meg x 8, 8Meg x16 & 4Meg x 32 128-MBIT SYNCHRONOUS DRAM
More results

Similar Description - IS42S16800F

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
IS42S16800E-6TLI-TR ETC-IS42S16800E-6TLI-TR Datasheet
971Kb / 61P
   128Mb SYNCHRONOUS DRAM
logo
Integrated Silicon Solu...
IS42S32400F ISSI-IS42S32400F Datasheet
1Mb / 60P
   128Mb SYNCHRONOUS DRAM
logo
Eorex Corporation
EM488M1644VTD EOREX-EM488M1644VTD Datasheet
1Mb / 18P
   128Mb (2Mx4Bankx16) Synchronous DRAM
EM484M3244VBA EOREX-EM484M3244VBA Datasheet
690Kb / 17P
   128Mb (1M횞4Bank횞32) Synchronous DRAM
EM484M3244VTC EOREX-EM484M3244VTC Datasheet
281Kb / 18P
   128Mb (1M횞4Bank횞32) Synchronous DRAM
logo
Integrated Silicon Solu...
IS42SM81600E ISSI-IS42SM81600E Datasheet
418Kb / 25P
   128Mb Mobile Synchronous DRAM
IS42VM81600E ISSI-IS42VM81600E Datasheet
488Kb / 24P
   128Mb Mobile Synchronous DRAM
logo
Eorex Corporation
EM488M1644VBB EOREX-EM488M1644VBB Datasheet
252Kb / 17P
   128Mb (2M횞4Bank횞16) Synchronous DRAM
EM488M1644LBA EOREX-EM488M1644LBA Datasheet
626Kb / 17P
   128Mb (2M횞4Bank횞16) Synchronous DRAM
EM484M3244VTA EOREX-EM484M3244VTA Datasheet
678Kb / 17P
   128Mb (1M횞4Bank횞32) Synchronous DRAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com