Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HR30-6PA-6P Datasheet(PDF) 3 Page - Hirose Electric

Part # HR30-6PA-6P
Description  Miniature Waterproof Plastic Connectors
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HIROSE [Hirose Electric]
Direct Link  http://www.hirose-connectors.com
Logo HIROSE - Hirose Electric

HR30-6PA-6P Datasheet(HTML) 3 Page - Hirose Electric

  HR30-6PA-6P Datasheet HTML 1Page - Hirose Electric HR30-6PA-6P Datasheet HTML 2Page - Hirose Electric HR30-6PA-6P Datasheet HTML 3Page - Hirose Electric HR30-6PA-6P Datasheet HTML 4Page - Hirose Electric HR30-6PA-6P Datasheet HTML 5Page - Hirose Electric HR30-6PA-6P Datasheet HTML 6Page - Hirose Electric HR30-6PA-6P Datasheet HTML 7Page - Hirose Electric HR30-6PA-6P Datasheet HTML 8Page - Hirose Electric HR30-6PA-6P Datasheet HTML 9Page - Hirose Electric Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 10 page
background image
Applicable cable diameter range
4.2 to 5
3.5 to 4.3
6.2 to 7
3
sPlugs
qCrimp Type
qSolder Type
A(Fully tightened)
Applicable
cable diameter
A(Fully tightened)
Applicable
cable diameter
1
2
3
4
5
6
Part Number
HR30-6P-3S
HR30-6P-6S
HR30-6P-6P
HR30-6PA-3S
HR30-6PA-6S
HR30-6PA-6P
HR30-7P-12S
HR30-8P-12P
CL No.
130-0004-1
130-0010-4
130-0009-5
130-0021-0
130-0019-9
130-0020-8
130-0027-7
130-0026-4
Weight
A
B
Solder pot inner diameter
1.1 mm
0.8 mm
1.1 mm
0.8 mm
29.8
30.3
29.8
30.3
HR30-7P-12SC (Shown)
Shown with terminated and installed contacts.
Note: Crimp contacts are not included. Please order applicable contacts separately.
HR30-6P-6S (Shown)
4g
6.7g
Part Number
HR30-7P-10SC
HR30-7P-12SC
HR30-8P-12PC
CL No.
130-0013-2
130-0014-5
130-0015-8
Weight
Applicable cable diameter range
A
Crimp contact
HR30-SC-211
HR30-PC-211
6.2 to 7
6g
12.6
39.8
15.5
0.6 mm
39.8


Similar Part No. - HR30-6PA-6P

ManufacturerPart #DatasheetDescription
logo
Hirose Electric
HR30-6PA-6P HIROSE-HR30-6PA-6P Datasheet
438Kb / 12P
   Miniature Waterproof Plastic Connectors
logo
List of Unclassifed Man...
HR30-6PA-6P ETC2-HR30-6PA-6P Datasheet
438Kb / 12P
   Miniature Waterproof Plastic Connectors
logo
Hirose Electric
HR30-6PA-6P HIROSE-HR30-6PA-6P Datasheet
833Kb / 16P
   Miniature Waterproof Plastic Connectors
HR30-6PA-6PC HIROSE-HR30-6PA-6PC Datasheet
438Kb / 12P
   Miniature Waterproof Plastic Connectors
HR30-6PA-6PD HIROSE-HR30-6PA-6PD Datasheet
438Kb / 12P
   Miniature Waterproof Plastic Connectors
More results

Similar Description - HR30-6PA-6P

ManufacturerPart #DatasheetDescription
logo
Hirose Electric
HR30 HIROSE-HR30 Datasheet
833Kb / 16P
   Miniature Waterproof Plastic Connectors
logo
List of Unclassifed Man...
HR30-7P-12SC ETC2-HR30-7P-12SC Datasheet
438Kb / 12P
   Miniature Waterproof Plastic Connectors
logo
Hirose Electric
HR30-6PA-6SC HIROSE-HR30-6PA-6SC_1 Datasheet
438Kb / 12P
   Miniature Waterproof Plastic Connectors
logo
List of Unclassifed Man...
LF07WBP-6S ETC2-LF07WBP-6S Datasheet
474Kb / 16P
   Miniature Waterproof Shielded Connectors
logo
Hirose Electric
LF HIROSE-LF_18 Datasheet
636Kb / 12P
   Miniature Waterproof Shielded Connectors
LF07-WBP-6S HIROSE-LF07-WBP-6S Datasheet
351Kb / 11P
   Miniature Waterproof Shielded Connectors
logo
Japan Aviation Electron...
JN2 JAE-JN2 Datasheet
294Kb / 8P
   JN2 SERIES CONNECTORS - General Purpose Waterproof, Miniature Connectors
logo
Hirose Electric
HR34B HIROSE-HR34B Datasheet
273Kb / 8P
   Push-on Bayonet Lock Miniature Waterproof Connectors
logo
Abracon Corporation
ASDM1-100.000MHZ-LC-T ABRACON-ASDM1-100.000MHZ-LC-T Datasheet
2Mb / 3P
   ULTRA MINIATURE PLASTIC PACKAGE ULTRA MINIATURE PLASTIC PACKAGE
07.21.11
logo
ITT Industries
CCM04-5137 ITT-CCM04-5137 Datasheet
340Kb / 5P
   Miniature Connectors
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com