Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IS42VS16160D Datasheet(PDF) 2 Page - Integrated Silicon Solution, Inc

Part # IS42VS16160D
Description  Random column address every clock cycle
Download  61 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ISSI [Integrated Silicon Solution, Inc]
Direct Link  http://www.issi.com
Logo ISSI - Integrated Silicon Solution, Inc

IS42VS16160D Datasheet(HTML) 2 Page - Integrated Silicon Solution, Inc

  IS42VS16160D Datasheet HTML 1Page - Integrated Silicon Solution, Inc IS42VS16160D Datasheet HTML 2Page - Integrated Silicon Solution, Inc IS42VS16160D Datasheet HTML 3Page - Integrated Silicon Solution, Inc IS42VS16160D Datasheet HTML 4Page - Integrated Silicon Solution, Inc IS42VS16160D Datasheet HTML 5Page - Integrated Silicon Solution, Inc IS42VS16160D Datasheet HTML 6Page - Integrated Silicon Solution, Inc IS42VS16160D Datasheet HTML 7Page - Integrated Silicon Solution, Inc IS42VS16160D Datasheet HTML 8Page - Integrated Silicon Solution, Inc IS42VS16160D Datasheet HTML 9Page - Integrated Silicon Solution, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 61 page
background image
2
Integrated Silicon Solution, Inc. — www.issi.com
Rev. 00A
04/21/09
IS42VS83200D, IS42VS16160D
IS45VS83200D, IS45VS16160D
DEVICE OVERVIEW
The 256Mb SDRAM is a high speed CMOS, dynamic
random-accessmemorydesignedtooperatein1.8VVdd
and1.8VVddq memorysystemscontaining268,435,456
bits.Internallyconfiguredasaquad-bankDRAMwitha
synchronousinterface.Each67,108,864-bitbankisorga-
nizedas8,192rowsby512columnsby16bitsor8,192
rowsby1,024columnsby8bits.
The256MbSDRAMincludesanAUTOREFRESHMODE,
and a power-saving, power-down mode. All signals are
registeredonthepositiveedgeoftheclocksignal,CLK.
AllinputsandoutputsareLVCMOScompatible.
The256MbSDRAMhastheabilitytosynchronouslyburst
data at a high data rate with automatic column-address
generation, the ability to interleave between internal banks
to hide precharge time and the capability to randomly
change column addresses on each clock cycle during
burst access.
A self-timed row precharge initiated at the end of the burst
sequenceisavailablewiththeAUTOPRECHARGEfunction
enabled. Precharge one bank while accessing one of the
other three banks will hide the precharge cycles and provide
seamless, high-speed, random-access operation.
SDRAM read and write accesses are burst oriented starting
at a selected location and continuing for a programmed
number of locations in a programmed sequence.The
registration of an ACTIVE command begins accesses,
followedbyaREADorWRITEcommand.TheACTIVE
command in conjunction with address bits registered are
usedtoselectthebankandrowtobeaccessed(BA0,
BA1selectthebank;A0-A12selecttherow).TheREAD
or WRITE commands in conjunction with address bits
registered are used to select the starting column location
for the burst access.
ProgrammableREADorWRITEburstlengthsconsistof
1,2,4and8locationsorfullpage,withaburstterminate
option.
CLK
CKE
CS
RAS
CAS
WE
A9
A8
A7
A6
A5
A4
A3
A2
A1
A0
BA0
BA1
A10
A12
COMMAND
DECODER
&
CLOCK
GENERATOR
MODE
REGISTER
REFRESH
CONTROLLER
REFRESH
COUNTER
SELF
REFRESH
CONTROLLER
ROW
ADDRESS
LATCH
COLUMN
ADDRESSLATCH
BURSTCOUNTER
COLUMN
ADDRESSBUFFER
COLUMNDECODER
DATAIN
BUFFER
DATAOUT
BUFFER
DQML
DQMH
DQ0-15
VDD/VDDQ
Vss/VssQ
13
13
9
13
13
9
16
16
16
16
512
(x16)
8192
8192
8192
8192
MEMORYCELL
ARRAY
BANK 0
SENSEAMPI/OGATE
BANKCONTROLLOGIC
ROW
ADDRESS
BUFFER
A11
2
FUNCTIONAL BLOCK DIAGRAM (FOR 4Mx16x4 BANKS SHOWN)


Similar Part No. - IS42VS16160D

ManufacturerPart #DatasheetDescription
logo
Integrated Silicon Solu...
IS42VS16160J ISSI-IS42VS16160J Datasheet
430Kb / 16P
   32Mx8, 16Mx16, 8Mx32 256Mb Synchronous DRAM
IS42VS16160J-75TLI ISSI-IS42VS16160J-75TLI Datasheet
430Kb / 16P
   32Mx8, 16Mx16, 8Mx32 256Mb Synchronous DRAM
More results

Similar Description - IS42VS16160D

ManufacturerPart #DatasheetDescription
logo
Integrated Silicon Solu...
IS42VS16400E ISSI-IS42VS16400E Datasheet
945Kb / 58P
   Random column address every clock cycle
IS42VS16100F ISSI-IS42VS16100F Datasheet
1Mb / 86P
   Random column address every clock cycle
logo
Integrated Device Techn...
IDT74FCT162344AT IDT-IDT74FCT162344AT Datasheet
124Kb / 8P
   FAST CMOS ADDRESS/ CLOCK DRIVER
logo
ATMEL Corporation
AT89LP4052 ATMEL-AT89LP4052_14 Datasheet
1Mb / 94P
   Single Clock Cycle per Byte Fetch
logo
Integrated Device Techn...
IDT74FCT163344 IDT-IDT74FCT163344 Datasheet
118Kb / 7P
   3.3V CMOS ONE-TO-FOUR ADDRESS/CLOCK DRIVER
logo
Renesas Technology Corp
IDT74FCT163344A RENESAS-IDT74FCT163344A Datasheet
252Kb / 8P
   3.3V CMOS ONE-TO-FOUR ADDRESS/CLOCK DRIVER
SEPTEMBER 2009
logo
List of Unclassifed Man...
751-008 ETC2-751-008 Datasheet
10Mb / 64P
   Every edding a specialist
logo
Arduino
ABX00028 ARDUINO-ABX00028 Datasheet
477Kb / 12P
   Arduino® Nano Every
03/08/2022
logo
ATMEL Corporation
ATTINY48PRE ATMEL-ATTINY48PRE Datasheet
8Mb / 298P
   123 Powerful Instructions ??Most Single Clock Cycle Execution
AT90USB647 ATMEL-AT90USB647_14 Datasheet
11Mb / 456P
   135 powerful instructions ??most single clock cycle execution
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com