Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IS43LR16200C Datasheet(PDF) 11 Page - Integrated Silicon Solution, Inc

Part # IS43LR16200C
Description  JEDEC standard 1.8V power supply
Download  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ISSI [Integrated Silicon Solution, Inc]
Direct Link  http://www.issi.com
Logo ISSI - Integrated Silicon Solution, Inc

IS43LR16200C Datasheet(HTML) 11 Page - Integrated Silicon Solution, Inc

Back Button IS43LR16200C Datasheet HTML 7Page - Integrated Silicon Solution, Inc IS43LR16200C Datasheet HTML 8Page - Integrated Silicon Solution, Inc IS43LR16200C Datasheet HTML 9Page - Integrated Silicon Solution, Inc IS43LR16200C Datasheet HTML 10Page - Integrated Silicon Solution, Inc IS43LR16200C Datasheet HTML 11Page - Integrated Silicon Solution, Inc IS43LR16200C Datasheet HTML 12Page - Integrated Silicon Solution, Inc IS43LR16200C Datasheet HTML 13Page - Integrated Silicon Solution, Inc IS43LR16200C Datasheet HTML 14Page - Integrated Silicon Solution, Inc IS43LR16200C Datasheet HTML 15Page - Integrated Silicon Solution, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 42 page
background image
11
Rev. A | March 2013
www.issi.com - dram@issi.com
IS43LR16200C
Mode Register
The mode register is used to define the specific mode of operation of the Mobile DDR SDRAM. This definition includes the selection of a
burst length, a burst type, a CAS latency. The mode register is programmed via the LOAD MODE REGISTER command and will retain the
stored information until programmed again, the device goes into deep power-down mode, or the device loses power.
Mode register bits A0-A2 specify the burst length, A3 specifies the type of burst (sequential or interleaved), A4-A6 specify the CAS latency,
and A7-A10 should be set to zero. BA musts be zero to access the mode register.
The mode register must be loaded when all banks are idle, and the controller must wait the specified time before initiating the subsequent
operation. Violating either of these requirements will result in unspecified operation.
Burst Length
Read and write accesses to the Mobile DDR SDRAM are burst oriented, with the burst length being programmable, as shown in Figure
(Mode Register Set Definition). The burst length determines the maximum number of column locations that can be accessed for a given
READ or WRITE command. Burst lengths of 2, 4,8 or 16 are available for both the sequential and the interleaved burst types.
Reserved states should not be used, as unknown operation or incompatibility with future versions may result. When a READ or WRITE
command is issued, a block of columns equal to the burst length is effectively selected. All accesses for that burst take place within this
block, meaning that the burst will wrap within the block if a boundary is reached. The block is uniquely selected by A1-A8 when the burst
length is set to two; by A2-A8 when the burst length is set to four; by A3-A8 when the burst length is set to eight; and by A4-A8 when the
burst length is set to sixteen. The remaining (least significant) address bit(s) is (are) used to select the starting location within the block.
The programmed burst length applies to both READ and WRITE bursts.
CAS Latency
The CAS latency is the delay, in clock cycles, between the registration of a READ command and the availability of the first bit of output
data. The latency can be set to 2, 3 clocks, as shown in Figure (Standard Mode Register Definition).
For CL = 3, if the READ command is registered at clock edge n, then the data will be available at (n + 2 clocks + tAC). For CL = 2, if the
READ command is registered at clock edge n, then the data will be available at (n + 1 clock + tAC).
Figure7 : CAS Latency (BL=4)
/C K
C K
Command
T0
T1
T2
T3
T1n
T2n
T3n
READ
NOP
NOP
NOP
DQS
DQ
tAC
CL=3
DOUT
n+1
tRPRE
2tCK
T4
T4n
NOP
tRPST
DOUT
n
DOUT
n+2
DOUT
n+3
Don
’t care
DQS
DQ
tAC
CL=2
D OUT
n+1
tRPRE
1tCK
tRPST
DOUT
n
DOUT
n+2
DOUT
n+3
L
L


Similar Part No. - IS43LR16200C

ManufacturerPart #DatasheetDescription
logo
Integrated Silicon Solu...
IS43LR16160F ISSI-IS43LR16160F Datasheet
1Mb / 45P
   Fully differential clock inputs
IS43LR16160G ISSI-IS43LR16160G Datasheet
1Mb / 45P
   Fully differential clock inputs
IS43LR16320B ISSI-IS43LR16320B Datasheet
2Mb / 42P
   8M x 16Bits x 4Banks Mobile DDR SDRAM
IS43LR16320B-6BL ISSI-IS43LR16320B-6BL Datasheet
2Mb / 42P
   8M x 16Bits x 4Banks Mobile DDR SDRAM
IS43LR16320B-6BLI ISSI-IS43LR16320B-6BLI Datasheet
2Mb / 42P
   8M x 16Bits x 4Banks Mobile DDR SDRAM
More results

Similar Description - IS43LR16200C

ManufacturerPart #DatasheetDescription
logo
Integrated Silicon Solu...
IS43LR32100C ISSI-IS43LR32100C Datasheet
1Mb / 42P
   JEDEC standard 1.8V power supply
logo
Elite Semiconductor Mem...
M12L2561616A-2S ESMT-M12L2561616A-2S Datasheet
917Kb / 44P
   JEDEC standard 3.3V power supply
M12L128324A2E ESMT-M12L128324A2E Datasheet
908Kb / 44P
   JEDEC standard 3.3V power supply
M12L128168A-2N ESMT-M12L128168A-2N Datasheet
692Kb / 46P
   JEDEC standard 3.3V power supply
M12L16161A-2Q ESMT-M12L16161A-2Q Datasheet
712Kb / 28P
   JEDEC standard 3.3V power supply
M12L64164A-2Y ESMT-M12L64164A-2Y Datasheet
1Mb / 45P
   JEDEC standard 3.3V power supply
M12L64322A-2U ESMT-M12L64322A-2U Datasheet
811Kb / 46P
   JEDEC standard 3.3V power supply
M12L128324A-2E ESMT-M12L128324A-2E Datasheet
890Kb / 44P
   JEDEC standard 3.3V power supply
M12L2561616A2K ESMT-M12L2561616A2K Datasheet
933Kb / 45P
   JEDEC standard 3.3V power supply
M12L128324A-2M ESMT-M12L128324A-2M Datasheet
908Kb / 44P
   JEDEC standard 3.3V power supply
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com