Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IS46LR16200C-6BLA1 Datasheet(PDF) 9 Page - Integrated Silicon Solution, Inc

Part # IS46LR16200C-6BLA1
Description  JEDEC standard 1.8V power supply
Download  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ISSI [Integrated Silicon Solution, Inc]
Direct Link  http://www.issi.com
Logo ISSI - Integrated Silicon Solution, Inc

IS46LR16200C-6BLA1 Datasheet(HTML) 9 Page - Integrated Silicon Solution, Inc

Back Button IS46LR16200C-6BLA1 Datasheet HTML 5Page - Integrated Silicon Solution, Inc IS46LR16200C-6BLA1 Datasheet HTML 6Page - Integrated Silicon Solution, Inc IS46LR16200C-6BLA1 Datasheet HTML 7Page - Integrated Silicon Solution, Inc IS46LR16200C-6BLA1 Datasheet HTML 8Page - Integrated Silicon Solution, Inc IS46LR16200C-6BLA1 Datasheet HTML 9Page - Integrated Silicon Solution, Inc IS46LR16200C-6BLA1 Datasheet HTML 10Page - Integrated Silicon Solution, Inc IS46LR16200C-6BLA1 Datasheet HTML 11Page - Integrated Silicon Solution, Inc IS46LR16200C-6BLA1 Datasheet HTML 12Page - Integrated Silicon Solution, Inc IS46LR16200C-6BLA1 Datasheet HTML 13Page - Integrated Silicon Solution, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 42 page
background image
9
Rev. A | March 2013
www.issi.com - dram@issi.com
IS43LR16200C
The 32Mb Mobile DDR SDRAM is a high-speed CMOS, dynamic random-access memory containing 33,554,432 bits. It is internally configured
as a two-bank DRAM. The 32Mb Mobile DDR SDRAM uses a double data rate architecture to achieve high speed operation. The double data
rate architecture is essentially a 2n-prefetch architecture, with an interface designed to transfer two data words per clock cycle at the I/O
balls, single read or write access for the 32Mb Mobile DDR SDRAM consists of a single 2n-bit wide, one-clock-cycle data transfer at the
internal DRAM core and two corresponding n-bit wide, one-half-clock-cycle data transfers at the I/O pads.
Read and Write accesses to the Mobile DDR SDRAM are burst oriented; accesses start at a selected location and continue for a programmed
number of locations in a programmed sequence. Accesses begin with the registration of an ACTIVE command, which is then followed by a
READ or WRITE command. The address bits registered coincident with the ACTIVE command are used to select the bank and row to be
accessed (BA select the bank; A0–A10 select the row). The address bits registered coincident with the READ or WRITE command are used to
select the starting column location for the burst access.
It should be noted that the DLL signal that is typically used on standard DDR devices is not necessary on the Mobile DDR SDRAM. It has
been omitted to save power.
Prior to normal operation, the Mobile DDR SDRAM must be powered up and initialized. The following sections provide detailed information
covering device initialization, register definition, command descriptions and device operation.
Power up and Initialization
Mobile DDR SDRAM must be powered up and initialized in a predefined manner. Power must be applied to VDD and VDDQ (simultaneously).
After power up, an initial pause of 200 usec is required. And a precharge all command will be issued to the Mobile DDR. Then, 2 or more
Auto refresh cycles will be provided. After the Auto refresh cycles are completed, a Mode Register Set(MRS) command will be issued to
program the specific mode of operation (Cas Latency, Burst length, etc.) And a Extended Mode Register Set(EMRS) command will be issued
to Partial Array Self Refresh(PASR). The following these cycles, the Mobile DDR SDRAM is ready for normal operation. To ensure device
functionality, there is a predefined sequence that must occur at device power up or if there is any interruption of device power.
To properly initialize the Mobile DDR SDRAM, this sequence must be followed:
1. To prevent device latch-up, it is recommended the core power (VDD) and I/O power (VDDQ) be from the same power source and brought
up simultaneously. If separate power sources are used, VDD must lead VDDQ.
2. Once power supply voltages are stable and the CKE has been driven HIGH, it is safe to apply the clock.
3. Once the clock is stable, a 200μs (minimum) delay is required by the Mobile DDR SDRAM prior to applying an executable command.
During this time, NOP or DESELECT commands must be issued on the command bus.
4. Issue a PRECHARGE ALL command.
5. Issue NOP or DESELECT commands for at least tRP time.
6. Issue an AUTO REFRESH command followed by NOP or DESELECT commands for at least tRFC time. Issue a second AUTO REFRESH
command followed by NOP or DESELECT commands for at least tRFC time. As part of the individualization sequence, two AUTO REFRESH
commands must be issued. Typically, both of these commands are issued at this stage as described above.
7. Using the LOAD MODE REGISTER command, load the standard mode register as desired.
8. Issue NOP or DESELECT commands for at least tMRD time.
9. Using the LOAD MODE REGISTER command, load the extended mode register to the desired operating modes. Note that the order in
which the standard and extended mode registers are programmed is not critical.
10. Issue NOP or DESELECT commands for at least tMRD time.
11. The Mobile DDR SDRAM has been properly initialized and is ready to receive any valid command.
Functional Description


Similar Part No. - IS46LR16200C-6BLA1

ManufacturerPart #DatasheetDescription
logo
Integrated Silicon Solu...
IS46LR16160F ISSI-IS46LR16160F Datasheet
1Mb / 45P
   Fully differential clock inputs
IS46LR16160G ISSI-IS46LR16160G Datasheet
1Mb / 45P
   Fully differential clock inputs
IS46LR16320B-6BLA1 ISSI-IS46LR16320B-6BLA1 Datasheet
2Mb / 42P
   8M x 16Bits x 4Banks Mobile DDR SDRAM
IS46LR16320B-6BLA2 ISSI-IS46LR16320B-6BLA2 Datasheet
2Mb / 42P
   8M x 16Bits x 4Banks Mobile DDR SDRAM
IS46LR16320C ISSI-IS46LR16320C Datasheet
1Mb / 45P
   8M x 16Bits x 4Banks Mobile DDR SDRAM
More results

Similar Description - IS46LR16200C-6BLA1

ManufacturerPart #DatasheetDescription
logo
Integrated Silicon Solu...
IS43LR32100C ISSI-IS43LR32100C Datasheet
1Mb / 42P
   JEDEC standard 1.8V power supply
logo
Elite Semiconductor Mem...
M12L2561616A-2S ESMT-M12L2561616A-2S Datasheet
917Kb / 44P
   JEDEC standard 3.3V power supply
M12L128324A2E ESMT-M12L128324A2E Datasheet
908Kb / 44P
   JEDEC standard 3.3V power supply
M12L128168A-2N ESMT-M12L128168A-2N Datasheet
692Kb / 46P
   JEDEC standard 3.3V power supply
M12L16161A-2Q ESMT-M12L16161A-2Q Datasheet
712Kb / 28P
   JEDEC standard 3.3V power supply
M12L64164A-2Y ESMT-M12L64164A-2Y Datasheet
1Mb / 45P
   JEDEC standard 3.3V power supply
M12L64322A-2U ESMT-M12L64322A-2U Datasheet
811Kb / 46P
   JEDEC standard 3.3V power supply
M12L128324A-2E ESMT-M12L128324A-2E Datasheet
890Kb / 44P
   JEDEC standard 3.3V power supply
M12L2561616A2K ESMT-M12L2561616A2K Datasheet
933Kb / 45P
   JEDEC standard 3.3V power supply
M12L128324A-2M ESMT-M12L128324A-2M Datasheet
908Kb / 44P
   JEDEC standard 3.3V power supply
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com