Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

S2B Datasheet(PDF) 1 Page - DONGGUAN YOU FENG WEI ELECTRONICS CO., LTD

Part # S2B
Description  Surface Mount Standard Rectifiers
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  YFWDIODE [DONGGUAN YOU FENG WEI ELECTRONICS CO., LTD]
Direct Link  http://www.yfwdiode.com/
Logo YFWDIODE - DONGGUAN YOU FENG WEI ELECTRONICS CO., LTD

S2B Datasheet(HTML) 1 Page - DONGGUAN YOU FENG WEI ELECTRONICS CO., LTD

  S2B Datasheet HTML 1Page - DONGGUAN YOU FENG WEI ELECTRONICS CO., LTD S2B Datasheet HTML 2Page - DONGGUAN YOU FENG WEI ELECTRONICS CO., LTD  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
(S2A~S2M) SMB
A
Surface Mount Standard Rectifiers
Major Ratings and Characteristics
IF(AV)
2.0 A
VRRM
50 V to 1000 V
IFSM
60 A
IR
5 µA
VF
1.1 V
Tj max.
150 °C
Features
Low profile space
Ideal for automated placement
Glass passivated chip junction
Low forward voltage drop
Low leakage current
High forward surage capability
High temperatrue soldering
260
/10 seconds at terminals
Component in accordance to RoHS 2002/95/1
and WEEE 2002/96/EC
Mechanical Date
Case: JEDEC DO-214AA molded plastic
over glass passivated chip
Terminals: Solder plated, solderable per
J-STD-002B and JESD22-B102D
Polarity: Laser band denotes cathode end
Maximum Ratings & Thermal Characteristics & Electrical Characteristics
(TA = 25 °C unless otherwise noted)
Symbol (S2A)
(S2B)
(S2D)
(S2G)
(S2J)
(S2K)
(S2M)
UNIT
Maximum repetitive peak reverse voltage
V
RRM
50
100
200
400
600
800
1000
V
Maximum RMS voltage
V
RMS
35
70
140
280
420
560
700
V
Maximum DC blocking voltage
V
DC
50
100
200
400
600
800
1000
V
Maximum average forward rectified current
I
F(AV)
2
A
Peak forward surge current 8.3 ms single half
sine-wave superimposed on rated load
I
FSM
60
A
Maximum instantaneous forwad voltage at 2.0
V
F
1.1
V
Maximum DC reverse current
T
A = 25
at Rated DC blocking voltage
TA = 125
I
R
5.0
A
50
µA
Typical junction capacitance at 4.0 V ,1MHz
C
J
30
p F
Thermal resistance from junction to ambient
R
JA
70
/ W
Operating junction and storage
temperature range
T
J, TSTG
–55 to +150


Similar Part No. - S2B

ManufacturerPart #DatasheetDescription
logo
Pan Jit International I...
S2B PANJIT-S2B Datasheet
58Kb / 2P
   SURFACE MOUNT RECTIFIER(VOLTAGE - 50 to 1000 Volts CURRENT - 2.0 Amperes)
logo
Chongqing Pingwei Enter...
S2B CHONGQING-S2B Datasheet
177Kb / 1P
   1.5AMPS. SURFACE MOUNT RECTIFIERS
logo
Jinan Jingheng (Group) ...
S2B JINANJINGHENG-S2B Datasheet
83Kb / 2P
   GENERAL PURPOSE PLASTIC RECTIFIER
logo
Micro Commercial Compon...
S2B MCC-S2B Datasheet
619Kb / 3P
   2 Amp Silicon Rectifier 50 to 1000 Volts
logo
Microdiode Electronics ...
S2B CHENDA-S2B Datasheet
704Kb / 3P
   SURFACE MOUNT GENERAL RECTIFIER
More results

Similar Description - S2B

ManufacturerPart #DatasheetDescription
logo
Formosa MS
DSF1A FORMOSA-DSF1A Datasheet
159Kb / 2P
   Surface Mount Standard Rectifiers
logo
Guangdong Juxing Electr...
MASR1A JUXING-MASR1A Datasheet
1Mb / 3P
   Surface Mount Standard Rectifiers
MASR0.5A JUXING-MASR0.5A Datasheet
1Mb / 3P
   Surface Mount Standard Rectifiers
S2A JUXING-S2A Datasheet
1Mb / 3P
   Surface Mount Standard Rectifiers
S1A_DO-214AC JUXING-S1A_DO-214AC Datasheet
1Mb / 2P
   Surface Mount Standard Rectifiers
S1A_DO-214AA JUXING-S1A_DO-214AA Datasheet
1Mb / 2P
   Surface Mount Standard Rectifiers
DSR0.7A JUXING-DSR0.7A Datasheet
2Mb / 3P
   Surface Mount Standard Rectifiers
logo
Microdiode Electronics ...
S05M CHENDA-S05M Datasheet
420Kb / 2P
   Surface Mount Standard Rectifiers
logo
Guangdong Juxing Electr...
S2A-214AC JUXING-S2A-214AC Datasheet
1Mb / 3P
   Surface Mount Standard Rectifiers
logo
Microdiode Electronics ...
DSR0.5A CHENDA-DSR0.5A Datasheet
881Kb / 2P
   Surface Mount Standard Rectifiers
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com