Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IS46LR32160C Datasheet(PDF) 9 Page - Integrated Silicon Solution, Inc

Part # IS46LR32160C
Description  4M x 32Bits x 4Banks Mobile DDR SDRAM
Download  47 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ISSI [Integrated Silicon Solution, Inc]
Direct Link  http://www.issi.com
Logo ISSI - Integrated Silicon Solution, Inc

IS46LR32160C Datasheet(HTML) 9 Page - Integrated Silicon Solution, Inc

Back Button IS46LR32160C Datasheet HTML 5Page - Integrated Silicon Solution, Inc IS46LR32160C Datasheet HTML 6Page - Integrated Silicon Solution, Inc IS46LR32160C Datasheet HTML 7Page - Integrated Silicon Solution, Inc IS46LR32160C Datasheet HTML 8Page - Integrated Silicon Solution, Inc IS46LR32160C Datasheet HTML 9Page - Integrated Silicon Solution, Inc IS46LR32160C Datasheet HTML 10Page - Integrated Silicon Solution, Inc IS46LR32160C Datasheet HTML 11Page - Integrated Silicon Solution, Inc IS46LR32160C Datasheet HTML 12Page - Integrated Silicon Solution, Inc IS46LR32160C Datasheet HTML 13Page - Integrated Silicon Solution, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 47 page
background image
IS43/46LR32160C
9
Rev. B | Aug. 2013
www.issi.com - dram@issi.com
Figure5 : Extended Mode Set (EMRS) Register
Address Bus
Extended Mode Register (Ex)
A0
A1
A2
A3
A4
A5
A6
A7
A8
A9
A10
A11
E2
E1
E0
Self Refresh Coverage
0
0
0
Four Banks
0
0
1
Two Bank (BA1=0)
0
1
0
One Bank (BA1=BA0=0)
0
1
1
Reserved
1
0
0
Reserved
1
0
1
One Eighth of Total Bank
(BA1 = BA0 = Row Address MSB=0)
1
1
0
One Sixteenth of Total Bank
(BA1 = BA0 = Row Address 2 MSBs=0)
1
1
1
Reserved
E7
E6
E5
Driver Strength
0
0
0
Full Strength
0
0
1
1/2 Strength
0
1
0
1/4 Strength
0
1
1
1/8 Strength
1
0
0
3/4 Strength
1
0
1
Reserved
1
1
0
Reserved
1
1
1
Reserved
BA0
BA1
14
13
12
11
10
9
8
7
6
5
4
3
2
1
0
1
0
0
0
0
0
0
DS
0
0
PASR
Note:
1. E14(BA1) = 1 and E13(BA0) = 0 to select Extended Mode Register
A12


Similar Part No. - IS46LR32160C

ManufacturerPart #DatasheetDescription
logo
Integrated Silicon Solu...
IS46LR32160B ISSI-IS46LR32160B Datasheet
1Mb / 44P
   4M x 32Bits x 4Banks Mobile DDR SDRAM
More results

Similar Description - IS46LR32160C

ManufacturerPart #DatasheetDescription
logo
Integrated Silicon Solu...
IS43LR32160B ISSI-IS43LR32160B Datasheet
1Mb / 44P
   4M x 32Bits x 4Banks Mobile DDR SDRAM
IS43LR32640A ISSI-IS43LR32640A Datasheet
1Mb / 43P
   16M x 32Bits x 4Banks Mobile DDR SDRAM
IS43LR32320B ISSI-IS43LR32320B Datasheet
2Mb / 47P
   8M x 32Bits x 4Banks Mobile DDR SDRAM
IS43LR32800F ISSI-IS43LR32800F Datasheet
2Mb / 47P
   2M x 32Bits x 4Banks Mobile DDR SDRAM
IS43LR32400F ISSI-IS43LR32400F Datasheet
1Mb / 42P
   1M x 32Bits x 4Banks Mobile DDR SDRAM
IS43LR32200B ISSI-IS43LR32200B Datasheet
1Mb / 42P
   512K x 32Bits x 4Banks Mobile DDR SDRAM
IS43LR32800G ISSI-IS43LR32800G Datasheet
2Mb / 47P
   2M x 32Bits x 4Banks Mobile DDR SDRAM
IS42VM32160D ISSI-IS42VM32160D Datasheet
468Kb / 27P
   4M x 32Bits x 4Banks Mobile Synchronous DRAM
IS42SM32160E-6BLI ISSI-IS42SM32160E-6BLI Datasheet
885Kb / 33P
   4M x 32Bits x 4Banks Mobile Synchronous DRAM
IS43LR16800F-6BLI ISSI-IS43LR16800F-6BLI Datasheet
1Mb / 42P
   2M x 16Bits x 4Banks Mobile DDR SDRAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com