Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IS46R16320E Datasheet(PDF) 6 Page - Integrated Silicon Solution, Inc

Part # IS46R16320E
Description  Auto Refresh and Self Refresh Modes
Download  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ISSI [Integrated Silicon Solution, Inc]
Direct Link  http://www.issi.com
Logo ISSI - Integrated Silicon Solution, Inc

IS46R16320E Datasheet(HTML) 6 Page - Integrated Silicon Solution, Inc

Back Button IS46R16320E Datasheet HTML 2Page - Integrated Silicon Solution, Inc IS46R16320E Datasheet HTML 3Page - Integrated Silicon Solution, Inc IS46R16320E Datasheet HTML 4Page - Integrated Silicon Solution, Inc IS46R16320E Datasheet HTML 5Page - Integrated Silicon Solution, Inc IS46R16320E Datasheet HTML 6Page - Integrated Silicon Solution, Inc IS46R16320E Datasheet HTML 7Page - Integrated Silicon Solution, Inc IS46R16320E Datasheet HTML 8Page - Integrated Silicon Solution, Inc IS46R16320E Datasheet HTML 9Page - Integrated Silicon Solution, Inc IS46R16320E Datasheet HTML 10Page - Integrated Silicon Solution, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 33 page
background image
6
Integrated Silicon Solution, Inc.
Rev. 00A
10/24/13
IS43R86400E
IS43/46R16320E, IS43/46R32160E
PIN CONFIGURATIONS
66 pin TSOP - Type II for x16
VDD
DQ0
VDDQ
DQ1
DQ2
VSSQ
DQ3
DQ4
VDDQ
DQ5
DQ6
VSSQ
DQ7
NC
VDDQ
LDQS
NC
VDD
NC
LDM
WE
CAS
RAS
CS
NC
BA0
BA1
A10/AP
A0
A1
A2
A3
VDD
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
17
18
19
20
21
22
23
24
25
26
27
28
29
30
31
32
33
66
65
64
63
62
61
60
59
58
57
56
55
54
53
52
51
50
49
48
47
46
45
44
43
42
41
40
39
38
37
36
35
34
VSS
DQ15
VSSQ
DQ14
DQ13
VDDQ
DQ12
DQ11
VSSQ
DQ10
DQ9
VDDQ
DQ8
NC
VSSQ
UDQS
NC
VREF
VSS
UDM
CK
CK
CKE
NC
A12
A11
A9
A8
A7
A6
A5
A4
VSS
PIN DESCRIPTION: x16
A0-A12
RowAddressInput
A0-A9
Column Address Input
BA0,BA1
BankSelectAddress
DQ0–DQ15
DataI/O
CK,CK
System Clock Input
CKE
ClockEnable
CS
Chip Select
CAS
Column Address Strobe
Command
RAS
RowAddressStrobe
Command
WE
WriteEnable
LDM,UDM
DataWriteMask
LDQS,UDQS
DataStrobe
VDD
Power
VDDQ
PowerSupplyforI/OPins
VSS
Ground
VSSQ
GroundforI/OPins
VREF
SSTL_2referencevoltage
NC
No Connection


Similar Part No. - IS46R16320E

ManufacturerPart #DatasheetDescription
logo
Integrated Silicon Solu...
IS46R16160B ISSI-IS46R16160B Datasheet
932Kb / 41P
   32Mx8, 16Mx16 256Mb DDR Synchronous DRAM
IS46R16160B-6BLA1 ISSI-IS46R16160B-6BLA1 Datasheet
932Kb / 41P
   32Mx8, 16Mx16 256Mb DDR Synchronous DRAM
IS46R16160B-6TLA1 ISSI-IS46R16160B-6TLA1 Datasheet
932Kb / 41P
   32Mx8, 16Mx16 256Mb DDR Synchronous DRAM
IS46R16160D-5BLA1 ISSI-IS46R16160D-5BLA1 Datasheet
1Mb / 32P
   8Mx32, 16Mx16, 32Mx8 256Mb DDR SDRAM
IS46R16160D-5TLA1 ISSI-IS46R16160D-5TLA1 Datasheet
1Mb / 32P
   8Mx32, 16Mx16, 32Mx8 256Mb DDR SDRAM
More results

Similar Description - IS46R16320E

ManufacturerPart #DatasheetDescription
logo
Integrated Silicon Solu...
IS43R16800E ISSI-IS43R16800E Datasheet
1Mb / 31P
   Auto Refresh and Self Refresh Modes
IS42RM16800F ISSI-IS42RM16800F Datasheet
465Kb / 27P
   Auto refresh and self refresh
IS42SM16200D ISSI-IS42SM16200D Datasheet
477Kb / 33P
   Auto refresh and self refresh
IS42VM16160K ISSI-IS42VM16160K Datasheet
865Kb / 34P
   Auto refresh and self refresh
IS42SM32100D ISSI-IS42SM32100D Datasheet
839Kb / 33P
   Auto refresh and self refresh
IS42SMVM32200M ISSI-IS42SMVM32200M Datasheet
852Kb / 33P
   Auto refresh and self refresh
logo
Alliance Semiconductor ...
16MX16-DDR1-AS4C16M16D1A ALSC-16MX16-DDR1-AS4C16M16D1A Datasheet
2Mb / 64P
   Auto Refresh and Self Refresh
AS4C128M16D2 ALSC-AS4C128M16D2 Datasheet
2Mb / 75P
   Auto Refresh and Self Refresh
logo
Integrated Silicon Solu...
IS43R16160 ISSI-IS43R16160 Datasheet
1Mb / 37P
   Auto refresh and Self refresh
IS42VM16800G ISSI-IS42VM16800G Datasheet
470Kb / 33P
   Auto refresh and self refresh
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com