Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IS46LR32800G-6BLA1 Datasheet(PDF) 7 Page - Integrated Silicon Solution, Inc

Part # IS46LR32800G-6BLA1
Description  2M x 32Bits x 4Banks Mobile DDR SDRAM
Download  47 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ISSI [Integrated Silicon Solution, Inc]
Direct Link  http://www.issi.com
Logo ISSI - Integrated Silicon Solution, Inc

IS46LR32800G-6BLA1 Datasheet(HTML) 7 Page - Integrated Silicon Solution, Inc

Back Button IS46LR32800G-6BLA1 Datasheet HTML 3Page - Integrated Silicon Solution, Inc IS46LR32800G-6BLA1 Datasheet HTML 4Page - Integrated Silicon Solution, Inc IS46LR32800G-6BLA1 Datasheet HTML 5Page - Integrated Silicon Solution, Inc IS46LR32800G-6BLA1 Datasheet HTML 6Page - Integrated Silicon Solution, Inc IS46LR32800G-6BLA1 Datasheet HTML 7Page - Integrated Silicon Solution, Inc IS46LR32800G-6BLA1 Datasheet HTML 8Page - Integrated Silicon Solution, Inc IS46LR32800G-6BLA1 Datasheet HTML 9Page - Integrated Silicon Solution, Inc IS46LR32800G-6BLA1 Datasheet HTML 10Page - Integrated Silicon Solution, Inc IS46LR32800G-6BLA1 Datasheet HTML 11Page - Integrated Silicon Solution, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 47 page
background image
IS43LR32800G, IS46LR32800G
7
Rev. A | November 2013
www.issi.com - dram@issi.com
Burst Type
Accesses within a given burst may be programmed to be either sequential or interleaved; this is referred to as the burst type and is
selected via bit M3. The ordering of accesses within a burst is determined by the burst length, the burst type and the starting column
address, as shown in Table 3.
M3
Burst Type
0
Sequential
1
Interleave
M6
M5
M4
CAS Latency
0
0
0
Reserved
0
0
1
Reserved
0
1
0
2
0
1
1
3
1
0
0
Reserved
1
0
1
Reserved
1
1
0
Reserved
1
1
1
Reserved
M2
M1
M0
Burst Length
M3 = 0
M3 = 1
0
0
0
Reserved
Reserved
0
0
1
2
2
0
1
0
4
4
0
1
1
8
8
1
0
0
16
16
1
0
1
Reserved
Reserved
1
1
0
Reserved
Reserved
1
1
1
Reserved
Reserved
Address Bus
A0
A1
A2
A3
A4
A5
A6
A7
A8
A9
A10
A11
Figure 5 : Mode Register Set (MRS) Definition
BA0
BA1
14
13
11
10
9
8
7
6
5
4
3
2
1
0
0
0
0
0
0
0
0
CAS Latency
BT
Burst Length
Note: M14(BA1) = 0 and M13(BA0) = 0 to select Mode Register
Mode Register (Mx)


Similar Part No. - IS46LR32800G-6BLA1

ManufacturerPart #DatasheetDescription
logo
Integrated Silicon Solu...
IS46LR32800F ISSI-IS46LR32800F Datasheet
2Mb / 47P
   2M x 32Bits x 4Banks Mobile DDR SDRAM
IS46LR32800F-6BLA1 ISSI-IS46LR32800F-6BLA1 Datasheet
2Mb / 47P
   2M x 32Bits x 4Banks Mobile DDR SDRAM
IS46LR32800F-6BLA2 ISSI-IS46LR32800F-6BLA2 Datasheet
2Mb / 47P
   2M x 32Bits x 4Banks Mobile DDR SDRAM
More results

Similar Description - IS46LR32800G-6BLA1

ManufacturerPart #DatasheetDescription
logo
Integrated Silicon Solu...
IS43LR32800F ISSI-IS43LR32800F Datasheet
2Mb / 47P
   2M x 32Bits x 4Banks Mobile DDR SDRAM
IS43LR32640A ISSI-IS43LR32640A Datasheet
1Mb / 43P
   16M x 32Bits x 4Banks Mobile DDR SDRAM
IS43LR32320B ISSI-IS43LR32320B Datasheet
2Mb / 47P
   8M x 32Bits x 4Banks Mobile DDR SDRAM
IS43LR32400F ISSI-IS43LR32400F Datasheet
1Mb / 42P
   1M x 32Bits x 4Banks Mobile DDR SDRAM
IS43LR32200B ISSI-IS43LR32200B Datasheet
1Mb / 42P
   512K x 32Bits x 4Banks Mobile DDR SDRAM
IS43LR32160B ISSI-IS43LR32160B Datasheet
1Mb / 44P
   4M x 32Bits x 4Banks Mobile DDR SDRAM
IS43LR32160C ISSI-IS43LR32160C Datasheet
1Mb / 47P
   4M x 32Bits x 4Banks Mobile DDR SDRAM
IS43LR16800F-6BLI ISSI-IS43LR16800F-6BLI Datasheet
1Mb / 42P
   2M x 16Bits x 4Banks Mobile DDR SDRAM
IS42VM32800E ISSI-IS42VM32800E Datasheet
877Kb / 33P
   2M x 32Bits x 4Banks Mobile Synchronous DRAM
IS42VM32800K ISSI-IS42VM32800K Datasheet
919Kb / 35P
   2M x 32Bits x 4Banks Mobile Synchronous DRAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com