Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

9201010500 Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # 9201010500
Description  RG-58/U type, 20 AWG solid .033 bare copper conductor, polyethylene insulation
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

9201010500 Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  9201010500 Datasheet HTML 1Page - List of Unclassifed Manufacturers 9201010500 Datasheet HTML 2Page - List of Unclassifed Manufacturers 9201010500 Datasheet HTML 3Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
For more Information
please call
1-800-Belden1
Description:
RG-58/U type, 20 AWG solid .033" bare copper conductor, polyethylene insulation, bare copper braid
shield (78% coverage), PVC jacket.
Physical Characteristics (Overall)
Conductor
AWG:
# Coax AWG Stranding Conductor Material Dia. (mm)
1
20
Solid
BC - Bare Copper
0.8382
Insulation
Insulation Material:
Insulation Material Dia. (mm)
PE - Polyethylene
2.9464
Outer Shield
Outer Shield Material:
Type Outer Shield Material Coverage (%)
Braid BC - Bare Copper
78
Outer Jacket
Outer Jacket Material:
Outer Jacket Material
PVC - Polyvinyl Chloride
Overall Cabling
Overall Nominal Diameter:
4.902 mm
Mechanical Characteristics (Overall)
Operating Temperature Range:
-40°C To +80°C
Non-UL Temperature Rating:
75°C
Bulk Cable Weight:
32.740 Kg/Km
Max. Recommended Pulling Tension:
164.583 N
Min. Bend Radius (Install)/Minor Axis:
50.800 mm
Applicable Specifications and Agency Compliance (Overall)
Applicable Standards & Environmental Programs
EU CE Mark:
Yes
EU Directive 2000/53/EC (ELV):
Yes
EU Directive 2002/95/EC (RoHS):
Yes
EU RoHS Compliance Date (mm/dd/yyyy):
01/01/2004
EU Directive 2002/96/EC (WEEE):
Yes
EU Directive 2003/11/EC (BFR):
Yes
CA Prop 65 (CJ for Wire & Cable):
Yes
MII Order #39 (China RoHS):
Yes
Page 1 of 3
05-10-2011
Detailed Specifications & Technical Data
METRIC MEASUREMENT VERSION
9201 Coax - RG-58/U Type


Similar Part No. - 9201010500

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
9201 ETC2-9201 Datasheet
2Mb / 4P
   Multi-ranging operation
logo
B&K Precision Corporati...
9201 BK-9201 Datasheet
2Mb / 4P
   Multi-Range Programmable DC Power Supplies
logo
Belden Inc.
9201 BELDEN-9201 Datasheet
159Kb / 2P
   50 Ohm Wireless Transmission Coax, RG-58, 20 AWG Solid BC, 80% BC Braid, PVC Jkt
05-01-2023
logo
Heyco.
9201 HEYCO-9201 Datasheet
93Kb / 1P
   Drive Fasteners
logo
Belden Inc.
9201-0101000 BELDEN-9201-0101000 Datasheet
159Kb / 2P
   50 Ohm Wireless Transmission Coax, RG-58, 20 AWG Solid BC, 80% BC Braid, PVC Jkt
05-01-2023
More results

Similar Description - 9201010500

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
1344804 ETC2-1344804 Datasheet
100Kb / 3P
   RG-58A/U type, 20 AWG solid .033 bare copper conductor, polyethylene insulation
88240 ETC2-88240 Datasheet
100Kb / 3P
   RG-58A/U type, 20 AWG solid .033 bare copper conductor, plenum, FEP teflon insulation
9913 ETC2-9913 Datasheet
30Kb / 3P
   RG-8/U type, 10 AWG solid .108 bare copper conductor, semi-solid polyethylene insulation
1351281 ETC2-1351281 Datasheet
99Kb / 3P
   RG-8/U type, 13 AWG stranded (7x21) .085 bare copper conductor, polyethylene insulation
1351787 ETC2-1351787 Datasheet
99Kb / 3P
   RG-8/U type, 11 AWG stranded (7x19) .108 bare copper conductor, foam polyethylene insulation
8259 ETC2-8259 Datasheet
102Kb / 3P
   RG-58A/U type, 20 AWG stranded (19x33) .035 tinned copper conductor, polyethylene insulation
1346975 ETC2-1346975 Datasheet
100Kb / 3P
   RG-58A/U type, 20 AWG stranded (19x33) .035 tinned copper conductor, polyethylene insulation
1351779 ETC2-1351779 Datasheet
102Kb / 3P
   RG-58 type, 19 AWG solid .037 bare copper conductor, gas-injected foam HDPE insulation
28446 ETC2-28446 Datasheet
32Kb / 3P
   RG-58A/U type, 20 AWG stranded (7x28) .037 tinned copper conductor, polyethylene insulation
7807A ETC2-7807A Datasheet
102Kb / 3P
   RG-58 type, 17 AWG solid .044 bare copper conductor, gas-injected foam HDPE insulation
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com