Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IS46R16160F Datasheet(PDF) 8 Page - Integrated Silicon Solution, Inc

Part # IS46R16160F
Description  Auto Precharge
Download  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ISSI [Integrated Silicon Solution, Inc]
Direct Link  http://www.issi.com
Logo ISSI - Integrated Silicon Solution, Inc

IS46R16160F Datasheet(HTML) 8 Page - Integrated Silicon Solution, Inc

Back Button IS46R16160F Datasheet HTML 4Page - Integrated Silicon Solution, Inc IS46R16160F Datasheet HTML 5Page - Integrated Silicon Solution, Inc IS46R16160F Datasheet HTML 6Page - Integrated Silicon Solution, Inc IS46R16160F Datasheet HTML 7Page - Integrated Silicon Solution, Inc IS46R16160F Datasheet HTML 8Page - Integrated Silicon Solution, Inc IS46R16160F Datasheet HTML 9Page - Integrated Silicon Solution, Inc IS46R16160F Datasheet HTML 10Page - Integrated Silicon Solution, Inc IS46R16160F Datasheet HTML 11Page - Integrated Silicon Solution, Inc IS46R16160F Datasheet HTML 12Page - Integrated Silicon Solution, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 32 page
background image
8
Integrated Silicon Solution, Inc.
Rev. 0A
03/24/2014
IS43R83200F
IS43/46R16160F, IS43/46R32800F
A
B
C
D
E
F
G
H
J
K
L
M
DQS0
DQ4
DQ6
DQ7
DQ17
DQ19
DQS2
DQ21
DQ22
CAS
RAS
CS
DM0
VDDQ
DQ5
VDDQ
DQ16
DQ18
DM2
DQ20
DQ23
WE
NC
NC
VSSQ
NC
VSSQ
VDD
VDDQ
VDDQ
NC
VDDQ
VDDQ
VDD
NC
BA0
DQ3
VDDQ
VSSQ
VSS
VSSQ
VSSQ
VSSQ
VSSQ
VSSQ
VSS
BA1
A0
DQ2
DQ1
VSSQ
VSSQ
VSS
VSS
VSS
VSS
VSS
A10
A2
A1
DQ0
VDDQ
VDD
VSS
VSS
VSS
VSS
VSS
VSS
VDD
A11
A3
DQ31
VDDQ
VDD
VSS
VSS
VSS
VSS
VSS
VSS
VDD
A9
A4
DQ29
DQ30
VSSQ
VSSQ
VSS
VSS
VSS
VSS
VSS
NC
A5
A6
DQ28
VDDQ
VSSQ
VSS
VSSQ
VSSQ
VSSQ
VSSQ
VSSQ
VSS
NC
A7
VSSQ
NC
VSSQ
VDD
VDDQ
VDDQ
NC
VDDQ
VDDQ
VDD
CK
A8
DM3
VDDQ
DQ26
VDDQ
DQ15
DQ13
DM1
DQ11
DQ9
NC
CK
CKE
DQS3
DQ27
DQ25
DQ24
DQ14
DQ12
DQS1
DQ10
DQ8
NC
NC
VREF
1 2 3 4 5 6 7 8 9 10 11 12
Note:Vssballsinsidethedottedboxareoptionalforpurposesofthermaldissipation.
A0-A11
RowAddressInput
A0-A7,A9
Column Address Input
BA0,BA1
BankSelectAddress
DQ0–DQ31
DataI/O
CK,CK
System Clock Input
CKE
ClockEnable
CS
Chip Select
CAS
Column Address Strobe
Command
RAS
RowAddressStrobe
Command
WE
WriteEnable
DM0-DM3
DataWriteMask
DQS0-DQS3
DataStrobe
VDD
Power
VDDQ
PowerSupplyforI/OPins
VREF
SSTL_2referencevoltage
VSS
Ground
VSSQ
GroundforI/OPins
NC
No Connection
PIN DESCRIPTION: for x32
PIN CONFIGURATION
Package Code B: 144-ball FBGA (top view)
(12mmx12mmBody,0.8mmBallPitch)
Top View (Ballsseenthroughthepackage)


Similar Part No. - IS46R16160F

ManufacturerPart #DatasheetDescription
logo
Integrated Silicon Solu...
IS46R16160B ISSI-IS46R16160B Datasheet
932Kb / 41P
   32Mx8, 16Mx16 256Mb DDR Synchronous DRAM
IS46R16160B-6BLA1 ISSI-IS46R16160B-6BLA1 Datasheet
932Kb / 41P
   32Mx8, 16Mx16 256Mb DDR Synchronous DRAM
IS46R16160B-6TLA1 ISSI-IS46R16160B-6TLA1 Datasheet
932Kb / 41P
   32Mx8, 16Mx16 256Mb DDR Synchronous DRAM
IS46R16160D-5BLA1 ISSI-IS46R16160D-5BLA1 Datasheet
1Mb / 32P
   8Mx32, 16Mx16, 32Mx8 256Mb DDR SDRAM
IS46R16160D-5TLA1 ISSI-IS46R16160D-5TLA1 Datasheet
1Mb / 32P
   8Mx32, 16Mx16, 32Mx8 256Mb DDR SDRAM
More results

Similar Description - IS46R16160F

ManufacturerPart #DatasheetDescription
logo
Integrated Silicon Solu...
IS42S32800 ISSI-IS42S32800 Datasheet
1Mb / 62P
   Concurrent auto precharge
logo
Alliance Semiconductor ...
AS4C128M8D1-6TIN ALSC-AS4C128M8D1-6TIN Datasheet
1Mb / 57P
   Concurrent auto precharge option is supported
AS4C32M32MD1 ALSC-AS4C32M32MD1 Datasheet
1Mb / 43P
   Automatic and Controlled Precharge Command
logo
Tyco Electronics
V23700-C0001-A408 MACOM-V23700-C0001-A408 Datasheet
1Mb / 4P
   Automotive Relays, High Voltage Precharge Relays
logo
Integrated Silicon Solu...
IS42S32800J ISSI-IS42S32800J Datasheet
1Mb / 60P
   Internal bank for hiding row access/precharge
IS42VS16400L ISSI-IS42VS16400L Datasheet
717Kb / 56P
   Internal bank for hiding row access/precharge
IS42R86400D ISSI-IS42R86400D Datasheet
1Mb / 66P
   Internal bank for hiding row access/precharge
IS42S16402J ISSI-IS42S16402J Datasheet
1Mb / 61P
   Internal bank for hiding row access/precharge
logo
Toshiba Semiconductor
TD6304AP TOSHIBA-TD6304AP Datasheet
414Kb / 10P
   AUTO REVERSE & AUTO EJECT PLUNGER DRIVER
logo
National Semiconductor ...
LMC669 NSC-LMC669 Datasheet
465Kb / 14P
   AUTO-ZERO
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com