Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IS49FL004T-33JCE Datasheet(PDF) 10 Page - Integrated Silicon Solution, Inc

Part # IS49FL004T-33JCE
Description  4 Mbit 3.3 Volt-only Firmware Hub/LPC Flash Memory
Download  45 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ISSI [Integrated Silicon Solution, Inc]
Direct Link  http://www.issi.com
Logo ISSI - Integrated Silicon Solution, Inc

IS49FL004T-33JCE Datasheet(HTML) 10 Page - Integrated Silicon Solution, Inc

Back Button IS49FL004T-33JCE Datasheet HTML 6Page - Integrated Silicon Solution, Inc IS49FL004T-33JCE Datasheet HTML 7Page - Integrated Silicon Solution, Inc IS49FL004T-33JCE Datasheet HTML 8Page - Integrated Silicon Solution, Inc IS49FL004T-33JCE Datasheet HTML 9Page - Integrated Silicon Solution, Inc IS49FL004T-33JCE Datasheet HTML 10Page - Integrated Silicon Solution, Inc IS49FL004T-33JCE Datasheet HTML 11Page - Integrated Silicon Solution, Inc IS49FL004T-33JCE Datasheet HTML 12Page - Integrated Silicon Solution, Inc IS49FL004T-33JCE Datasheet HTML 13Page - Integrated Silicon Solution, Inc IS49FL004T-33JCE Datasheet HTML 14Page - Integrated Silicon Solution, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 45 page
background image
IS49FL004T
Integrated Silicon Solution, Inc.- www.issi.com
10
Rev. A1
9/19/2013
FWH MODE OPERATION (CONTINUED)
Table 3: FWH Memory Write Cycle Definition
Clock Cycle
Field
FWH[3:0]
Direction
Description
1
START
1110
IN
Start of Cycle: "1110b" to indicate the start of a memory
write cycle.
2
IDSEL
0000 to
1111
IN
ID Select Cycle: Indicates which FWH device should respond.
If the IDSEL field matches the value set on ID[3:0] pins, then
the particular FWH device will respond to subsequent
commands.
3-9
IMADDR
YYYY
IN
Address Cycles: This is the 28-bit memory address. The
addresses transfer most-significant nibble first and least-
significant nibble last. (i.e., A27 - 24 on FWH[3:0] first, and
A3 - A0 on FWH[3:0] last).
10
IMSIZE
0000
IN
Memory Size Cycle: Indicates how many bytes will be or
transferred during multi-byte operations. The IS49FL00x only
support "0000b" for one byte operation.
11-12
DATA
YYYY
IN
Data Cycles: The 8-bits data transferred with least-significant
nibble first and most-significant nibble last. (i.e., I/O3 - I/O0 on
LAD[3:0] first, then I/O7 - I/O4 on FWH[3:0] last).
13
TAR0
1111
IN then
Float
Turn-Around Cycle 0: The Intel ICH has driven the bus then
float it to all "1"s and then floats the bus.
14
TAR1
1111
(float)
Float then
OUT
Turn-Around Cycle 1: The device takes control of the bus
during this cycle.
15
RSYNC
0000
(READY)
OUT
Ready Sync: The FWH device indicates that it has received
the data or command.
16
TAR0
1111
OUT then
Float
Turn-Around Cycle 0: The FWH device has driven the bus
then float it to all "1"s and then floats the bus.
17
TAR1
1111
(float)
Float then
IN
Turn-Around Cycle 1: The Intel ICH resumes control of the bus
during this cycle.
FWH MEMORY WRITE CYCLE WAVEFORMS
CL K
RST# or INIT#
F W H 4
Memory
Write
Start
IDSEL
FWH[3:0]
1110b
ID[3:0]
xxxxb
x1xxb
Address
A[19:16] A[15:12]
A[11:8]
A[7:4]
A[3:0]
IMSIZE
0000b
D[3:0]
Data
D[7:4]
TAR
R SYN C
1111b
Tri-State
0000b
TAR
1111b
Tri-State
Next Start
1110b
1 Clock
1 Clock
Load Address in 7 Clocks
1 Clock Load Data in 2 Clocks
2 Clocks
1 Clock
2 Clocks
1 Clock
From Host to Device
From Device to Host


Similar Part No. - IS49FL004T-33JCE

ManufacturerPart #DatasheetDescription
logo
Integrated Silicon Solu...
IS49NLC18160 ISSI-IS49NLC18160 Datasheet
622Kb / 34P
   288Mb (x9, x18, x36) Common I/O RLDRAM 2 Memory
IS49NLC18320 ISSI-IS49NLC18320 Datasheet
629Kb / 34P
   576Mb (x9, x18, x36) Common I/O RLDRAM 2 Memory
IS49NLC18320A ISSI-IS49NLC18320A Datasheet
980Kb / 36P
   Reduced cycle time
IS49NLC36160 ISSI-IS49NLC36160 Datasheet
629Kb / 34P
   576Mb (x9, x18, x36) Common I/O RLDRAM 2 Memory
IS49NLC36160A ISSI-IS49NLC36160A Datasheet
980Kb / 36P
   Reduced cycle time
More results

Similar Description - IS49FL004T-33JCE

ManufacturerPart #DatasheetDescription
logo
PMC-Sierra, Inc
PM49FL002 PMC-PM49FL002 Datasheet
208Kb / 46P
   2 Mbit / 4 Mbit 3.3 Volt-only Firmware Hub/LPC Flash Memory
logo
AMIC Technology
A49FL004 AMICC-A49FL004 Datasheet
713Kb / 36P
   4 Mbit CMOS 3.3Volt-only Firmware Hub/LPC Flash Memory
A49LF004 AMICC-A49LF004 Datasheet
595Kb / 10P
   4 Mbit CMOS 3.3Volt-only Firmware Hub Flash Memory
logo
Silicon Storage Technol...
SST49LF004B SST-SST49LF004B Datasheet
460Kb / 39P
   4 Mbit LPC Firmware Flash
SST49LF004B SST-SST49LF004B_10 Datasheet
1Mb / 36P
   4 Mbit Firmware Hub
SST49LF004B SST-SST49LF004B_06 Datasheet
491Kb / 36P
   4 Mbit Firmware Hub
logo
STMicroelectronics
M50FW040 STMICROELECTRONICS-M50FW040 Datasheet
249Kb / 41P
   4 Mbit 512Kb x8, Uniform Block 3V Supply Firmware Hub Flash Memory
logo
PMC-Sierra, Inc
PM39F040 PMC-PM39F040 Datasheet
200Kb / 23P
   1 Mbit / 2 Mbit / 4 Mbit 5 Volt-only CMOS Flash Memory
logo
ATMEL Corporation
AT26F004 ATMEL-AT26F004_08 Datasheet
724Kb / 38P
   4-megabit 2.7-volt Only Serial Firmware DataFlash Memory
AT49LW040 ATMEL-AT49LW040 Datasheet
465Kb / 34P
   8-megabit and 4-megabit Firmware Hub Flash Memory
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com