Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IS61DDB251236A Datasheet(PDF) 6 Page - Integrated Silicon Solution, Inc

Part # IS61DDB251236A
Description  Fixed 2-bit burst for read and write operations
Download  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ISSI [Integrated Silicon Solution, Inc]
Direct Link  http://www.issi.com
Logo ISSI - Integrated Silicon Solution, Inc

IS61DDB251236A Datasheet(HTML) 6 Page - Integrated Silicon Solution, Inc

Back Button IS61DDB251236A Datasheet HTML 2Page - Integrated Silicon Solution, Inc IS61DDB251236A Datasheet HTML 3Page - Integrated Silicon Solution, Inc IS61DDB251236A Datasheet HTML 4Page - Integrated Silicon Solution, Inc IS61DDB251236A Datasheet HTML 5Page - Integrated Silicon Solution, Inc IS61DDB251236A Datasheet HTML 6Page - Integrated Silicon Solution, Inc IS61DDB251236A Datasheet HTML 7Page - Integrated Silicon Solution, Inc IS61DDB251236A Datasheet HTML 8Page - Integrated Silicon Solution, Inc IS61DDB251236A Datasheet HTML 9Page - Integrated Silicon Solution, Inc IS61DDB251236A Datasheet HTML 10Page - Integrated Silicon Solution, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 29 page
background image
IS61DDB21M18A
IS61DDB251236A
Integrated Silicon Solution, Inc.- www.issi.com
Rev. A
10/02/2014
6
Power-Up and Power-Down Sequences
The recommendation of voltage apply sequence is : VDD → VDDQ
1)→V
REF
2)→ V
IN
Notes:
VDDQ can be applied concurrently with VDD.
VREF can be applied concurrently with VDDQ.
After power and clock signals are stabilized, device can be ready for normal operation after tKC-Lock cycles. In tKC-
lock cycle period, device initializes internal logics and locks DLL. Depending on /Doff status, locking DLL will be
skipped. The following timing pictures are possible examples of power up sequence.
Sequence1. /Doff is fixed low
After tKC-lock cycle of stable clock, device is ready for normal operation.
Power On stage
Unstable Clock Period
Stable Clock period
Read to use
K
K#
VDD
VDDQ
VREF
VIN
Note) All inputs including clocks must be either logically High or Low during Power On stage. Timing above shows only one of cases.
Sequence2. /Doff is controlled and goes high after clock being stable.
Power On stage
Unstable Clock Period
Stable Clock period
Read to use
K
K#
Doff#
VDD
VDDQ
VREF
VIN
Note) All inputs including clocks must be either logically High or Low during Power On stage. Timing above shows only one of cases.
>tKC-lock for device initialization
>tKC-lock for device initialization


Similar Part No. - IS61DDB251236A

ManufacturerPart #DatasheetDescription
logo
Integrated Silicon Solu...
IS61DDB21M36-250M3 ISSI-IS61DDB21M36-250M3 Datasheet
550Kb / 25P
   36 Mb (1M x 36 & 2M x 18) DDR-II (Burst of 2) CIO Synchronous SRAMs
IS61DDB21M36A ISSI-IS61DDB21M36A Datasheet
760Kb / 29P
   Clock stop support
IS61DDB22M18 ISSI-IS61DDB22M18 Datasheet
550Kb / 25P
   36 Mb (1M x 36 & 2M x 18) DDR-II (Burst of 2) CIO Synchronous SRAMs
IS61DDB22M18-250M3 ISSI-IS61DDB22M18-250M3 Datasheet
550Kb / 25P
   36 Mb (1M x 36 & 2M x 18) DDR-II (Burst of 2) CIO Synchronous SRAMs
IS61DDB22M18A ISSI-IS61DDB22M18A Datasheet
760Kb / 29P
   Clock stop support
More results

Similar Description - IS61DDB251236A

ManufacturerPart #DatasheetDescription
logo
Integrated Silicon Solu...
IS61DDSB22M18A ISSI-IS61DDSB22M18A Datasheet
940Kb / 29P
   Fixed 2-bit burst for read and write operations
IS61QDPB24M18A ISSI-IS61QDPB24M18A Datasheet
797Kb / 31P
   Fixed 2-bit burst for read and write operations
IS61DDPB24M18B ISSI-IS61DDPB24M18B Datasheet
887Kb / 31P
   Fixed 2-bit burst for read and write operations
logo
ATMEL Corporation
M67204H ATMEL-M67204H_14 Datasheet
1Mb / 4P
   Asynchronous Read/Write Operations
logo
Alliance Semiconductor ...
AS4C32M16MS-7BCN ALSC-AS4C32M16MS-7BCN Datasheet
3Mb / 48P
   Multiple Burst Read with Single Write Operation
logo
List of Unclassifed Man...
DM5489 ETC1-DM5489 Datasheet
158Kb / 3P
   64-BIT READ/WRITE MEMORIES
logo
SPANSION
S29NS-N SPANSION-S29NS-N Datasheet
1Mb / 86P
   Simultaneous Read/Write, Multiplexed, Burst Mode Flash Memory
logo
ATMEL Corporation
AT32UC3L0256 ATMEL-AT32UC3L0256_14 Datasheet
575Kb / 39P
   Read-modify-write Instructions and Atomic Bit Manipulation
logo
Pepperl+Fuchs Inc.
U-P3-RX PF-U-P3-RX Datasheet
361Kb / 3P
   Base for read/write station
logo
Rohm
BH6628AFS ROHM-BH6628AFS Datasheet
282Kb / 14P
   Read / Write amplifier for FDD
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com