Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IS61DDB22M18A Datasheet(PDF) 7 Page - Integrated Silicon Solution, Inc

Part # IS61DDB22M18A
Description  Clock stop support
Download  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ISSI [Integrated Silicon Solution, Inc]
Direct Link  http://www.issi.com
Logo ISSI - Integrated Silicon Solution, Inc

IS61DDB22M18A Datasheet(HTML) 7 Page - Integrated Silicon Solution, Inc

Back Button IS61DDB22M18A Datasheet HTML 3Page - Integrated Silicon Solution, Inc IS61DDB22M18A Datasheet HTML 4Page - Integrated Silicon Solution, Inc IS61DDB22M18A Datasheet HTML 5Page - Integrated Silicon Solution, Inc IS61DDB22M18A Datasheet HTML 6Page - Integrated Silicon Solution, Inc IS61DDB22M18A Datasheet HTML 7Page - Integrated Silicon Solution, Inc IS61DDB22M18A Datasheet HTML 8Page - Integrated Silicon Solution, Inc IS61DDB22M18A Datasheet HTML 9Page - Integrated Silicon Solution, Inc IS61DDB22M18A Datasheet HTML 10Page - Integrated Silicon Solution, Inc IS61DDB22M18A Datasheet HTML 11Page - Integrated Silicon Solution, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 29 page
background image
IS61DDB22M18A
IS61DDB21M36A
Integrated Silicon Solution, Inc.- www.issi.com
Rev. B
10/02/2014
7
Sequence3. /Doff is controlled but goes high before clock being stable.
Because DLL has a risk to be locked with the unstable clock, DLL needs to be reset and locked with the stable input.
a) K-stop to reset. If K or K# stays at VIH or VIL for more than 30nS, DLL will be reset and ready to re-lock. In tKC-
Lock period, DLL will be locked with a new stable value. Device can be ready for normal operation after that.
Power On stage
Unstable Clock Period
K-Stop
Stable Clock period
Read to use
K
K#
Doff#
VDD
VDDQ
VREF
VIN
Note) All inputs including clocks must be either logically High or Low during Power On stage. Timing above shows only one of cases.
a) /Doff Low to reset. If /Doff toggled low to high, DLL will be reset and ready to re-lock. In tKC-Lock period, DLL will
be locked with a new stable value. Device can be ready for normal operation after that.
Power On stage
Unstable Clock Period
Doff reset DLL
Stable Clock period
Read to use
K
K#
Doff#
VDD
VDDQ
VREF
VIN
Note) Applying DLL reset sequences (sequence 3a, 3b) are also required when operating frequency is changed without power off.
Note) All inputs including clocks must be either logically High or Low during Power On stage. Timing above shows only one of cases.
>30nS
>tKC-lock for device initialization
>tDoffLowToReset
>tKC-lock for device
initialization


Similar Part No. - IS61DDB22M18A

ManufacturerPart #DatasheetDescription
logo
Integrated Silicon Solu...
IS61DDB22M18 ISSI-IS61DDB22M18 Datasheet
550Kb / 25P
   36 Mb (1M x 36 & 2M x 18) DDR-II (Burst of 2) CIO Synchronous SRAMs
IS61DDB22M18-250M3 ISSI-IS61DDB22M18-250M3 Datasheet
550Kb / 25P
   36 Mb (1M x 36 & 2M x 18) DDR-II (Burst of 2) CIO Synchronous SRAMs
More results

Similar Description - IS61DDB22M18A

ManufacturerPart #DatasheetDescription
logo
Zilog, Inc.
EZ80F915005MODG ZILOG-EZ80F915005MODG Datasheet
581Kb / 22P
   Real-time clock support
logo
Semtech Corporation
SH3001 SEMTECH-SH3001 Datasheet
486Kb / 20P
   Real-Time Clock and Clock Management Support IC for Microcontrollers
logo
Microchip Technology
MCP4802 MICROCHIP-MCP4802_15 Datasheet
1Mb / 50P
   SPI Interface with 20 MHz Clock Support
01/27/15
logo
Rohm
BU90T82 ROHM-BU90T82 Datasheet
853Kb / 28P
   Support clock frequency from 10MHz up to 174MHz
BU90R102 ROHM-BU90R102 Datasheet
821Kb / 29P
   Support clock frequency from 8MHz up to 160MHz
logo
Semtech Corporation
SH3002 SEMTECH-SH3002 Datasheet
354Kb / 22P
   Reset Management and Clock Management Support IC for Microcontrollers
logo
Texas Instruments
DS90CR288AMTDX TI-DS90CR288AMTDX Datasheet
1Mb / 24P
[Old version datasheet]   20 to 85 MHz Shift Clock Support, 50% Duty Cycle on Receiver Output Clock
logo
Cypress Semiconductor
CY22313 CYPRESS-CY22313 Datasheet
159Kb / 9P
   Two-PLL Clock Generator with Direct Rambus-TM (Lite) Support
logo
Analog Devices
LTC6953 AD-LTC6953 Datasheet
747Kb / 56P
   Ultralow Jitter, 4.5GHz Clock Distributor with 11 Outputs and JESD204B Support
logo
Cypress Semiconductor
CY29940 CYPRESS-CY29940_11 Datasheet
392Kb / 10P
   2.5 V or 3.3 V, 200-MHz, 1:18 Clock Distribution Buffer 200-MHz clock support
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com