Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LMP90077MH Datasheet(PDF) 9 Page - Texas Instruments

Part # LMP90077MH
Description  Sensor AFE System: Multi-Channel, Low-Power 16-Bit Sensor AFE
Download  70 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LMP90077MH Datasheet(HTML) 9 Page - Texas Instruments

Back Button LMP90077MH Datasheet HTML 5Page - Texas Instruments LMP90077MH Datasheet HTML 6Page - Texas Instruments LMP90077MH Datasheet HTML 7Page - Texas Instruments LMP90077MH Datasheet HTML 8Page - Texas Instruments LMP90077MH Datasheet HTML 9Page - Texas Instruments LMP90077MH Datasheet HTML 10Page - Texas Instruments LMP90077MH Datasheet HTML 11Page - Texas Instruments LMP90077MH Datasheet HTML 12Page - Texas Instruments LMP90077MH Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 70 page
background image
9
LMP90077, LMP90078, LMP90079, LMP90080
www.ti.com
SNAS521H – JULY 2011 – REVISED JANUARY 2016
Product Folder Links: LMP90077 LMP90078 LMP90079 LMP90080
Submit Documentation Feedback
Copyright © 2011–2016, Texas Instruments Incorporated
Electrical Characteristics (continued)
Unless otherwise noted, the key for the condition is (VA = VIO = VREF) / ODR (SPS) / buffer / calibration / gain . The typical
values apply for TA = +25°C.
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
VIN
Differential Input
VIN = VINP - VINN
±VREF / PGA
ZIN
Differential Input
Impedance
ODR = 13.42 SPS
15.4
M
Ω
CINP
Capacitance of the
Positive Input
5V / 214.65 / OFF / OFF / 1
4
pF
CINN
Capacitance of the
Negative Input
5V / 214.65 / OFF / OFF / 1
4
pF
IIN
Input Leakage Current
3V & 5V / 13.42 / ON / OFF / 1-8
500
pA
3V & 5V / 13.42 / ON / OFF / 16 - 128
100
pA
DIGITAL INPUT CHARACTERISTICS at VA = VIO = VREF = 3.0 V
VIH
Logical "1" Input
Voltage
0.7 x VIO
V
VIL
Logical "0" Input
Voltage
0.3 x VIO
V
IIL
Digital Input Leakage
Current
-10
+10
µA
VHYST
Digital Input
Hysteresis
0.1 x VIO
V
DIGITAL OUTPUT CHARACTERISTICS at VA = VIO = VREF = 3.0 V
VOH
Logical "1" Output
Voltage
Source 300 µA
2.6
V
VOL
Logical "0" Output
Voltage
Sink 300 µA
0.4
V
IOZH,
IOZL
TRI-STATE Leakage
Current
-10
10
µA
COUT
TRI-STATE
Capacitance
See(1)
5
pF
EXCITATION CURRENT SOURCES CHARACTERISTICS (LMP90080/LMP90078 ONLY)
IB1, IB2
Excitation Current
Source Output
0, 100, 200,
300, 400, 500,
600, 700, 800,
900, 1000
µA
IB1/IB2 Tolerance
VA = VREF = 3V
2.5%
VA = VREF = 3V, TMIN ≤ TA ≤ TMAX
-7%
7%
VA = VREF = 5V
0.2%
VA = VREF = 5V, TMIN ≤ TA ≤ TMAX
-3.5%
3.5%
IB1/IB2 Output
Compliance Range
VA = 3.0V & 5.0V, IB1/IB2 = 100 µA to 1000 µA
VA - 0.8
V
IB1/IB2 Regulation
VA = 5.0V, IB1/IB2 = 100 µA to 1000 µA
0.07
%/V
IBTC
IB1/IB2 Drift
VA = 3.0V
95
ppm/°C
VA = 5.0V
60
ppm/°C


Similar Part No. - LMP90077MH

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LMP90077MH TI-LMP90077MH Datasheet
1Mb / 64P
[Old version datasheet]   Multi-Channel, Low-Power 16-Bit Sensor AFE with True Continuous Background Calibration
logo
National Semiconductor ...
LMP90077MH/NOPB NSC-LMP90077MH/NOPB Datasheet
1Mb / 62P
   Sensor AFE System: Multi-Channel, Low-Power 16-Bit
logo
Texas Instruments
LMP90077MHE TI-LMP90077MHE Datasheet
1Mb / 64P
[Old version datasheet]   Multi-Channel, Low-Power 16-Bit Sensor AFE with True Continuous Background Calibration
logo
National Semiconductor ...
LMP90077MHE/NOPB NSC-LMP90077MHE/NOPB Datasheet
1Mb / 62P
   Sensor AFE System: Multi-Channel, Low-Power 16-Bit
logo
Texas Instruments
LMP90077MHENOPB TI-LMP90077MHENOPB Datasheet
1Mb / 64P
[Old version datasheet]   Multi-Channel, Low-Power 16-Bit Sensor AFE with True Continuous Background Calibration
More results

Similar Description - LMP90077MH

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LMP90080 NSC-LMP90080 Datasheet
1Mb / 62P
   Sensor AFE System: Multi-Channel, Low-Power 16-Bit
logo
Texas Instruments
LMP90100 TI1-LMP90100_16 Datasheet
1Mb / 74P
[Old version datasheet]   Sensor AFE System: Multichannel, Low-Power, 24-Bit Sensor AFE
logo
National Semiconductor ...
LMP90100 NSC-LMP90100 Datasheet
1Mb / 62P
   Sensor AFE System: Multi-Channel, Low Power 24-Bit
logo
Texas Instruments
LMP90100 TI1-LMP90100 Datasheet
1Mb / 63P
[Old version datasheet]   Sensor AFE System: Multi-Channel, Low Power 24-Bit Sensor AFE with True Continuous Background Calibration
LMP91000 TI1-LMP91000_14 Datasheet
628Kb / 31P
[Old version datasheet]   Sensor AFE System
LMP91002 TI1-LMP91002 Datasheet
509Kb / 21P
[Old version datasheet]   Sensor AFE System: Configurable AFE Potentiostat
LMP91002 TI1-LMP91002_16 Datasheet
1Mb / 31P
[Old version datasheet]   Sensor AFE System
LMP90080-Q1 TI1-LMP90080-Q1 Datasheet
1Mb / 65P
[Old version datasheet]   Multi-Channel 16-Bit Sensor AFE with Background Calibration
LMP90100 TI1-LMP90100_13 Datasheet
1Mb / 69P
[Old version datasheet]   LMP90100/LMP90099/LMP90098/LMP90097 Sensor AFE System: Multi-Channel, Low Power 24-Bit Sensor AFE with True Continuous Background Calibration
LMP90077 TI-LMP90077 Datasheet
1Mb / 64P
[Old version datasheet]   Multi-Channel, Low-Power 16-Bit Sensor AFE with True Continuous Background Calibration
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com