Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IS61DDPB41M36B Datasheet(PDF) 3 Page - Integrated Silicon Solution, Inc

Part # IS61DDPB41M36B
Description  Common I/O read and write ports
Download  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ISSI [Integrated Silicon Solution, Inc]
Direct Link  http://www.issi.com
Logo ISSI - Integrated Silicon Solution, Inc

IS61DDPB41M36B Datasheet(HTML) 3 Page - Integrated Silicon Solution, Inc

  IS61DDPB41M36B Datasheet HTML 1Page - Integrated Silicon Solution, Inc IS61DDPB41M36B Datasheet HTML 2Page - Integrated Silicon Solution, Inc IS61DDPB41M36B Datasheet HTML 3Page - Integrated Silicon Solution, Inc IS61DDPB41M36B Datasheet HTML 4Page - Integrated Silicon Solution, Inc IS61DDPB41M36B Datasheet HTML 5Page - Integrated Silicon Solution, Inc IS61DDPB41M36B Datasheet HTML 6Page - Integrated Silicon Solution, Inc IS61DDPB41M36B Datasheet HTML 7Page - Integrated Silicon Solution, Inc IS61DDPB41M36B Datasheet HTML 8Page - Integrated Silicon Solution, Inc IS61DDPB41M36B Datasheet HTML 9Page - Integrated Silicon Solution, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 32 page
background image
IS61DDPB42M18B/B1/B2
IS61DDPB41M36B/B1/B2
Integrated Silicon Solution, Inc.- www.issi.com
Rev. A
9/25/2014
3
Ball Descriptions
Symbol
Type
Description
K, K#
Input
Input clock: This input clock pair registers address and control inputs on the rising edge of K, and
registers data on the rising edge of K and the rising edge of K#. K# is ideally 180 degrees out of
phase with K. All synchronous inputs must meet setup and hold times around the clock rising edges.
These balls cannot remain VREF level.
CQ, CQ#
Output
Synchronous echo clock outputs: The edges of these outputs are tightly matched to the synchronous
data outputs and can be used as a data valid indication. These signals are free running clocks and
do not stop when Q tri-states.
Doff#
Input
DLL disable and reset input : When low, this input causes the DLL to be bypassed and reset the
previous DLL information. When high, DLL will start operating and lock the frequency after tCK lock
time. The device behaves in one read latency mode when the DLL is turned off. In this mode, the
device can be operated at a frequency of up to 167 MHz.
QVLD
Output
Valid output indicator: The Q Valid indicates valid output data. QVLD is edge aligned with CQ and
CQ#.
SA
Input
Synchronous address inputs: These inputs are registered and must meet the setup and hold times
around the rising edge of K. These inputs are ignored when device is deselected.
DQ0 - DQn
Bidir
Data input and output signals. Input data must meet setup and hold times around the rising edges of
K and K# during WRITE operations. These pins drive out the requested data when the read
operation is active. Valid output data is synchronized to the respective CQ and CQ#.
See BALL CONFIGURATION figures for ball site location of individual signals.
The x18 device uses DQ0~DQ17. DQ18~DQ35 should be treated as NC pin.
The x36 device uses DQ0~DQ35.
R/W#
Input
Synchronous Read or Write input. When LD# is low, this input designates the access type (read
when it is High, write when it is Low) for loaded address. R/W# must meet the setup and hold times
around edge of K.
LD#
Input
Synchronous load. This input is brought Low when a bus cycle sequence is defined. This definition
includes address and read/write direction.
BWx#
Input
Synchronous byte writes: When low, these inputs cause their respective byte to be registered and
written during WRITE cycles. These signals are sampled on the same edge as the corresponding
data and must meet setup and hold times around the rising edges of K and K# for each of the two
rising edges comprising the WRITE cycle. See Write Truth Table for signal to data relationship.
VREF
Input
reference
HSTL input reference voltage: Nominally VDDQ/2, but may be adjusted to improve system noise
margin. Provides a reference voltage for the HSTL input buffers.
VDD
Power
Power supply: 1.8 V nominal. See DC Characteristics and Operating Conditions for range.
VDDQ
Power
Power supply: Isolated output buffer supply. Nominally 1.5 V. See DC Characteristics and Operating
Conditions for range.
VSS
Ground
Ground of the device
ZQ
Input
Output impedance matching input: This input is used to tune the device outputs to the system data
bus impedance. Q and CQ output impedance are set to 0.2xRQ, where RQ is a resistor from this ball
to ground. This ball can be connected directly to VDDQ, which enables the minimum impedance
mode. This ball cannot be connected directly to VSS or left unconnected.
In ODT (On Die Termination) enable devices, the ODT termination values tracks the value of RQ.
The ODT range is selected by ODT control input.
TMS, TDI, TCK
Input
IEEE 1149.1 input pins for JTAG
TDO
Output
IEEE 1149.1 output pins for JTAG
NC
N/A
No connect: These signals should be left floating or connected to ground to improve package heat
dissipation.
ODT
Input
ODT control; Refer to SRAM features for the details.


Similar Part No. - IS61DDPB41M36B

ManufacturerPart #DatasheetDescription
logo
Integrated Silicon Solu...
IS61DDPB41M36A/A1/A2 ISSI-IS61DDPB41M36A/A1/A2 Datasheet
573Kb / 32P
   2Mx18, 1Mx36 36Mb DDR-IIP(Burst 4) CIO SYNCHRONOUS SRAM
More results

Similar Description - IS61DDPB41M36B

ManufacturerPart #DatasheetDescription
logo
Integrated Silicon Solu...
IS61DDP2B24M18A ISSI-IS61DDP2B24M18A Datasheet
889Kb / 31P
   Common I/O read and write ports
IS61DDB24M18A ISSI-IS61DDB24M18A Datasheet
770Kb / 29P
   Common I/O read and write ports
IS61DDPB44M18B ISSI-IS61DDPB44M18B Datasheet
934Kb / 32P
   Common I/O read and write ports
logo
Megawin Technology Co.,...
MG84FL54BD MEGAWIN-MG84FL54BD Datasheet
825Kb / 113P
   Four and half configurable I/O ports
logo
GSI Technology
GS8342D07BGD-300 GSI-GS8342D07BGD-300 Datasheet
506Kb / 29P
   Simultaneous Read and Write SigmaQuad Interface
logo
ATMEL Corporation
TK5552 ATMEL-TK5552 Datasheet
326Kb / 22P
   Read/Write Transponder
logo
Hitachi Semiconductor
HA16688MP HITACHI-HA16688MP Datasheet
134Kb / 5P
   READ / WRITE CIRCUIT
MA16688MP HITACHI-MA16688MP Datasheet
139Kb / 5P
   READ / WRITE CIRCUIT
logo
Pepperl+Fuchs Inc.
IUH-F190-V1-FR1-01 PF-IUH-F190-V1-FR1-01 Datasheet
893Kb / 3P
   Read/write head
IUH-F190-V1-FR1-15 PF-IUH-F190-V1-FR1-15 Datasheet
890Kb / 3P
   Read/write head
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com