Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TMP303DDRLT Datasheet(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
Part # TMP303DDRLT
Description  Temperature Range Monitor In Micropackage
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TMP303DDRLT Datasheet(HTML) 1 Page - Texas Instruments

  TMP303DDRLT Datasheet HTML 1Page - Texas Instruments TMP303DDRLT Datasheet HTML 2Page - Texas Instruments TMP303DDRLT Datasheet HTML 3Page - Texas Instruments TMP303DDRLT Datasheet HTML 4Page - Texas Instruments TMP303DDRLT Datasheet HTML 5Page - Texas Instruments TMP303DDRLT Datasheet HTML 6Page - Texas Instruments TMP303DDRLT Datasheet HTML 7Page - Texas Instruments TMP303DDRLT Datasheet HTML 8Page - Texas Instruments TMP303DDRLT Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 24 page
background image
Temperature Accuracy (qC)
0
5
10
15
20
25
30
35
40
D003
100kW
OUT
HYST
SET1
HYST
SET0
1.4V to 3.6V
V
S
GND
SOH
Temperature
Sensor
Hysteresis
Logic
Trip Point
Logic
DS
ADC
Product
Folder
Sample &
Buy
Technical
Documents
Tools &
Software
Support &
Community
An IMPORTANT NOTICE at the end of this data sheet addresses availability, warranty, changes, use in safety-critical applications,
intellectual property matters and other important disclaimers. PRODUCTION DATA.
TMP303
SBOS486F – JULY 2009 – REVISED FEBRUARY 2016
TMP303 Easy-To-Use, Low-Power, 1°C, Low-Supply
Temperature Range Monitor In Micropackage
1
1 Features
1
Low Power: 5
μA (Maximum)
SOT-563 Package: 1.60 × 1.60 × 0.6 mm
Trip Point Accuracy:
±0.2°C (Typical) from –40°C to 125°C
Push-Pull Output
Selectable Hysteresis: 1/2/5/10°C
Supply Voltage Range: 1.4 V to 3.6 V
2 Applications
Battery Charging
Consumer Electronics
Enterprise
Telecom
3 Description
The TMP303 devices are temperature range monitors
that offer design flexibility through an extra small
footprint (SOT-563), low power (5
μA maximum) and
low supply voltage capability (as low as 1.4 V).
These devices require no additional components for
operation;
each
can
function
independent
of
microprocessors or microcontrollers.
There are four trip points available see Device
Options. Trip points can be programmed at the
factory to any desired temperature. For applications
that require different values, contact your local TI
representative.
The OUT pin is a push-pull, active-high output. When
the measured temperature is beyond the trip point
range, and the Set Output High (SOH) pin is low, the
OUT pin is high. The SOH pin is an input pin with an
internal pulldown resistor. When the SOH pin is
forced high, the OUT pin goes high regardless of the
measured temperature.
Device Information(1)
PART NUMBER
PACKAGE
BODY SIZE (NOM)
TMP303
SOT-563 (6)
1.60 mm × 1.20 mm
(1) For all available packages, see the orderable addendum at
the end of the data sheet.
TMP303 Functional Block Diagram
Trip Threshold Accuracy


Similar Part No. - TMP303DDRLT

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TMP303DDRLT TI1-TMP303DDRLT Datasheet
1Mb / 22P
[Old version datasheet]   Easy-To-Use, Low-Power, Low-Supply Temperature Range Monitor In Micropackage
More results

Similar Description - TMP303DDRLT

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TMP303 TI1-TMP303_17 Datasheet
1Mb / 22P
[Old version datasheet]   Easy-To-Use, Low-Power, Low-Supply Temperature Range Monitor In Micropackage
TMP303A TI1-TMP303A Datasheet
656Kb / 15P
[Old version datasheet]   Easy-to-Use, Low-Power, 1째C, Low-Supply TEMPERATURE RANGE MONITOR in MicroPackage
TMP303 TI1-TMP303_15 Datasheet
1Mb / 24P
[Old version datasheet]   TMP303 Easy-To-Use, Low-Power, 1째C, Low-Supply Temperature Range Monitor In Micropackage
TMP302A TI-TMP302A Datasheet
415Kb / 11P
[Old version datasheet]   Easy-to-Use Low-Power Low-Supply TEMPERATURE SWITCH in MicroPackage
TMP302 TI1-TMP302 Datasheet
836Kb / 21P
[Old version datasheet]   TMP302 Easy-to-Use, Low-Power, Low-Supply Temperature Switch in Micropackage
TMP302-Q1 TI1-TMP302-Q1 Datasheet
798Kb / 18P
[Old version datasheet]   TMP302-Q1, Automotive Grade, Low-Power, Easy-to-Use, Temperature Switch in MicroPackage
logo
ON Semiconductor
NVT210 ONSEMI-NVT210_15 Datasheet
303Kb / 20P
   Temperature Monitor
May, 2015 ??Rev. 8
NCT214 ONSEMI-NCT214_16 Datasheet
246Kb / 19P
   Temperature Monitor
April, 2014 ??Rev. 4
NCT1008 ONSEMI-NCT1008_12 Datasheet
333Kb / 20P
   Temperature Monitor
July, 2012 ??Rev. 6
logo
Maxim Integrated Produc...
DS9108 MAXIM-DS9108 Datasheet
61Kb / 3P
   Concrete Temperature Monitor
REV: 102106
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com