Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CKCL22CH1H100F085AA Datasheet(PDF) 1 Page - TDK Electronics

Part # CKCL22CH1H100F085AA
Description  Multilayer Ceramic Chip Capacitors
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TDK [TDK Electronics]
Direct Link  http://www.tdk.com
Logo TDK - TDK Electronics

CKCL22CH1H100F085AA Datasheet(HTML) 1 Page - TDK Electronics

  CKCL22CH1H100F085AA Datasheet HTML 1Page - TDK Electronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Commercial Grade ( 2 in 1 Array )
CKCL22(2012) [EIA CC0805]
L
2.00mm +/-0.15mm
W
1.25mm +/-0.15mm
T
0.85mm +/-0.15mm
C
0.45mm Nom.
P
1.00mm Nom.
CH (-25 to 85 degC 0+/-60ppm/degC)
1H (50Vdc)
10pF
F (+/-1pF)
600 Min.
10Gohm Min.
Not Applicable
All specifications are subject to change without notice.
January 4, 2016
CKCL22CH1H100F085AA
TDK Item Description : CKCL22CH1H100FT****
Cap. vs. Freq. Characteristic
1
10
100
1000
1
10
100
1000
10000
Frequency/MHz
|Z|, ESR vs. Freq. Characteristics
0.1
1
10
100
1000
1
10
100
1000
10000
Frequency/MHz
|Z|
ESR
DC Bias Characteristic
-5
-4
-3
-2
-1
0
1
2
3
4
5
0
1020
3040
5060
DC Bias/V
Temperature Characteristics
-0.5
-0.4
-0.3
-0.2
-0.1
0
0.1
0.2
0.3
0.4
0.5
-60
-40
-20
0
20
40
60
80
100
120
140
160
Temperature/degC
Temp.Chara.
TCBias(1/2Rated)
Application & Main Feature
Series
Dimensions
Temperature Characteristic
Rated Voltage
Capacitance
Capacitance Tolerance
Q Factor
Insulation Resistance
AEC-Q200


Similar Part No. - CKCL22CH1H100F085AA

ManufacturerPart #DatasheetDescription
logo
TDK Electronics
CKCL22CH1H101K085AA TDK-CKCL22CH1H101K085AA Datasheet
182Kb / 1P
   Multilayer Ceramic Chip Capacitors
More results

Similar Description - CKCL22CH1H100F085AA

ManufacturerPart #DatasheetDescription
logo
EPCOS
X8R EPCOS-X8R Datasheet
112Kb / 13P
   Multilayer ceramic capacitors Chip capacitors
logo
NIC-Components Corp.
NMC0402X7R104K16TRPF NIC-NMC0402X7R104K16TRPF Datasheet
138Kb / 4P
   Multilayer Ceramic Chip Capacitors
logo
TDK Electronics
C1005C0G1H1R5C050BA TDK-C1005C0G1H1R5C050BA Datasheet
173Kb / 31P
   Multilayer Ceramic Chip Capacitors
C1608X5R0J226M080AC TDK-C1608X5R0J226M080AC Datasheet
2Mb / 55P
   MULTILAYER CERAMIC CHIP CAPACITORS
C3216X7R1C105K TDK-C3216X7R1C105K Datasheet
197Kb / 31P
   Multilayer Ceramic Chip Capacitors
C3216X7R1V106M160AC TDK-C3216X7R1V106M160AC Datasheet
2Mb / 55P
   MULTILAYER CERAMIC CHIP CAPACITORS
CKG57NX5R1E476M500JH TDK-CKG57NX5R1E476M500JH Datasheet
109Kb / 9P
   Multilayer Ceramic Chip Capacitors
C3225X5R1C226K TDK-C3225X5R1C226K Datasheet
173Kb / 31P
   Multilayer Ceramic Chip Capacitors
logo
Kyocera Kinseki Corpota...
CM32Y5V106Z16AT KSS-CM32Y5V106Z16AT Datasheet
163Kb / 16P
   Multilayer Ceramic Chip Capacitors
logo
TDK Electronics
C0603X5R0J224K TDK-C0603X5R0J224K Datasheet
463Kb / 2P
   Multilayer Ceramic Chip Capacitors
logo
NIC-Components Corp.
NMC1 NIC-NMC1 Datasheet
268Kb / 4P
   Multilayer Ceramic Chip Capacitors
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com