Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TC0202A Datasheet(PDF) 2 Page - TAI-SAW TECHNOLOGY CO., LTD.

Part # TC0202A
Description  SAW Resonator 315 MHz
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TAI-SAW [TAI-SAW TECHNOLOGY CO., LTD.]
Direct Link  http://www.taisaw.com
Logo TAI-SAW - TAI-SAW TECHNOLOGY CO., LTD.

TC0202A Datasheet(HTML) 2 Page - TAI-SAW TECHNOLOGY CO., LTD.

  TC0202A Datasheet HTML 1Page - TAI-SAW TECHNOLOGY CO., LTD. TC0202A Datasheet HTML 2Page - TAI-SAW TECHNOLOGY CO., LTD. TC0202A Datasheet HTML 3Page - TAI-SAW TECHNOLOGY CO., LTD.  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
TAI-SAW TECHNOLOGY CO., LTD.
- 2 -
TST DCC
Release document
TAI-SAW TECHNOLOGY CO., LTD.
No. 3, Industrial 2nd Rd., Ping-Chen Industrial District,
Taoyuan, 324, Taiwan, R.O.C.
TEL: 886-3-4690038
FAX: 886-3-4697532
E-mail: tstsales@mail.taisaw.com
Web: www.taisaw.com
SAW Resonator 315 MHz
MODEL NO.: TC0202A
REV. NO.:1
A. FEATURES:
1. 1-Port Resonator.
B. MAXIMUM RATING:
1.Input Power Level: 0 dBm
2.DC voltage: 12 V
3.Operating Temperature: -40
°C to +85°C
4.Storage Temperature: -40
°C to +85°C
C. ELECTRICAL CHARACTERISTICS:
Characteristic
Units
Minimum
Typical
Maximum
Center frequency
Fr
MHz
314.925
315
315.075
Insertion Loss IL
dB
-
1.0
2.0
Equivalent Elements
Motional capacitance C1
fF
-
3.53
-
Motional inductance L1
μ
H
-
72.3
-
Motional resistance R1
Ohm
-
11.8
-
Parallel capacitance Co
pF
-
4.8
-
Temp.coeff.
ppm/c*2
-
0.032
-
Turnover To
deg.C
30
-
60
Package size
TO39
D.OUTLINE DRAWING:


Similar Part No. - TC0202A

ManufacturerPart #DatasheetDescription
logo
TAI-SAW TECHNOLOGY CO.,...
TC0200A TAI-SAW-TC0200A Datasheet
317Kb / 4P
   SAW Resonator 622.080 MHz SMD 3.8X3.8 mm
TC0201A TAI-SAW-TC0201A Datasheet
313Kb / 4P
   SAW Resonator 433.920 MHz SMD 5X5 mm
logo
Golledge Electronics Lt...
TC0201A GOLLEDGE-TC0201A Datasheet
79Kb / 4P
   433.920 MHz SAW Resonator
logo
TAI-SAW TECHNOLOGY CO.,...
TC0203A TAI-SAW-TC0203A Datasheet
246Kb / 3P
   SAW Resonator 433.420 MHz TO39
TC0204A TAI-SAW-TC0204A Datasheet
352Kb / 4P
   SAW Resonator 390 MHz
More results

Similar Description - TC0202A

ManufacturerPart #DatasheetDescription
logo
TAI-SAW TECHNOLOGY CO.,...
TC0274B TAI-SAW-TC0274B Datasheet
340Kb / 5P
   SAW Resonator 315 MHz
TC0437A TAI-SAW-TC0437A Datasheet
293Kb / 6P
   SAW Resonator 315 MHz
TC315E1B TAI-SAW-TC315E1B Datasheet
211Kb / 3P
   SAW Resonator 315 MHz
TC0274E TAI-SAW-TC0274E Datasheet
185Kb / 5P
   SAW Resonator 315 MHz
TC315GDB TAI-SAW-TC315GDB Datasheet
355Kb / 4P
   SAW Resonator 315 MHz
logo
List of Unclassifed Man...
FR0315M00-TD11 ETC-FR0315M00-TD11 Datasheet
86Kb / 3P
   315 MHz SAW Resonator
logo
TAI-SAW TECHNOLOGY CO.,...
TC0408A TAI-SAW-TC0408A Datasheet
184Kb / 4P
   SAW Resonator 315 MHz TO-39
TC0274A TAI-SAW-TC0274A Datasheet
351Kb / 5P
   SAW Resonator 315 MHz SMD 3X3 mm
TE0109A TAI-SAW-TE0109A Datasheet
218Kb / 5P
   Dual SAW Resonator 390/315 MHz SMD 5.0X5.0 mm
logo
RF Monolithics, Inc
RP1298 RFM-RP1298 Datasheet
149Kb / 2P
   423.22 MHz SAW Resonator
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com