Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IS64WV25616EDBLL Datasheet(PDF) 1 Page - Integrated Silicon Solution, Inc

Part # IS64WV25616EDBLL
Description  Data control for upper and lower bytes
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ISSI [Integrated Silicon Solution, Inc]
Direct Link  http://www.issi.com
Logo ISSI - Integrated Silicon Solution, Inc

IS64WV25616EDBLL Datasheet(HTML) 1 Page - Integrated Silicon Solution, Inc

  IS64WV25616EDBLL Datasheet HTML 1Page - Integrated Silicon Solution, Inc IS64WV25616EDBLL Datasheet HTML 2Page - Integrated Silicon Solution, Inc IS64WV25616EDBLL Datasheet HTML 3Page - Integrated Silicon Solution, Inc IS64WV25616EDBLL Datasheet HTML 4Page - Integrated Silicon Solution, Inc IS64WV25616EDBLL Datasheet HTML 5Page - Integrated Silicon Solution, Inc IS64WV25616EDBLL Datasheet HTML 6Page - Integrated Silicon Solution, Inc IS64WV25616EDBLL Datasheet HTML 7Page - Integrated Silicon Solution, Inc IS64WV25616EDBLL Datasheet HTML 8Page - Integrated Silicon Solution, Inc IS64WV25616EDBLL Datasheet HTML 9Page - Integrated Silicon Solution, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 14 page
background image
Integrated Silicon Solution, Inc. — www.issi.com
1
Rev. A
09/29/2011
Copyright©2011IntegratedSiliconSolution,Inc.Allrightsreserved.ISSIreservestherighttomakechangestothisspecificationanditsproductsatanytimewithout
notice.ISSIassumesnoliabilityarisingoutoftheapplicationoruseofanyinformation,productsorservicesdescribedherein.Customersareadvisedtoobtainthelat-
estversionofthisdevicespecificationbeforerelyingonanypublishedinformationandbeforeplacingordersforproducts.
IntegratedSiliconSolution,Inc.doesnotrecommendtheuseofanyofitsproductsinlifesupportapplicationswherethefailureormalfunctionoftheproductcanreason-
ablybeexpectedtocausefailureofthelifesupportsystemortosignificantlyaffectitssafetyoreffectiveness.Productsarenotauthorizedforuseinsuchapplications
unlessIntegratedSiliconSolution,Inc.receiveswrittenassurancetoitssatisfaction,that:
a.)theriskofinjuryordamagehasbeenminimized;
b.)theuserassumeallsuchrisks;and
c.)potentialliabilityofIntegratedSiliconSolution,Incisadequatelyprotectedunderthecircumstances
IS61WV25616EDBLL
IS64WV25616EDBLL
FEATURES
• High-speedaccesstime:8,10ns
• LowActivePower:85mW(typical)
• LowStandbyPower:7mW(typical)
CMOSstandby
• Singlepowersupply
—Vdd2.4Vto3.6V(10ns)
—Vdd 3.3V±10%(8ns)
• Fullystaticoperation:noclockorrefresh
required
• Threestateoutputs
• Datacontrolforupperandlowerbytes
• IndustrialandAutomotivetemperaturesupport
• Lead-freeavailable
• ErrorDetectionandErrorCorrection
256K x 16 HIGH SPEED ASYNCHRONOUS
CMOS STATIC RAM WITH ECC
DESCRIPTION
The
ISSI IS61/64WV25616EDBLL is ahigh-speed,
4,194,304-bit static RAMs organized as 262,144 words
by16bits.Itisfabricatedusing
ISSI'shigh-performance
CMOS technology.This highly reliable process coupled
with innovative circuit design techniques, yields high-
performanceandlowpowerconsumptiondevices.
When CE is HIGH (deselected), the device assumes a
standbymodeatwhichthepowerdissipationcanbere-
duceddownwithCMOSinputlevels.
EasymemoryexpansionisprovidedbyusingChipEnable
andOutputEnableinputs,CEandOE.TheactiveLOW
WriteEnable(WE)controlsbothwritingandreadingofthe
memory.AdatabyteallowsUpperByte(UB)andLower
Byte(LB)access.
TheIS61/64WV25616EDBLLispackagedintheJEDEC
standard44-pinTSOP-IIand48-pinMiniBGA(6mmx
8mm).
FUNCTIONAL BLOCK DIAGRAM
OCTOBER 2011
Memory
Lower IO
Array-
256Kx8
ECC
Array-
256K
x4
Decoder
I/O Data
Circuit
ECC
Column I/O
IO0-7
Control
Circuit
A0-A17
IO8-15
8
ECC
8
8
8
12
12
Memory
Upper IO
Array-
256Kx8
ECC
Array-
256K
x4
8
4
4
8
/CE
/OE
/WE
/UB
/LB


Similar Part No. - IS64WV25616EDBLL

ManufacturerPart #DatasheetDescription
logo
Integrated Silicon Solu...
IS64WV25616EDBLL ISSI-IS64WV25616EDBLL Datasheet
751Kb / 14P
   256K x 16 HIGH SPEED ASYNCHRONOUS CMOS STATIC RAM WITH ECC
IS64WV25616EDBLL-10BA1 ISSI-IS64WV25616EDBLL-10BA1 Datasheet
751Kb / 14P
   256K x 16 HIGH SPEED ASYNCHRONOUS CMOS STATIC RAM WITH ECC
IS64WV25616EDBLL-10BA3 ISSI-IS64WV25616EDBLL-10BA3 Datasheet
751Kb / 14P
   256K x 16 HIGH SPEED ASYNCHRONOUS CMOS STATIC RAM WITH ECC
IS64WV25616EDBLL-10BLA1 ISSI-IS64WV25616EDBLL-10BLA1 Datasheet
751Kb / 14P
   256K x 16 HIGH SPEED ASYNCHRONOUS CMOS STATIC RAM WITH ECC
IS64WV25616EDBLL-10BLA3 ISSI-IS64WV25616EDBLL-10BLA3 Datasheet
751Kb / 14P
   256K x 16 HIGH SPEED ASYNCHRONOUS CMOS STATIC RAM WITH ECC
More results

Similar Description - IS64WV25616EDBLL

ManufacturerPart #DatasheetDescription
logo
Integrated Silicon Solu...
IS62WV10248EALL ISSI-IS62WV10248EALL Datasheet
758Kb / 15P
   Data control for upper and lower bytes
logo
ATMEL Corporation
M67025E ATMEL-M67025E_14 Datasheet
694Kb / 27P
   Separate Upper Byte and Lower Byte Control for Multiplexed Bus Compatibility
logo
Molex Electronics Ltd.
130173-0036 MOLEX11-130173-0036 Datasheet
28Kb / 1P
   Aero-Motive Light Industrial Duty Retractor with Upper / Lower Bullard Hooks and Upper Shackle Assembly
130172-0095 MOLEX11-130172-0095 Datasheet
23Kb / 1P
   Aero-Motive Heavy Industrial Duty KA Balancer with Upper / Lower Bullard Hooks and Upper Shackle Assembly
130172-0558 MOLEX11-130172-0558 Datasheet
23Kb / 1P
   Aero-Motive Heavy Industrial Duty JA Balancer with Upper / Lower Bullard Hooks and Upper Shackle Assembly
130172-0560 MOLEX11-130172-0560 Datasheet
23Kb / 1P
   Aero-Motive Heavy Industrial Duty JA Balancer with Upper / Lower Bullard Hooks and Upper Shackle Assembly
130172-0584 MOLEX11-130172-0584 Datasheet
23Kb / 1P
   Aero-Motive Heavy Industrial Duty KA Balancer with Upper / Lower Bullard Hooks and Upper Shackle Assembly
logo
TE Connectivity Ltd
408-7894 TEC-408-7894 Datasheet
138Kb / 2P
   The clinching tool features an upper jaw and a lower jaw.
logo
Molex Electronics Ltd.
130172-0588 MOLEX11-130172-0588 Datasheet
23Kb / 1P
   Aero-Motive Heavy Industrial Duty LA Balancer with Upper / Lower Bullard Hooks and Upper Shackle Assembly
130172-0609 MOLEX11-130172-0609 Datasheet
23Kb / 1P
   Aero-Motive Heavy Industrial Duty LA Balancer with Upper / Lower Bullard Hooks and Upper Shackle Assembly
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com