Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IS65WV10248DALL Datasheet(PDF) 4 Page - Integrated Silicon Solution, Inc

Part # IS65WV10248DALL
Description  TTL compatible interface levels
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ISSI [Integrated Silicon Solution, Inc]
Direct Link  http://www.issi.com
Logo ISSI - Integrated Silicon Solution, Inc

IS65WV10248DALL Datasheet(HTML) 4 Page - Integrated Silicon Solution, Inc

  IS65WV10248DALL Datasheet HTML 1Page - Integrated Silicon Solution, Inc IS65WV10248DALL Datasheet HTML 2Page - Integrated Silicon Solution, Inc IS65WV10248DALL Datasheet HTML 3Page - Integrated Silicon Solution, Inc IS65WV10248DALL Datasheet HTML 4Page - Integrated Silicon Solution, Inc IS65WV10248DALL Datasheet HTML 5Page - Integrated Silicon Solution, Inc IS65WV10248DALL Datasheet HTML 6Page - Integrated Silicon Solution, Inc IS65WV10248DALL Datasheet HTML 7Page - Integrated Silicon Solution, Inc IS65WV10248DALL Datasheet HTML 8Page - Integrated Silicon Solution, Inc IS65WV10248DALL Datasheet HTML 9Page - Integrated Silicon Solution, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 15 page
background image
4
Integrated Silicon Solution, Inc. — www.issi.com — 1-800-379-4774
Rev. A
05/11/09
IS62WV10248DALL/BLL, IS65WV10248DALL/BLL
DC ELECTRICAL CHARACTERISTICS (OverOperatingRange)
Symbol Parameter
Test Conditions
VDD
Min.
Max.
Unit
Voh
OutputHIGHVoltage
Ioh = -0.1mA
1.65-2.2V
1.4
V
Ioh = -1mA
2.4-3.6V
1.8
V
VoL
OutputLOWVoltage
IoL = 0.1mA
1.65-2.2V
0.2
V
IoL = 1mA
2.4-3.6V
0.4
V
VIh
InputHIGHVoltage
1.65-2.2V
1.4
Vdd + 0.2
V
2.4-3.6V
2.0
Vdd + 0.3
V
VIL(1)
InputLOWVoltage
1.65-2.2V
–0.2
0.4
V
2.4-3.6V
–0.2
0.8
V
ILI
InputLeakage
GND≤ VIn ≤ Vdd
–1
1
µA
ILo
OutputLeakage
GND≤ Vout ≤ Vdd, OutputsDisabled
–1
1
µA
Notes:
1. VIL (min.) = –0.3V dC; VIL (min)=-2.0VAC(pulsewidth<10ns).Not100%tested.
VIh (max.) = Vdd + 0.3V dC; VIh (max) = Vdd+2.0VAC(pulsewidth<10ns).Not100%tested.
ABSOLUTE MAXIMUM RATINGS(1)
Symbol
Parameter
Value
Unit
Vterm
TerminalVoltagewithRespecttoGND
–0.2toVdd+0.3
V
tBIAS
TemperatureUnderBias
–40to+125
°C
Vdd
Vdd RelatedtoGND
–0.2to+3.8
V
tStg
StorageTemperature
–65to+150
°C
Pt
PowerDissipation
1.0
W
Note:
1.StressgreaterthanthoselistedunderABSOLUTEMAXIMUMRATINGSmaycausepermanentdamagetothe
device.Thisisastressratingonlyandfunctionaloperationofthedeviceattheseoranyotherconditionsabove
those indicated in the operational sections of this specification is not implied. Exposure to absolute maximum rat-
ing conditions for extended periods may affect reliability.


Similar Part No. - IS65WV10248DALL

ManufacturerPart #DatasheetDescription
logo
Integrated Silicon Solu...
IS65WV10248BLL ISSI-IS65WV10248BLL Datasheet
758Kb / 15P
   Data control for upper and lower bytes
IS65WV10248EALL ISSI-IS65WV10248EALL Datasheet
758Kb / 15P
   Data control for upper and lower bytes
More results

Similar Description - IS65WV10248DALL

ManufacturerPart #DatasheetDescription
logo
Integrated Silicon Solu...
IS62WV2568DALL ISSI-IS62WV2568DALL Datasheet
468Kb / 14P
   TTL compatible interface levels
IS62WV51216EALL ISSI-IS62WV51216EALL Datasheet
1Mb / 18P
   TTL compatible interface levels
IS62WV102416EALL ISSI-IS62WV102416EALL Datasheet
1Mb / 15P
   TTL compatible interface levels
IS62WV20488EALL ISSI-IS62WV20488EALL Datasheet
656Kb / 14P
   TTL compatible interface levels
IS62C5128BL ISSI-IS62C5128BL Datasheet
512Kb / 14P
   TTL compatible interface levels
logo
Nexperia B.V. All right...
74AHCT04A NEXPERIA-74AHCT04A Datasheet
171Kb / 12P
   Direct interface with TTL levels
logo
Lite-On Technology Corp...
LTDL-TA25B-T1 LITEON-LTDL-TA25B-T1 Datasheet
128Kb / 5P
   TTL INTERFACE COMPATIBLE
LTDL-TA16A LITEON-LTDL-TA16A Datasheet
209Kb / 4P
   TTL INTERFACE COMPATIBLE
LTDL-TA50A LITEON-LTDL-TA50A Datasheet
226Kb / 5P
   TTL INTERFACE COMPATIBLE
logo
Silicon Touch Technolog...
42-DL212B SITI-42-DL212B Datasheet
112Kb / 6P
   TTL interface compatible
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com