Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IS65WV102416DBLL Datasheet(PDF) 2 Page - Integrated Silicon Solution, Inc

Part # IS65WV102416DBLL
Description  Industrial and Automotive temperature support
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ISSI [Integrated Silicon Solution, Inc]
Direct Link  http://www.issi.com
Logo ISSI - Integrated Silicon Solution, Inc

IS65WV102416DBLL Datasheet(HTML) 2 Page - Integrated Silicon Solution, Inc

  IS65WV102416DBLL Datasheet HTML 1Page - Integrated Silicon Solution, Inc IS65WV102416DBLL Datasheet HTML 2Page - Integrated Silicon Solution, Inc IS65WV102416DBLL Datasheet HTML 3Page - Integrated Silicon Solution, Inc IS65WV102416DBLL Datasheet HTML 4Page - Integrated Silicon Solution, Inc IS65WV102416DBLL Datasheet HTML 5Page - Integrated Silicon Solution, Inc IS65WV102416DBLL Datasheet HTML 6Page - Integrated Silicon Solution, Inc IS65WV102416DBLL Datasheet HTML 7Page - Integrated Silicon Solution, Inc IS65WV102416DBLL Datasheet HTML 8Page - Integrated Silicon Solution, Inc IS65WV102416DBLL Datasheet HTML 9Page - Integrated Silicon Solution, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 15 page
background image
IS62/65WV102416DALL
IS62/65WV102416DBLL
Integrated Silicon Solution, Inc.- www.issi.com
2
Rev. A
12/12/2014
48-PIN TSOP-I
A15
1
48
A16
A14
2
47
A13
3
46
Vss
A12
4
45
I/O15/A20
A11
5
44
I/O7
A10
6
43
I/O14
A9
7
42
I/O6
A8
8
41
I/O13
A19
9
40
I/O5
NC
10
39
I/O12
11
38
I/O4
CS2
12
37
Vcc
NC
13
36
I/O11
14
35
I/O3
15
34
I/O10
A18
16
33
I/O2
A17
17
32
I/O9
A7
18
31
I/O1
A6
19
30
I/O8
A5
20
29
I/O0
A4
21
28
A3
22
27
Vss
A2
23
26
A1
24
25
A0
PIN DESCRIPTIONS
A0-A19
Address Inputs
I/O0-I/O14
Data Inputs/Outputs, I/O8 to I/O14 pins are not used in x8 Mode.
I/O15/A20
I/O15, when used in a x16 Mode. A20 when used in a x8 Mode,
, CS2
Chip Enable Input
Output Enable Input
Write Enable Input
Lower-byte Control (I/O0-I/O7). This pin is not used in x8 Mode.
Upper-byte Control (I/O8-I/O15). This pin is not used in x8 Mode.
pin must be tied to either VDD to use the device as a 1024Kx16
SRAM or GND to use as 2048Kx8 SRAM. In x8 mode, Pin 45
becomes A20, while
,
and I/O8 to I/O14 pins are not used.
NC
No Connection
VDD
Power
Vss
Ground
*For x8/x16 switchable configuration BGA option, please contact sram@issi.com


Similar Part No. - IS65WV102416DBLL

ManufacturerPart #DatasheetDescription
logo
Integrated Silicon Solu...
IS65WV102416BLL ISSI-IS65WV102416BLL Datasheet
187Kb / 17P
   1M x 16 HIGH-SPEED LOW POWER ASYNCHRONOUS CMOS STATIC RAM
IS65WV102416BLL-25MA3 ISSI-IS65WV102416BLL-25MA3 Datasheet
187Kb / 17P
   1M x 16 HIGH-SPEED LOW POWER ASYNCHRONOUS CMOS STATIC RAM
IS65WV102416BLL-25TA3 ISSI-IS65WV102416BLL-25TA3 Datasheet
187Kb / 17P
   1M x 16 HIGH-SPEED LOW POWER ASYNCHRONOUS CMOS STATIC RAM
IS65WV102416EALL ISSI-IS65WV102416EALL Datasheet
1Mb / 15P
   TTL compatible interface levels
IS65WV102416EBLL ISSI-IS65WV102416EBLL Datasheet
1Mb / 15P
   TTL compatible interface levels
More results

Similar Description - IS65WV102416DBLL

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
DP83849IDVS TI1-DP83849IDVS Datasheet
871Kb / 100P
[Old version datasheet]   PHYTER DUAL Industrial Temperature with Fiber Support
logo
Sumida Corporation
CBM5D33 SUMIDA-CBM5D33_16 Datasheet
238Kb / 2P
   Automotive and Industrial Applications
logo
AVX Corporation
NP30 AVX-NP30 Datasheet
401Kb / 10P
   Commercial, Industrial and Automotive Applications
logo
SMSC Corporation
LAN9215I SMSC-LAN9215I Datasheet
1Mb / 134P
   Highly Efficient Single-Chip 10/100 Ethernet Controller with HP Auto-MDIX and Industrial Temperature Support
LAN9215I SMSC-LAN9215I_07 Datasheet
1Mb / 138P
   Highly Efficient Single-Chip 10/100 Ethernet Controller with HP Auto-MDIX and Industrial Temperature Support
LAN9218I SMSC-LAN9218I_12 Datasheet
1Mb / 134P
   High-Performance Single-Chip 10/100 Ethernet Controller with HP Auto-MDIX and Industrial Temperature Support
LAN9215I SMSC-LAN9215I_12 Datasheet
1Mb / 139P
   16-bit Non-PCI 10/100 Ethernet Controller with HP Auto-MDIX and Industrial Temperature Support
LAN9218I SMSC-LAN9218I_07 Datasheet
1Mb / 133P
   High-Performance Single-Chip 10/100 Ethernet Controller with HP Auto-MDIX and Industrial Temperature Support
logo
List of Unclassifed Man...
015038 ETC2-015038 Datasheet
766Kb / 2P
   Industrial Temperature
logo
Nanya Technology Corpor...
NT5TU128M8HE NANYA-NT5TU128M8HE Datasheet
4Mb / 102P
   Commercial, Industrial and Automotive DDR2 1Gb SDRAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com