Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MB6M Datasheet(PDF) 1 Page - DONGGUAN YOU FENG WEI ELECTRONICS CO., LTD

Part # MB6M
Description  Miniature Glass Passivated Single-Phase Bridge Rectifier
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  YFWDIODE [DONGGUAN YOU FENG WEI ELECTRONICS CO., LTD]
Direct Link  http://www.yfwdiode.com/
Logo YFWDIODE - DONGGUAN YOU FENG WEI ELECTRONICS CO., LTD

MB6M Datasheet(HTML) 1 Page - DONGGUAN YOU FENG WEI ELECTRONICS CO., LTD

  MB6M Datasheet HTML 1Page - DONGGUAN YOU FENG WEI ELECTRONICS CO., LTD MB6M Datasheet HTML 2Page - DONGGUAN YOU FENG WEI ELECTRONICS CO., LTD  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
MB05M~MB10M
Miniature Glass Passivated Single-Phase Bridge Rectifier
Major Ratings and Characteristics
Features
Low profile space
Ideal for automated placement
Glass passivated chip junction
Low forward voltage drop
High forward surge capability
High temperature soldering
260
/10 seconds at terminals
Component in accordance to
RoHS 2002/95/1 and WEEE 2002/96/EC
Mechanical Date
Case: MBM Molded plastic
over glass passivated chip
Terminals: Solder plated, solderable per
J-STD-002B and JESD22-B102D
Polarity: Polarity symbols marked on body
Maximum Ratings & Thermal Characteristics & Electrical Characteristics
(TA = 25 °C unless otherwise noted)
Symbol
05M
1M
2M
4M
6M
8M
10M
UNIT
VRRM
50
100
200
400
600
800
1000
V
VRMS
35
70
140
280
420
560
700
V
VDC
50
100
200
400
600
800
1000
V
Maximum average forward output rectified current
-on glass-epoxy P.C.B(NOTE 1)
-on aluminum substrate(NOTE 2)
IFSM
A
VF
V
IR
A
CJ
p F
(NOTE 1)
R JA
(NOTE 2)
R JA
(NOTE 1)
R JL
TJ, TSTG
NOTE1:On glass epoxy P.C.B. mounted on 0.05×0.05
(1.3×1.3mm) pads
NOTE2:On aluminum substrate P.C.B. with an area of 0.8
0.8
(20×20mm) mounted on 0.05×0.05
(1.3×1.3mm) solder pad
13
/ W
A
0.5
0.8
35
1.0
5.0
500
85
70
20
–55 to +150
Maximum DC blocking voltage
Operating junction and storage temperature range
Typical junction capacitance per leg at 4.0 V ,1MHz
Maximum instantaneous forward voltage drop per leg at 0.4A
Thermal resistance per leg
Peak forward surge current 8.3 ms single half sine-wave
superimposed on rated load(JEDEC Method)
IF(AV)
Maximum DC reverse current at
rated DC blocking voltage per leg
TA = 25
TA = 125
Maximum RMS voltage
IF(AV)
0.5A
VRRM
IFSM
35 A
IR
5.0 A
50-1000V
1.0V
MB-
Maximum repetitive peak reverse voltage
VF
Tj max.
150 °C


Similar Part No. - MB6M

ManufacturerPart #DatasheetDescription
logo
GUANGDONG HOTTECH INDUS...
MB6M HOTTECH-MB6M Datasheet
165Kb / 2P
   0.8 AMP BRIDGE RECTIFIERS
logo
General Semiconductor
MB6M GE-MB6M Datasheet
37Kb / 2P
   MINIATURE GLASS PASSIVATED SINGLE-PHASE BRIDGE RECTIFIER
logo
Microdiode Electronics ...
MB6M CHENDA-MB6M Datasheet
564Kb / 3P
   0.5A Glass Passivated Bridge Rectifier
MB6M CHENDA-MB6M Datasheet
525Kb / 2P
   SINGLE PHASE GLASS PASSIVATED BRIDGE RECTIFIERS
logo
Shenzhen Yixinwei Techn...
MB6M YIXIN-MB6M Datasheet
215Kb / 2P
   Miniature Glass Passivated Single-Phase Bridge Rectifiers
More results

Similar Description - MB6M

ManufacturerPart #DatasheetDescription
logo
General Semiconductor
DF005M GE-DF005M Datasheet
93Kb / 2P
   MINIATURE GLASS PASSIVATED SINGLE-PHASE-BRIDGE RECTIFIER
B40C800DM GE-B40C800DM Datasheet
84Kb / 2P
   MINIATURE GLASS PASSIVATED SINGLE-PHASE BRIDGE RECTIFIER
MB2M GE-MB2M Datasheet
37Kb / 2P
   MINIATURE GLASS PASSIVATED SINGLE-PHASE BRIDGE RECTIFIER
logo
Semtech Corporation
DF01M SEMTECH-DF01M Datasheet
155Kb / 2P
   MINIATURE GLASS PASSIVATED SINGLE - PHASE - BRIDGE RECTIFIER
logo
DONGGUAN YOU FENG WEI E...
MB05M-MBM YFWDIODE-MB05M-MBM Datasheet
276Kb / 2P
   Miniature Glass Passivated Single-Phase Bridge Rectifier
MB1M-MBM YFWDIODE-MB1M-MBM Datasheet
556Kb / 2P
   MINIATURE GLASS PASSIVATED SINGLE-PHASE BRIDGE RECTIFIER
logo
New Jersey Semi-Conduct...
3N253 NJSEMI-3N253 Datasheet
121Kb / 1P
   MINIATURE GLASS PASSIVATED SINGLE PHASE SILICON BRIDGE RECTIFIER
W005G NJSEMI-W005G Datasheet
71Kb / 1P
   MINIATURE GLASS PASSIVATED SINGLE-PHASE SILICON BRIDGE RECTIFIER
logo
Vishay Siliconix
MBL104S VISHAY-MBL104S Datasheet
99Kb / 4P
   Miniature Glass Passivated Single-Phase Surface Mount Bridge Rectifier
Revision: 12-Apr-13
MB6S-E3 VISHAY-MB6S-E3 Datasheet
102Kb / 4P
   Miniature Glass Passivated Single-Phase Surface Mount Bridge Rectifier
Revision: 01-Feb-08
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com