Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

R2500 Datasheet(PDF) 1 Page - DONGGUAN YOU FENG WEI ELECTRONICS CO., LTD

Part # R2500
Description  HIGH VOLTAGE SILICON RECTIFIER
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  YFWDIODE [DONGGUAN YOU FENG WEI ELECTRONICS CO., LTD]
Direct Link  http://www.yfwdiode.com/
Logo YFWDIODE - DONGGUAN YOU FENG WEI ELECTRONICS CO., LTD

R2500 Datasheet(HTML) 1 Page - DONGGUAN YOU FENG WEI ELECTRONICS CO., LTD

  R2500 Datasheet HTML 1Page - DONGGUAN YOU FENG WEI ELECTRONICS CO., LTD R2500 Datasheet HTML 2Page - DONGGUAN YOU FENG WEI ELECTRONICS CO., LTD  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
FEATURES
Low leakage
High surge capability
 High current capability
High temperature soldering guaranteed:
at 5lbs. (2.3kg) tension.
MECHANICAL DATA
Case: Transfer molded plastic
Epoxy: UL94V - 0 rate flame retardant
Polarity: Color band denotes cathode end.
Lead: Plated slug, solderable per MIL - STD 202 E
method 208C
Mounting position: Any
Weight: 0.012 ounce, 0.33grams (DO-41)
0.014 ounce, 0.39 grams (DO-15)
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS
Ratings at 25 ambient temperature unless otherwise specified
Single phase, half wave, 60Hz, resistive or inductive load.
For capacitive load derate current by 20%
SYMBOLS R1200 R1500 R1800 R2000 R2500 R3000 R4000 R5000 UNIT
Maximum Repetitive Peak Reverse Voltage
VRRM
1200
 

    Volts
Maximum RMS Voltage
VRMS
840
        Volts
Maximum DC Blocking Voltage
VDC
1200
       Volts
Maximum Average Forward Rectified Current,
0.375" (9.5mm) Lead length at TA = 50

Peak Forward Surge Current
8.3ms single half sine - wave superimposed on
rated load (JEDEC method )
Maximum Instantaneous Forward
Volts
Voltage Drop at 0.5A / 0.2A
Maximum DC Reverse Current at rated TA = 25

DC blocking voltage
T
Maximum Full Load Reverse Current, full cycle
average 0.375" (9.5mm) lead length
at TL = 75

Operating and Storage Temperature Range
TJ, TSTG

IR(AV)

500

VF
 
 
VOLTAGE RANGE
1200 to 5000 Volts
CURRENT
0.2 - 0.5 Amperes
30
A
 

IFSM
Amps
260
/10 seconds. 0.375" (9.5mm) lead length
mA
HIGH VOLTAGE SILICON RECTIFIER
R1200
THRU
R5000
(-65 to +150)
 

IR
I(AV)


Similar Part No. - R2500

ManufacturerPart #DatasheetDescription
logo
Rectron Semiconductor
R2500 RECTRON-R2500 Datasheet
19Kb / 2P
   HIGH VOLTAGE SILICON RECTIFIER (VOLTAGE RANGE 2500 to 5000 Volts CURRENT 0.2 Ampere)
logo
WILLAS ELECTRONIC CORP
R2500 WILLAS-R2500 Datasheet
392Kb / 2P
   VOLTAGE RANGE 2500 to 5000 Volts CURRENT 0.2 Ampere
logo
Nantong Hornby Electron...
R2500 HORNBY-R2500 Datasheet
198Kb / 3P
   HIGH VOLTAGE SILICON RECTIFIER
logo
Bytes
R2500 BYTES-R2500 Datasheet
145Kb / 2P
   HIGH VOLTAGE SILICON RECTIFIERS
logo
Shenzhen Luguang Electr...
R2500 LUGUANG-R2500 Datasheet
199Kb / 2P
   High Voltage Rectifiers
More results

Similar Description - R2500

ManufacturerPart #DatasheetDescription
logo
Zowie Technology Corpor...
R1200 ZOWIE-R1200 Datasheet
41Kb / 2P
   HIGH VOLTAGE SILICON RECTIFIER
logo
Frontier Electronics.
GP02-25-LFR FRONTIER-GP02-25-LFR Datasheet
130Kb / 2P
   HIGH VOLTAGE SILICON RECTIFIER
logo
DONGGUAN YOU FENG WEI E...
R1200-DO-41 YFWDIODE-R1200-DO-41 Datasheet
330Kb / 2P
   HIGH VOLTAGE SILICON RECTIFIER
logo
MIC GROUP RECTIFIERS
R1200 MIC-R1200 Datasheet
172Kb / 2P
   HIGH VOLTAGE SILICON RECTIFIER
logo
Chongqing Pingwei Enter...
SHV03 CHONGQING-SHV03 Datasheet
37Kb / 1P
   HIGH VOLTAGE SILICON RECTIFIER
logo
New Jersey Semi-Conduct...
TV6 NJSEMI-TV6 Datasheet
48Kb / 2P
   High Voltage Silicon Rectifier
logo
Edal Industries, Inc.
B656 EDAL-B656 Datasheet
47Kb / 1P
   SILICON HIGH VOLTAGE RECTIFIER
logo
Diotech Company.
R1200 DIOTECH-R1200 Datasheet
833Kb / 2P
   HIGH VOLTAGE SILICON RECTIFIER
logo
DONGGUAN YOU FENG WEI E...
R1200-DO41 YFWDIODE-R1200-DO41 Datasheet
302Kb / 2P
   HIGH VOLTAGE SILICON RECTIFIER
logo
Diotech Company.
R2500 DIOTECH-R2500 Datasheet
704Kb / 2P
   HIGH VOLTAGE SILICON RECTIFIER
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com