Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IS66WV51216EBLL Datasheet(PDF) 7 Page - Integrated Silicon Solution, Inc

Part # IS66WV51216EBLL
Description  Three state outputs
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ISSI [Integrated Silicon Solution, Inc]
Direct Link  http://www.issi.com
Logo ISSI - Integrated Silicon Solution, Inc

IS66WV51216EBLL Datasheet(HTML) 7 Page - Integrated Silicon Solution, Inc

Back Button IS66WV51216EBLL Datasheet HTML 3Page - Integrated Silicon Solution, Inc IS66WV51216EBLL Datasheet HTML 4Page - Integrated Silicon Solution, Inc IS66WV51216EBLL Datasheet HTML 5Page - Integrated Silicon Solution, Inc IS66WV51216EBLL Datasheet HTML 6Page - Integrated Silicon Solution, Inc IS66WV51216EBLL Datasheet HTML 7Page - Integrated Silicon Solution, Inc IS66WV51216EBLL Datasheet HTML 8Page - Integrated Silicon Solution, Inc IS66WV51216EBLL Datasheet HTML 9Page - Integrated Silicon Solution, Inc IS66WV51216EBLL Datasheet HTML 10Page - Integrated Silicon Solution, Inc IS66WV51216EBLL Datasheet HTML 11Page - Integrated Silicon Solution, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 17 page
background image
Integrated Silicon Solution, Inc. — www.issi.com
7
Rev. 00A
11/22/2013
IS66WV51216EALL
IS66/67WV51216EBLL
2.5V-3.6V POWER SUPPLY CHARACTERISTICS (OverOperatingRange)
Symbol
Parameter
Test Conditions
Max.
Unit
55ns
Icc
Vdd DynamicOperating Vdd = Max.,
Com.
25
mA
Supply Current
Iout = 0 mA, f = fmAX
Ind.
28
All Inputs 0.4V
Auto.
35
or Vdd – 0.3V
typ.(2)
15
Icc1
OperatingSupply
Vdd = Max., CS1 = 0.2V Com.
5
mA
Current
WE
= Vdd – 0.2V
Ind.
5
CS2 = Vdd – 0.2V, f = 1mHzAuto.
10
ISB1
TTLStandbyCurrent
Vdd = Max.,
Com.
0.6
mA
(TTLInputs)
VIn = VIH or VIL
Ind.
0.6
CS1
= VIH , CS2 = VIL,
Auto.
1
f=1MHz
ISB2
CMOSStandby
Vdd = Max.,
Com.
100
μA
Current(CMOSInputs) CS1 ≥ Vdd – 0.2V,
Ind.
130
CS2 ≤ 0.2V,
Auto.
150
VIn ≥ Vdd – 0.2V, or
typ.(2)
75
VIn ≤ 0.2V, f = 0
Note:
1. At f = fmAX, address and data inputs are cycling at the maximum frequency, f = 0 means no input lines change.
2.TypicalvaluesaremeasuredatVdd=3.0V,TA = 25oC and not 100% tested.


Similar Part No. - IS66WV51216EBLL

ManufacturerPart #DatasheetDescription
logo
Integrated Silicon Solu...
IS66WV51216ALL ISSI-IS66WV51216ALL Datasheet
500Kb / 16P
   8Mb LOW VOLTAGE, ULTRA LOW POWER PSEUDO CMOS STATIC RAM
IS66WV51216ALL-70BLI ISSI-IS66WV51216ALL-70BLI Datasheet
500Kb / 16P
   8Mb LOW VOLTAGE, ULTRA LOW POWER PSEUDO CMOS STATIC RAM
IS66WV51216ALL-70TLI ISSI-IS66WV51216ALL-70TLI Datasheet
500Kb / 16P
   8Mb LOW VOLTAGE, ULTRA LOW POWER PSEUDO CMOS STATIC RAM
IS66WV51216BLL ISSI-IS66WV51216BLL Datasheet
500Kb / 16P
   8Mb LOW VOLTAGE, ULTRA LOW POWER PSEUDO CMOS STATIC RAM
IS66WV51216BLL-55BLI ISSI-IS66WV51216BLL-55BLI Datasheet
500Kb / 16P
   8Mb LOW VOLTAGE, ULTRA LOW POWER PSEUDO CMOS STATIC RAM
More results

Similar Description - IS66WV51216EBLL

ManufacturerPart #DatasheetDescription
logo
IK Semicon Co., Ltd
ILX485 IKSEMICON-ILX485 Datasheet
485Kb / 8P
   Three-State Outputs
logo
Integrated Silicon Solu...
IS62WV2568EALL ISSI-IS62WV2568EALL Datasheet
869Kb / 16P
   Three state outputs
IS62WV12816EALL ISSI-IS62WV12816EALL Datasheet
1Mb / 17P
   Three state outputs
logo
Micross Components
AS5C4009 MICROSS-AS5C4009 Datasheet
162Kb / 12P
   Three state outputs
logo
Renesas Technology Corp
HD74LS367A RENESAS-HD74LS367A Datasheet
63Kb / 6P
   (non-inverted data outputs with three-state outputs)
logo
Aeroflex Circuit Techno...
UT54ACTS245E AEROFLEX-UT54ACTS245E Datasheet
117Kb / 9P
   Octal Bus Transceiver with Three-State Outputs
logo
Advanced Micro Devices
AM74S350 AMD-AM74S350 Datasheet
106Kb / 2P
   Four-Bit Shifter With Three-State Outputs
AM25LS374A AMD-AM25LS374A Datasheet
313Kb / 5P
   8-Bit Registers with Three-State Outputs
logo
Hitachi Semiconductor
HD74LS242 HITACHI-HD74LS242 Datasheet
58Kb / 6P
   Quadruple Bus Transceivers(with three-state outputs)
HD74LS366A HITACHI-HD74LS366A Datasheet
49Kb / 5P
   Hex Bus Drivers(with three-state outputs)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com