Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IS66WVC4M16ALL Datasheet(PDF) 2 Page - Integrated Silicon Solution, Inc

Part # IS66WVC4M16ALL
Description  Mixed Mode supports asynchronous write and synchronous read operation
Download  67 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ISSI [Integrated Silicon Solution, Inc]
Direct Link  http://www.issi.com
Logo ISSI - Integrated Silicon Solution, Inc

IS66WVC4M16ALL Datasheet(HTML) 2 Page - Integrated Silicon Solution, Inc

  IS66WVC4M16ALL Datasheet HTML 1Page - Integrated Silicon Solution, Inc IS66WVC4M16ALL Datasheet HTML 2Page - Integrated Silicon Solution, Inc IS66WVC4M16ALL Datasheet HTML 3Page - Integrated Silicon Solution, Inc IS66WVC4M16ALL Datasheet HTML 4Page - Integrated Silicon Solution, Inc IS66WVC4M16ALL Datasheet HTML 5Page - Integrated Silicon Solution, Inc IS66WVC4M16ALL Datasheet HTML 6Page - Integrated Silicon Solution, Inc IS66WVC4M16ALL Datasheet HTML 7Page - Integrated Silicon Solution, Inc IS66WVC4M16ALL Datasheet HTML 8Page - Integrated Silicon Solution, Inc IS66WVC4M16ALL Datasheet HTML 9Page - Integrated Silicon Solution, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 67 page
background image
IS66WVC4M16ALL
IS67WVC4M16ALL
2
Rev. B | July 2012
www.issi.com – SRAM@issi.com
General Description
CellularRAM™ (Trademark of MicronTechnology Inc.) products are high-speed, CMOS
pseudo-static random access memory developed for low-power, portable applications.
The 64Mb DRAM core device is organized as 4 Meg x 16 bits. This device is a variation of
the industry-standard Flash control interface that dramatically increase READ/WRITE
bandwidth compared with other low-power SRAM or Pseudo SRAM offerings.
To operate seamlessly on a burst Flash bus, CellularRAM products have incorporated a
transparent self-refresh mechanism. The hidden refresh requires no additional support
from the system memory controller and has no significant impact on device read/write
performance.
Two user-accessible control registers define device operation. The bus configuration
register (BCR) defines how the CellularRAM device interacts with the system memory
bus and is nearly identical to its counterpart on burst mode Flash devices.
The refresh configuration register (RCR) is used to control how refresh is performed on
the DRAM array. These registers are automatically loaded with default settings during
power-up and can be updated anytime during normal operation.
Special attention has been focused on standby current consumption during self refresh.
CellularRAM products include three mechanisms to minimize standby current. Partial
array refresh (PAR) enables the system to limit refresh to only that part of the DRAM
array that contains essential data. Temperature-compensated refresh (TCR) uses an
on-chip sensor to adjust the refresh rate to match the device temperature — the refresh
rate decreases at lower temperatures to minimize current consumption during standby.
Deep power-down (DPD) enables the system to halt the refresh operation altogether
when no vital information is stored in the device. The system-configurable refresh
mechanisms are adjusted through the RCR.
This CellularRAM device is compliant with the industry-standard CellularRAM 1.5
feature set established by the CellularRAM Workgroup. It includes support for both
variable and fixed latency, with three drive strengths, a variety of wrap options, and a
device ID register (DIDR).
[ Functional Block Diagram]
Address
Decode Logic
Refresh
Configuration Register
(RCR)
Bus
Configuration Register
(BCR)
4096K X 16
DRAM
Memory Array
Input
/Output
Mux
And
Buffers
DQ0~DQ15
A0~A21
Device ID Register
(DIDR)
Control
Logic
CE#
WE#
OE#
CLK
ADV#
CRE
LB#
UB#
WAIT


Similar Part No. - IS66WVC4M16ALL

ManufacturerPart #DatasheetDescription
logo
Integrated Silicon Solu...
IS66WVC1M16ALL ISSI-IS66WVC1M16ALL Datasheet
1Mb / 67P
   Mixed Mode supports asynchronous write and synchronous read operation
IS66WVC2M16ALL ISSI-IS66WVC2M16ALL Datasheet
1Mb / 67P
   Mixed Mode supports asynchronous write and synchronous read operation
More results

Similar Description - IS66WVC4M16ALL

ManufacturerPart #DatasheetDescription
logo
Integrated Silicon Solu...
IS66WVC2M16ALL ISSI-IS66WVC2M16ALL Datasheet
1Mb / 67P
   Mixed Mode supports asynchronous write and synchronous read operation
IS66WVC1M16ALL ISSI-IS66WVC1M16ALL Datasheet
1Mb / 67P
   Mixed Mode supports asynchronous write and synchronous read operation
logo
ATMEL Corporation
M67204H ATMEL-M67204H_14 Datasheet
1Mb / 4P
   Asynchronous Read/Write Operations
logo
Integrated Silicon Solu...
IS61DDB42M18A ISSI-IS61DDB42M18A Datasheet
807Kb / 32P
   Synchronous pipeline read with late write operation
IS61DDB44M18A ISSI-IS61DDB44M18A Datasheet
814Kb / 31P
   Synchronous pipeline read with late write operation
IS61QDB42M18A ISSI-IS61QDB42M18A Datasheet
798Kb / 30P
   Synchronous pipeline read with late write operation
IS66WVD4M16ALL ISSI-IS66WVD4M16ALL Datasheet
946Kb / 52P
   Single device supports asynchronous and burst operation
IS66WVD1M16ALL ISSI-IS66WVD1M16ALL Datasheet
1Mb / 52P
   Single device supports asynchronous and burst operation
IS66WVD2M16ALL ISSI-IS66WVD2M16ALL Datasheet
945Kb / 52P
   Single device supports asynchronous and burst operation
IS66WVD2M16DALL ISSI-IS66WVD2M16DALL Datasheet
966Kb / 52P
   Single device supports asynchronous and burst operation
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com